Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XE3006I019 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # XE3006I019
Description  Low-Power Audio CODEC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

XE3006I019 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button XE3006I019 Datasheet HTML 5Page - List of Unclassifed Manufacturers XE3006I019 Datasheet HTML 6Page - List of Unclassifed Manufacturers XE3006I019 Datasheet HTML 7Page - List of Unclassifed Manufacturers XE3006I019 Datasheet HTML 8Page - List of Unclassifed Manufacturers XE3006I019 Datasheet HTML 9Page - List of Unclassifed Manufacturers XE3006I019 Datasheet HTML 10Page - List of Unclassifed Manufacturers XE3006I019 Datasheet HTML 11Page - List of Unclassifed Manufacturers XE3006I019 Datasheet HTML 12Page - List of Unclassifed Manufacturers XE3006I019 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Data Sheet
XE3005/XE3006
9
D0212-116
2.1.9
Sandman™ DAC Function
The Sandman™ function monitors the signals, which are processed in the ADC signal, channel and the DAC
signal channel. The logic output signal SMDA indicates whether the DAC signal channel processes an audio
signal or only noise, and this for certain duration. The reference signal amplitude can be selected through register
P, the time window parameters are the off time and on time (registers L, M and N).
Serial Audio
Interface
BCLK
FSYNC
SDI
PWM
DAC
Power
amplifier
AOUTP
AOUTN
VDDPA
VSSPA
SMDA
Sandman
Interface
Reg I, bit 4
Figure 8: Implementation of the Sandman function for the DAC (SMDA)
The logic output SMDA can be employed to power-down other devices in the application, such as an external
audio power amplifier. By setting bit 4 in register I, the on-chip DAC signal channel can be powered-down through
SMDA too. The Sandman™ function is illustrated in Figure 9 and is valid for both SMAD (related to the ADC
signal) and SMDA (related to the DAC signal).
off-time
on-time
AIN/SDO
(AOUT/SDI)
SMAD
(SMDA)
On-time counter
Off-time counter
+ reference
- reference
Time step = 1/fs = 1/FSYNC
12
9
38
7
6
45
10 time
Figure 9: Illustration of the Sandman™ function.
The above illustration is valid for either the SMAD output as a result of AIN/SDO or for the SMDA output as a
function of AOUT/SDI.


Similar Part No. - XE3006I019

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
XE3006 SEMTECH-XE3006 Datasheet
379Kb / 37P
   Low-Power Audio CODEC
More results

Similar Description - XE3006I019

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2604 AD-SSM2604 Datasheet
490Kb / 28P
   Low Power Audio Codec
REV. 0
SSM2602 AD-SSM2602_08 Datasheet
659Kb / 32P
   Low Power Audio Codec
REV. 0
logo
Suzhou Everest Semicond...
ES8316 EVEREST-ES8316 Datasheet
693Kb / 12P
   Low Power Audio CODEC
logo
Analog Devices
SSM2604 AD-SSM2604_17 Datasheet
490Kb / 29P
   Low Power Audio Codec
SSM2604 AD-SSM2604_18 Datasheet
439Kb / 28P
   Low Power Audio Codec
SSM2603 AD-SSM2603_18 Datasheet
504Kb / 31P
   Low Power Audio Codec
SSM2603 AD-SSM2603_17 Datasheet
585Kb / 33P
   Low Power Audio Codec
SSM2602 AD-SSM2602 Datasheet
611Kb / 28P
   Low Power Audio Codec
Rev. PrB
logo
Suzhou Everest Semicond...
ES8388S EVEREST-ES8388S Datasheet
855Kb / 29P
   Low Power Audio CODEC
ES8323S EVEREST-ES8323S Datasheet
857Kb / 28P
   Low Power Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com