Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XE3006 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # XE3006
Description  Low-Power Audio CODEC
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

XE3006 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button XE3006 Datasheet HTML 2Page - List of Unclassifed Manufacturers XE3006 Datasheet HTML 3Page - List of Unclassifed Manufacturers XE3006 Datasheet HTML 4Page - List of Unclassifed Manufacturers XE3006 Datasheet HTML 5Page - List of Unclassifed Manufacturers XE3006 Datasheet HTML 6Page - List of Unclassifed Manufacturers XE3006 Datasheet HTML 7Page - List of Unclassifed Manufacturers XE3006 Datasheet HTML 8Page - List of Unclassifed Manufacturers XE3006 Datasheet HTML 9Page - List of Unclassifed Manufacturers XE3006 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
Data Sheet
XE3005/XE3006
6
D0212-116
2.1.3
DAC Signal Channel
The DAC is based on a multi bit sigma-delta modulator, which operates at a frequency of 8 times the sampling
rate. The outputs of the modulator are 2’s complement words of 6 bit. A pulse-width modulator (PWM) converts
the 6 bit words into 2 single bit streams at 256 times the sampling frequency. Finally the 2 bit streams are
supplied to the power amplifier. The Power Amplifier is a Class D amplifier, which offers higher efficiency than the
traditional Class AB topologies. It uses a three-state unbalanced PWM. This means that both channels of the PA
(AOUTP and AOUTN) will not switch at the same time, therefore the outputs are not purely differential (see figure
5 and 6)
From Serial Audio
Interface
P
N
bit streams
@ 256xFsync
Interpolator
&
Modulator
dac_in(15:0)
@ Fsync
pwm_in(5:0)
@ 8xFsync
Power
Amplifier
s
s = 1 s = 0
P
N
P
N
VSSPA
VDDPA
Pulse Width
Modulator
AOUTP
AOUTN
XE3005/6
Figure 5: DAC block diagram
Figure 6 shows the relation of input and output samples of the PWM (The timing diagram is not to scale in the
time-axis).
pwm_in(5:0) = -1
P
N
OUTP-OUTN
1/(256 x Fsync)
2/(256 x Fsync)
pwm_in(5:0) = 1
pwm_in(5:0) = 0
pwm_in(5:0) = 2
1/(8 x Fsync)
1
0
1
0
VDDPA
VSSPA
-VDDPA
1/(256 x Fsync)
Figure 6: examples PWM in and out (not to scale)
The DAC receives 16-bit wide 2’s complement format through the Serial Audio Interface. The protocol can be
selected through register J. The complete DAC and PA amplifier chain can be powered-down through register I.


Similar Part No. - XE3006

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
XE3006 SEMTECH-XE3006 Datasheet
379Kb / 37P
   Low-Power Audio CODEC
More results

Similar Description - XE3006

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2604 AD-SSM2604 Datasheet
490Kb / 28P
   Low Power Audio Codec
REV. 0
SSM2602 AD-SSM2602_08 Datasheet
659Kb / 32P
   Low Power Audio Codec
REV. 0
logo
Suzhou Everest Semicond...
ES8316 EVEREST-ES8316 Datasheet
693Kb / 12P
   Low Power Audio CODEC
logo
Analog Devices
SSM2604 AD-SSM2604_17 Datasheet
490Kb / 29P
   Low Power Audio Codec
SSM2604 AD-SSM2604_18 Datasheet
439Kb / 28P
   Low Power Audio Codec
SSM2603 AD-SSM2603_18 Datasheet
504Kb / 31P
   Low Power Audio Codec
SSM2603 AD-SSM2603_17 Datasheet
585Kb / 33P
   Low Power Audio Codec
SSM2602 AD-SSM2602 Datasheet
611Kb / 28P
   Low Power Audio Codec
Rev. PrB
logo
Suzhou Everest Semicond...
ES8388S EVEREST-ES8388S Datasheet
855Kb / 29P
   Low Power Audio CODEC
ES8323S EVEREST-ES8323S Datasheet
857Kb / 28P
   Low Power Audio CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com