Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRE306 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # VRE306
Description  Low Cost Precision Reference
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VRE306 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  VRE306 Datasheet HTML 1Page - List of Unclassifed Manufacturers VRE306 Datasheet HTML 2Page - List of Unclassifed Manufacturers VRE306 Datasheet HTML 3Page - List of Unclassifed Manufacturers VRE306 Datasheet HTML 4Page - List of Unclassifed Manufacturers VRE306 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
VRE306DS REV. B MAY 2001
MECHANICAL
FIGURE 4
FIGURE 3
DIM
MIN
MAX
MIN
MAX
DIM
MIN
MAX MIN
MAX
A
.115
.125
2.92
3.17
E
.397
.403
10.0
10.2
B
.018
.022
.457
.558
E1
.264
.270
6.70
6.85
B1
.046
.051
1.14
1.29
G1
.290
.310
7.36
7.87
B2
.098
.102
2.48
2.59
L
.195
.215
4.95
5.46
C
.009
.012
0.22
0.30
P
.085
.095
2.15
2.41
D
.397
.403
10.0
10.2
Q
.055
.065
1.39
1.65
D 1
.372
.380
9.44
9.65
S
.045
.055
1.14
1.39
INCHES
MILLIMETER
INCHES
MILLIMETER
INCHES
MILLIMETER
DIM
MIN
MAX
MIN
MAX
DIM
MIN
MAX
MIN
MAX
A
.115
.125
2.92
3.17
D2
.018
.023
0.46
0.58
B
.098
.102
2.48
2.59
E
.507
.513
12.8
13.0
B1
.046
.051
1.14
1.29
E1
.397
.403
10.0
10.2
C
.107
.113
2.71
2.89
E2
.264
.270
6.70
6.85
C1
.009
.012
0.22
0.30
P
.085
.095
2.15
2.41
C2
.052
.058
1.32
1.47
Q
.020
.030
.508
.762
D
.397
.403
10.0
10.2
S
.045
.055
1.14
1.39
D1
.372
.380
9.44
9.65
INCHES
MILLIMETER
D2
E
E1
E2
PIN 1 IDENTIFIER
D
D1
BASE
SEATING
A
Q
B
B1
S
E1
C1
C
C2
P


Similar Part No. - VRE306

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE306 ETC-VRE306 Datasheet
2Mb / 41P
   Low Cost Precision Reference
logo
Cirrus Logic
VRE306 CIRRUS-VRE306 Datasheet
539Kb / 4P
   Precision Voltage Reference
logo
List of Unclassifed Man...
VRE306A ETC-VRE306A Datasheet
2Mb / 41P
   Low Cost Precision Reference
logo
Cirrus Logic
VRE306A CIRRUS-VRE306A Datasheet
539Kb / 4P
   Precision Voltage Reference
logo
List of Unclassifed Man...
VRE306C ETC-VRE306C Datasheet
2Mb / 41P
   Low Cost Precision Reference
More results

Similar Description - VRE306

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE3041 ETC1-VRE3041 Datasheet
187Kb / 8P
   Low Cost Precision Reference
VRE302 ETC-VRE302 Datasheet
2Mb / 41P
   Low Cost Precision Reference
VRE3021 ETC-VRE3021 Datasheet
188Kb / 8P
   Low Cost Precision Reference
VRE3025 ETC1-VRE3025 Datasheet
199Kb / 8P
   Low Cost Precision Reference
VRE310 ETC-VRE310 Datasheet
420Kb / 5P
   Low Cost Precision Reference
VRE304 ETC1-VRE304 Datasheet
330Kb / 5P
   Low Cost Precision Reference
VRE3050 ETC-VRE3050 Datasheet
188Kb / 8P
   VRE3050 Low Cost Precision Reference
logo
Maxim Integrated Produc...
MAX6120 MAXIM-MAX6120 Datasheet
86Kb / 6P
   Low-Cost, Micropower, Precision, 3-Terminal, 1.2V Voltage Reference
Rev 1; 9/96
logo
ON Semiconductor
MC1403 ONSEMI-MC1403 Datasheet
125Kb / 8P
   PRECISION LOW VOLTAGE REFERENCE
REV 1
logo
Analog Devices
AD680ARZ-REEL AD-AD680ARZ-REEL Datasheet
399Kb / 12P
   Low Power, Low Cost 2.5 V Reference
Rev. H
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com