Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U2795B-MFPG3 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # U2795B-MFPG3
Description  2.5-GHz Double balanced Mixer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

U2795B-MFPG3 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button U2795B-MFPG3 Datasheet HTML 3Page - ATMEL Corporation U2795B-MFPG3 Datasheet HTML 4Page - ATMEL Corporation U2795B-MFPG3 Datasheet HTML 5Page - ATMEL Corporation U2795B-MFPG3 Datasheet HTML 6Page - ATMEL Corporation U2795B-MFPG3 Datasheet HTML 7Page - ATMEL Corporation U2795B-MFPG3 Datasheet HTML 8Page - ATMEL Corporation U2795B-MFPG3 Datasheet HTML 9Page - ATMEL Corporation U2795B-MFPG3 Datasheet HTML 10Page - ATMEL Corporation U2795B-MFPG3 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
U2795B
4654A–CELL–01/03
Figure 7. Gain versus IF Output Frequency, LO Level: -6 dBm, RF: 130 MHz, -35 dBm;
Parameter: RF Input Termination
Figure 8. IIP3 versus IF Output Frequency, LO Level: -6 dBm; RF: 130 MHz/
130.1 MHz, -35 dBm; Parameter: RF Input Termination
0
500
1000
1500
2000
-2
2
6
10
14
18
IF (MHz)
2500
with RF input matching
L
S = 220 nH, Cp = 4.7 pF
without R
T
with R
T = 56 W
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
0
500
1000
1500
2000
2500
IF (MHz)
with RT = 56 W
with RF input matching
LS = 220 nH, Cp = 4.7 pF
without RT


Similar Part No. - U2795B-MFPG3

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2795B-FP TEMIC-U2795B-FP Datasheet
350Kb / 13P
   2.5-GHz Double Balanced Mixer
More results

Similar Description - U2795B-MFPG3

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
U2795B TEMIC-U2795B Datasheet
350Kb / 13P
   2.5-GHz Double Balanced Mixer
logo
Hittite Microwave Corpo...
HMC170C8 HITTITE-HMC170C8_08 Datasheet
229Kb / 4P
   GaAs MMIC SMT DOUBLE-BALANCED MIXER, 2.5 - 4 GHz
logo
List of Unclassifed Man...
SGM-2-17 ETC1-SGM-2-17 Datasheet
253Kb / 4P
   DOUBLE-BALANCED MIXER DOUBLE-BALANCED MIXER
logo
Hittite Microwave Corpo...
HMC216MS8 HITTITE-HMC216MS8_06 Datasheet
240Kb / 6P
   GaAs MMIC SMT DOUBLE-BALANCED FET MIXER, 1.3 - 2.5 GHz
HMC216MS8 HITTITE-HMC216MS8 Datasheet
176Kb / 6P
   GaAs MMIC SMT DOUBLE-BALANCED FET MIXER, 1.3 - 2.5 GHz
HMC412MS8G HITTITE-HMC412MS8G_10 Datasheet
498Kb / 6P
   DOUBLE-BALANCED MIXER, 9 - 15 GHz
logo
Broadcom Corporation.
AMMC-3041 BOARDCOM-AMMC-3041 Datasheet
520Kb / 5P
   18 - 42 GHz Double Balanced Mixer
logo
Hittite Microwave Corpo...
HMC412MS8G HITTITE-HMC412MS8G Datasheet
208Kb / 6P
   DOUBLE-BALANCED MIXER, 9.0 - 15.0 GHz
logo
Tyco Electronics
MD-123 MACOM-MD-123 Datasheet
167Kb / 3P
   Double-Balanced Mixer, 10Mhz - 3 GHz
logo
HBH Microwave GmbH
HX5006 HBH-HX5006 Datasheet
67Kb / 3P
   9 - 11 GHz Double Balanced Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com