Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME8834BEEV280Y Datasheet(PDF) 1 Page - Analog Microelectronics

Part # AME8834BEEV280Y
Description  High PSRR, 150mA CMOS LDO
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME8834BEEV280Y Datasheet(HTML) 1 Page - Analog Microelectronics

  AME8834BEEV280Y Datasheet HTML 1Page - Analog Microelectronics AME8834BEEV280Y Datasheet HTML 2Page - Analog Microelectronics AME8834BEEV280Y Datasheet HTML 3Page - Analog Microelectronics AME8834BEEV280Y Datasheet HTML 4Page - Analog Microelectronics AME8834BEEV280Y Datasheet HTML 5Page - Analog Microelectronics AME8834BEEV280Y Datasheet HTML 6Page - Analog Microelectronics AME8834BEEV280Y Datasheet HTML 7Page - Analog Microelectronics AME8834BEEV280Y Datasheet HTML 8Page - Analog Microelectronics AME8834BEEV280Y Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AME, Inc.
1
AME8833/8834
High PSRR, 150mA CMOS LDO
n Typical Application
n Functional Block Diagram
l Stable with only 0.22µF output Cap
l Very Low Dropout Voltage
l Guaranteed 150mA Output
l Accurate to within 1.0%
l 50µA Quiescent Current
l Over-Temperature Shutdown
l Current Limiting
l Short Circuit Current Fold-back
l Excellent PSRR (Typ. 70dB)
l Power-Saving Shutdown Mode
l Ultra-small SC-70 and SOT-25-L Package
l Factory Pre-set Output Voltages
l Low Temperature Coefficient
l Input Voltage Range (2V - 5.5V)
The AME8833 family of positive, linear regulators fea-
ture low quiescent current (50
µA typ.) low dropout volt-
age and excellent PSRR, thus making them ideal for Tele-
communications and other battery applications. The ul-
tra-small SC-70 package is attractive for "Pocket" and
"Hand Held" applications.
AME8834’s output voltage can be adjusted with an
external resister divider.
These rugged devices have both Thermal Shutdown,
and Current Fold-back to prevent device failure under the
"Worst" of operating conditions.
As an additional feature, the AME8833/8834 is stable
with an output capacitance of just extended 0.22
µF or
greater.
l Cellular Phones
l Instrumentation
l Portable Electronics
l Wireless Devices
l Cordless Phones
l PC Peripherals
l Battery Powered Widgets
l Electronic Scales
l Cameras
l Telecommunications
n General Description
n Features
n Applications
0.22
µµµµF
OUT
IN
C2
AME8833
GND
OUT
SHDN
IN
C1
1
µµµµF
OUT
IN
C2
AME8834
GND
OUT
SHDN
IN
C1
R1
V
REF
R2
GND
OUT
IN
Overcurrent
Shutdown
Thermal
Shutdown
SHDN
Vref
AMP
R1
R2
-
+


Similar Part No. - AME8834BEEV280Y

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8834 AME-AME8834 Datasheet
284Kb / 14P
   High PSRR, 150mA CMOS LDO
More results

Similar Description - AME8834BEEV280Y

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME8838 AME-AME8838 Datasheet
279Kb / 19P
   High PSRR, 150mA CMOS LDO
AME8833 AME-AME8833 Datasheet
284Kb / 14P
   High PSRR, 150mA CMOS LDO
AME8820 AME-AME8820 Datasheet
156Kb / 14P
   High PSRR, CSP, 150mA CMOS LDO
logo
Micrel Semiconductor
MIC5252 MICREL-MIC5252 Datasheet
86Kb / 9P
   150MA HIGH PSRR LOW NOISE UCAP CMOS LDO
logo
Holtek Semiconductor In...
HT75B15 HOLTEK-HT75B15 Datasheet
2Mb / 15P
   High PSRR 150mA LDO Regulator
logo
Micrel Semiconductor
MIC5252 MICREL-MIC5252_04 Datasheet
647Kb / 9P
   150mA High PSRR, Low Noise 關Cap CMOS LDO
logo
AMETHERM Circuit Protec...
AME8755 AMETHERM-AME8755 Datasheet
175Kb / 14P
   High PSRR, Low Quiescent Current, 150mA Dual CMOS LDO
logo
Analog Microelectronics
AME8890 AME-AME8890_08 Datasheet
90Kb / 13P
   150mA CMOS LDO
AME8890 AME-AME8890 Datasheet
42Kb / 8P
   150mA CMOS LDO
AME8822 AME-AME8822 Datasheet
217Kb / 18P
   High PSRR, 250mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com