Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEM4020PD Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PMEM4020PD
Description  PNP transistor/Schottky-diode module
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEM4020PD Datasheet(HTML) 3 Page - NXP Semiconductors

  PMEM4020PD Datasheet HTML 1Page - NXP Semiconductors PMEM4020PD Datasheet HTML 2Page - NXP Semiconductors PMEM4020PD Datasheet HTML 3Page - NXP Semiconductors PMEM4020PD Datasheet HTML 4Page - NXP Semiconductors PMEM4020PD Datasheet HTML 5Page - NXP Semiconductors PMEM4020PD Datasheet HTML 6Page - NXP Semiconductors PMEM4020PD Datasheet HTML 7Page - NXP Semiconductors PMEM4020PD Datasheet HTML 8Page - NXP Semiconductors PMEM4020PD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
2003 Nov 24
3
Philips Semiconductors
Product specification
PNP transistor/Schottky-diode module
PMEM4020PD
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 60134).
Notes
1. Device mounted on a FR4 printed-circuit board; single-sided copper; tinplated; standard footprint for SOT457.
2. Device mounted on a FR4 printed-circuit board; single-sided copper; tinplated; mounting pads for collector and
cathode both 1 cm2.
3. Mounted on a ceramic printed-circuit board; single-sided copper; tinplated; standard footprint.
4. Solder point of collector or cathode tab.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
PNP transistor
VCBO
collector-base voltage
open emitter
−−40
V
VCEO
collector-emitter voltage
open base
−−40
V
VEBO
emitter-base voltage
open collector
−−5V
IC
collector current (DC)
note 1
−−0.75
A
note 2
−−1A
note 3
−−1.3
A
Ts ≤ 55 °C; note 4
−−2A
ICM
peak collector current
−−3A
IBM
peak base current
−−1A
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
295
mW
Tamb ≤ 25 °C; note 2
400
mW
Tamb ≤ 25 °C; note 3
500
mW
Ts ≤ 55 °C; note 4
1000
mW
Tj
junction temperature
150
°C
Schottky barrier diode
VR
continuous reverse voltage
20
V
IF
continuous forward current
1A
IFSM
non-repetitive peak forward current
t = 8.3 ms half sinewave; JEDEC
method
5A
Ptot
total power dissipation
Tamb ≤ 25 °C; note 1
295
mW
Tamb ≤ 25 °C; note 2
400
mW
Tamb ≤ 25 °C; note 3
500
mW
Ts ≤ 55 °C; note 4
1000
mW
Tj
junction temperature
note 2
150
°C
Combined device
Ptot
total power dissipation
Tamb =25 °C; note 2
600
mW
Tstg
storage temperature
−65
+150
°C
Tamb
operating ambient temperature
note 2
−65
+150
°C


Similar Part No. - PMEM4020PD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEM4020PD NXP-PMEM4020PD Datasheet
196Kb / 11P
   PNP transistor/Schottky-diode module
2003 Nov 24
More results

Similar Description - PMEM4020PD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEM4010PD NXP-PMEM4010PD Datasheet
168Kb / 10P
   PNP transistor/Schottky diode module
2002 Oct 28
PZTM1102 PHILIPS-PZTM1102 Datasheet
64Kb / 7P
   PNP transistor/Schottky-diode module
1996 May 09
PMEM4020PD NXP-PMEM4020PD Datasheet
196Kb / 11P
   PNP transistor/Schottky-diode module
2003 Nov 24
PMEM4010PD PHILIPS-PMEM4010PD Datasheet
76Kb / 12P
   PNP transistor/Schottky diode module
2002 Oct 28
PMEM1505PG PHILIPS-PMEM1505PG Datasheet
66Kb / 11P
   PNP transistor/Schottky rectifier module
Rev. 01-26 May 2004
PMEM4020APD NXP-PMEM4020APD Datasheet
87Kb / 13P
   PNP transistor/Schottky rectifier module
Rev. 02-31 August 2009
PMEM1505PG NXP-PMEM1505PG Datasheet
79Kb / 11P
   PNP transistor/Schottky rectifier module
Rev. 02-31 August 2009
PMEM4020ND PHILIPS-PMEM4020ND Datasheet
89Kb / 11P
   NPN transistor/Schottky-diode module
2003 Nov 10
PZTM1101 PHILIPS-PZTM1101 Datasheet
31Kb / 7P
   NPN transistor/Schottky-diode module
1996 May 09
PMEM4020ND NXP-PMEM4020ND Datasheet
197Kb / 11P
   NPN transistor/Schottky-diode module
2003 Nov 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com