Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG2010EV Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PMEG2010EV
Description  Low VF MEGA Schottky barrier diode
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PMEG2010EV Datasheet(HTML) 5 Page - NXP Semiconductors

  PMEG2010EV Datasheet HTML 1Page - NXP Semiconductors PMEG2010EV Datasheet HTML 2Page - NXP Semiconductors PMEG2010EV Datasheet HTML 3Page - NXP Semiconductors PMEG2010EV Datasheet HTML 4Page - NXP Semiconductors PMEG2010EV Datasheet HTML 5Page - NXP Semiconductors PMEG2010EV Datasheet HTML 6Page - NXP Semiconductors PMEG2010EV Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2003 Aug 20
5
Philips Semiconductors
Product specification
Low VF MEGA Schottky barrier diode
PMEG2010EV
PACKAGE OUTLINE
UNIT
bp
cD
E
e1
HE
Lp
w
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
01-01-04
01-08-27
IEC
JEDEC
EIAJ
mm
0.27
0.17
0.18
0.08
1.7
1.5
1.3
1.1
0.5
e
1.0
1.7
1.5
0.1
y
0.1
DIMENSIONS (mm are the original dimensions)
0.3
0.1
SOT666
bp
pin 1 index
D
e1
e
A
Lp
detail X
HE
E
A
S
0
1
2 mm
scale
A
0.6
0.5
c
X
12
3
4
5
6
Plastic surface mounted package; 6 leads
SOT666
YS
w M A


Similar Part No. - PMEG2010EV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2010EV NXP-PMEG2010EV Datasheet
106Kb / 7P
   Low VF MEGA Schottky barrier diode
2003 Aug 20
logo
Nexperia B.V. All right...
PMEG2010EV NEXPERIA-PMEG2010EV Datasheet
271Kb / 8P
   Low VF MEGA Schottky barrier diode
2003 Aug 20
logo
NXP Semiconductors
PMEG2010EV PHILIPS-PMEG2010EV_15 Datasheet
106Kb / 7P
   Low VF MEGA Schottky barrier diode
2003 Aug 20
More results

Similar Description - PMEG2010EV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG2010EA PHILIPS-PMEG2010EA_15 Datasheet
106Kb / 7P
   Low VF (MEGA) Schottky barrier diode
2004 Feb 06
PMEG2010EV PHILIPS-PMEG2010EV_15 Datasheet
106Kb / 7P
   Low VF MEGA Schottky barrier diode
2003 Aug 20
PMEG3002AEB PHILIPS-PMEG3002AEB_15 Datasheet
102Kb / 7P
   Low VF MEGA Schottky barrier diode
2002 May 06
PMEG2015EV NXP-PMEG2015EV Datasheet
112Kb / 7P
   Low VF MEGA Schottky barrier diode
2003 Jun 03
PMEG3002AEB NXP-PMEG3002AEB Datasheet
102Kb / 7P
   Low VF MEGA Schottky barrier diode
2002 May 06
logo
Nexperia B.V. All right...
PMEG3002AEB NEXPERIA-PMEG3002AEB Datasheet
263Kb / 8P
   Low VF MEGA Schottky barrier diode
2002 May 06
PMEG2010EA NEXPERIA-PMEG2010EA Datasheet
271Kb / 8P
   Low VF (MEGA) Schottky barrier diode
2004 Feb 06
logo
NXP Semiconductors
PMEG2015EA PHILIPS-PMEG2015EA Datasheet
56Kb / 7P
   Low VF (MEGA) Schottky barrier diode
2004 Feb 03
PMEG3002AEB PHILIPS-PMEG3002AEB Datasheet
50Kb / 8P
   Low VF MEGA Schottky barrier diode
2002 May 06
PMEG6010AED NXP-PMEG6010AED Datasheet
106Kb / 7P
   Low VF (MEGA) Schottky barrier diode
2003 Jun 27
PMEG2010EA NXP-PMEG2010EA Datasheet
106Kb / 7P
   Low VF (MEGA) Schottky barrier diode
2004 Feb 06
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com