Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI74AVC16835 Datasheet(PDF) 4 Page - Pericom Semiconductor Corporation

Part # PI74AVC16835
Description  18-Bit Universal Bus Driver with 3-State Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74AVC16835 Datasheet(HTML) 4 Page - Pericom Semiconductor Corporation

  PI74AVC16835 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74AVC16835 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74AVC16835 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74AVC16835 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74AVC16835 Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74AVC16835 Datasheet HTML 6Page - Pericom Semiconductor Corporation PI74AVC16835 Datasheet HTML 7Page - Pericom Semiconductor Corporation PI74AVC16835 Datasheet HTML 8Page - Pericom Semiconductor Corporation PI74AVC16835 Datasheet HTML 9Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
PS8373D
08/03/99
PI74AVC16835
18-Bit Universal Bus Driver
w/3-State Outputs
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
s
r
e
t
e
m
a
r
a
Pn
o
it
p
i
r
c
s
e
Ds
n
o
it
i
d
n
o
C
t
s
e
T.
n
i
M.
x
a
Ms
ti
n
U
V C
C
e
g
a
tl
o
V
y
l
p
p
u
S
g
n
it
a
r
e
p
O5
6
.
16
.
3
V
y
l
n
O
n
o
it
n
e
t
e
R
a
t
a
D2
.
1
V H
I
e
g
a
tl
o
V
t
u
p
n
I
l
e
v
el
-
h
g
i
H
VCC
V
2
.
1
=VCC
VCC
V
5
9
.
1
o
t
V
5
6
.
1
=V
x
5
6
.
0
CC
VCC
V
7
.
2
o
t
V
3
.
2
=7
.
1
VCC
V
6
.
3
o
t
V
3
=2
V LI
e
g
a
tl
o
V
t
u
p
n
I
l
e
v
el
-
w
o
L
VCC
V
2
.
1
=D
N
G
VCC
V
5
9
.
1
o
t
V
5
6
.
1
=V
x
5
3
.
0
CC
VCC
V
7
.
2
o
t
V
3
.
2
=7
.
0
VCC
V
6
.
3
o
t
V
3
=8
.
0
V N
I
e
g
a
tl
o
V
t
u
p
n
I0
6
.
3
V T
U
O
e
g
a
tl
o
V
t
u
p
t
u
O
e
t
a
t
S
e
v
it
c
A0
VCC
e
t
a
t
S
-
30
6
.
3
I S
H
O
t
n
e
rr
u
C
t
u
p
t
u
O
l
e
v
el
-
h
g
i
H
)
2
(
V C
C
V
5
9
.
1
o
t
V
5
6
.
1
=4
-
A
m
V C
C
V
7
.
2
o
t
V
3
.
2
=8
-
V C
C
V
6
.
3
o
t
V
3
=2
1
-
I S
L
O
t
n
e
rr
u
C
t
u
p
t
u
O
l
e
v
el
-
w
o
L
)
2
(
V C
C
V
5
9
.
1
o
t
V
5
6
.
1
=4
V C
C
V
7
.
2
o
t
V
3
.
2
=8
V C
C
V
6
.
3
o
t
V
3
=2
1
∆ /t∆v
e
t
a
r
ll
a
f
r
o
e
si
r
n
o
it
i
s
n
a
rt
t
u
p
n
IV C
C
V
6
.
3
o
t
V
5
6
.
1
=5
V
/
s
n
TA
e
r
u
t
a
r
e
p
m
e
T
ri
A
-
e
e
r
F
g
n
it
a
r
e
p
O0
4
-5
8C
°
Recommended Operating Conditions(1)
Note:
1. Unused control inputs must be held HIGH or LOW to prevent them from floating.
2. Dynamic drive is greater than standard output drive of IOH = –24mA and IOL = 24mA


Similar Part No. - PI74AVC16835

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74AVC16834 PERICOM-PI74AVC16834 Datasheet
373Kb / 9P
   18-Bit Universal Bus Driver with 3-State Outputs
PI74AVC16836 PERICOM-PI74AVC16836 Datasheet
102Kb / 9P
   2.5V 20-Bit Universal Bus Driver with 3-State Outputs
More results

Similar Description - PI74AVC16835

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74ALVC162835A HITACHI-HD74ALVC162835A Datasheet
62Kb / 16P
   18-bit Universal Bus Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVC162835 TI-SN74ALVC162835 Datasheet
190Kb / 11P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVC16834 TI-SN74ALVC16834 Datasheet
149Kb / 10P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162835 TI-SN74ALVCH162835 Datasheet
135Kb / 10P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74AVC16834 TI-SN74AVC16834 Datasheet
179Kb / 12P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Hynix Semiconductor
HG74ALVC16835C HYNIX-HG74ALVC16835C Datasheet
135Kb / 7P
   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74AVC16835 TI1-SN74AVC16835_08 Datasheet
429Kb / 17P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
SN74ALVC16835 TI-SN74ALVC16835_07 Datasheet
496Kb / 18P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74ALVC162835 RENESAS-HD74ALVC162835 Datasheet
241Kb / 16P
   18-bit Universal Bus Driver with 3-state Outputs
logo
Hynix Semiconductor
HG74ALVC162835C HYNIX-HG74ALVC162835C Datasheet
139Kb / 8P
   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74ALVC162834 TI-SN74ALVC162834 Datasheet
135Kb / 10P
[Old version datasheet]   18-BIT UNIVERSAL BUS DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com