Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OMR7812NH Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # OMR7812NH
Description  300 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE FIXED VOLTAGE REGULATORS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OMR7812NH Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  OMR7812NH Datasheet HTML 1Page - List of Unclassifed Manufacturers OMR7812NH Datasheet HTML 2Page - List of Unclassifed Manufacturers OMR7812NH Datasheet HTML 3Page - List of Unclassifed Manufacturers OMR7812NH Datasheet HTML 4Page - List of Unclassifed Manufacturers OMR7812NH Datasheet HTML 5Page - List of Unclassifed Manufacturers OMR7812NH Datasheet HTML 6Page - List of Unclassifed Manufacturers OMR7812NH Datasheet HTML 7Page - List of Unclassifed Manufacturers OMR7812NH Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
300K Rad Tolerant Three Terminal,
Positive Fixed Voltage Regulators
In Hermetic Packages
300 kRAD RADIATION TOLERANT 1.5 AMP
POSITIVE FIXED VOLTAGE REGULATORS
OMR7805NH
OMR7812NH
OMR7815NH
OMR7805NM
OMR7812NM
OMR7815NM
OMR7805ST
OMR7812ST
OMR7815ST
OMR7805SR
OMR7812SR
OMR7815SR
Please see mechanical
outlines herein
0 04 R1
Supersedes 9 12 R0
FEATURES
• Isolated & Non-Isolated Hermetic Packages
• Output Voltages: +5V, +12V, +15V (Other Voltages Available)
• Output Voltages Set Internally To ±1% or ±2%
• Built-In Thermal Overload Protection
• Short Circuit Current Limiting
• Radiation Tolerant up to 450 K Rad (Si)
• Available Hi-Rel Screened, Class B and Class S, MIL-STD-883
DESCRIPTION
These three terminal negative regulators are supplied in a high density hermetically sealed
metal package and are available hi-rel screened. All protective features are designed into the
circuit, including thermal shutdown, current limiting and safe-area control. With heat sinking,
they can deliver over 1.5 amps of output current. These units feature internally trimmed output
voltages to ±1% or 2% of nominal voltage.
Standard voltages are +5V, +12V, and
+15V. However, other voltages are available up to +24 volts. These devices are ideally suited
for Space applications where small size, high reliability, and radiation tolerance is required.
The high level of Radiation Tolerance of these devices makes them a desirable choice for LEO
and many MEO and GEO communication satellites. Radiation testing is performed on a single
wafer by wafer basis. Random die samples per wafer are selected, packaged and radiation
tested to qualify each individual semiconductor wafer-by-wafer.
ABSOLUTE MAXIMUM RATINGS @ 25°C
Input Voltage . .................. .............................................. -35 V
Operating Junction Temperature Range ............................ - 55°C to + 150°C
Storage Temperature Range ....................................... - 65°C to + 150°C
Power Dissipation: TO-205. ......... .................................... 1.1 W
TO-257/SMD-1/ D2 Pac ....................... ......................... 20 W
Lead Temperature (Soldering 10 seconds). ......... ........................ .300°C
Surface Mount Package Soldering Temperature.......... ....................250°C
Thermal Resistance, Junction to Case:
TO-205. ......... ...................................................17°C/W
TO-257(Isolated), D2 Pac (Isolated)
. .............................4.2°C/W
SMD-1
. ................................................3.5°C/W
Maximum Output Current: TO-205
. . . . .... ......................... .0.5 A
TCase-All Others . ................................................... 3.3A
Radiation Tolerant - Total Dose . .................................. .300 K Rad (Si)


Similar Part No. - OMR7812NH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMR7905 ETC-OMR7905 Datasheet
82Kb / 8P
   300 kRAD RADIATION TOLERANT 1.5 AMP NEGATIVE FIXED VOLTAGE REGULATORS
OMR7905NH ETC-OMR7905NH Datasheet
82Kb / 8P
   300 kRAD RADIATION TOLERANT 1.5 AMP NEGATIVE FIXED VOLTAGE REGULATORS
OMR7905NM ETC-OMR7905NM Datasheet
82Kb / 8P
   300 kRAD RADIATION TOLERANT 1.5 AMP NEGATIVE FIXED VOLTAGE REGULATORS
OMR7905SR ETC-OMR7905SR Datasheet
82Kb / 8P
   300 kRAD RADIATION TOLERANT 1.5 AMP NEGATIVE FIXED VOLTAGE REGULATORS
OMR7905ST ETC-OMR7905ST Datasheet
82Kb / 8P
   300 kRAD RADIATION TOLERANT 1.5 AMP NEGATIVE FIXED VOLTAGE REGULATORS
More results

Similar Description - OMR7812NH

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OMR7905 ETC-OMR7905 Datasheet
82Kb / 8P
   300 kRAD RADIATION TOLERANT 1.5 AMP NEGATIVE FIXED VOLTAGE REGULATORS
OMR117 ETC-OMR117 Datasheet
138Kb / 6P
   100 kRAD RADIATION TOLERANT 1.5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
OMR1033SR ETC-OMR1033SR Datasheet
65Kb / 6P
   20 kRAD RADIATION TOLERANT 3 AMP NEGATIVE ADJUSTABLE VOLTAGE REGULATORS
LAS1505 ETC1-LAS1505 Datasheet
291Kb / 6P
   1.5 AMP POSITIVE VOLTAGE REGULATORS
logo
Aeroflex Circuit Techno...
VRG8607 AEROFLEX-VRG8607 Datasheet
130Kb / 6P
   Dual Adjustable Positive Voltage Regulators Radiation Tolerant
logo
International Rectifier
OMR183 IRF-OMR183 Datasheet
304Kb / 8P
   30 kRad - 100kRad RADIATION TOLERANT 7.5A, 5A, 3A, 1.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATORS
logo
Aeroflex Circuit Techno...
VRG8601 AEROFLEX-VRG8601 Datasheet
135Kb / 7P
   Dual Adjustable Positive/Negative Voltage Regulators Radiation Tolerant
logo
List of Unclassifed Man...
LAS1500 ETC1-LAS1500 Datasheet
249Kb / 3P
   1.5 AMP POSITIVE REGULATORS
PJ1086 ETC-PJ1086 Datasheet
290Kb / 6P
   1.5 Amp Low Dropout Positive Voltage Regulators
logo
Texas Instruments
UA7812CKCSE3 TI-UA7812CKCSE3 Datasheet
807Kb / 23P
[Old version datasheet]   FIXED POSITIVE VOLTAGE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com