Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW1137M Datasheet(PDF) 7 Page - New Japan Radio

Part # NJW1137M
Description  AUDIO PROCESSOR with SOUND ENHANCEMENT
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1137M Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJW1137M Datasheet HTML 3Page - New Japan Radio NJW1137M Datasheet HTML 4Page - New Japan Radio NJW1137M Datasheet HTML 5Page - New Japan Radio NJW1137M Datasheet HTML 6Page - New Japan Radio NJW1137M Datasheet HTML 7Page - New Japan Radio NJW1137M Datasheet HTML 8Page - New Japan Radio NJW1137M Datasheet HTML 9Page - New Japan Radio NJW1137M Datasheet HTML 10Page - New Japan Radio NJW1137M Datasheet HTML 11Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
NJW1137
-7 -
TERMINAL DESCRIPTION
No.
SYMBOL
FUNCTION
EQUIVALENT CIRCUIT
VOLTAGE
1
30
INa
INb
Ach Input terminal
Bch Input terminal
V+/2
4
8
23
27
BBE OUTa
OUTa
OUTb
BBE OUTb
Ach Output for the Other Accessories
Ach Output
Bch Output
Bch Output for the Other Accessories
V+/2
10
SS-FIL
Simulated Stereo Filter
terminal
V+/2
2
3
28
29
BBE1a
BBE2a
BBE2b
BBE1b
Ach BBE Filter1 (Process)
Ach BBE Filter2 (Lo Contour)
Bch BBE Filter2 (Lo Contour)
Bch BBE Filter1 (Process)
V+/2
6
25
TONE-Ha
TONE-Hb
Treble(tone control) filter terminal
V+/2
5.3 k
FB
10pin
V+
4, 8
23,27pin
FB
50
FB
2,3
28,29pin
FB
10k
6, 25pin
80k
20k
Vref
1,30 pin


Similar Part No. - NJW1137M

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1130A NJRC-NJW1130A Datasheet
100Kb / 10P
   SOUND PROCESSOR with SOUND ENHANCEMENT
NJW1132 NJRC-NJW1132 Datasheet
163Kb / 9P
   SOUND PROCESSOR with SOUND ENHANCEMENT
NJW1132L NJRC-NJW1132L Datasheet
163Kb / 9P
   SOUND PROCESSOR with SOUND ENHANCEMENT
NJW1132M NJRC-NJW1132M Datasheet
163Kb / 9P
   SOUND PROCESSOR with SOUND ENHANCEMENT
NJW1133A NJRC-NJW1133A Datasheet
347Kb / 20P
   AUDIO PROCESSOR
More results

Similar Description - NJW1137M

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2150 NJRC-NJM2150 Datasheet
209Kb / 8P
   SOUND ENHANCEMENT AUDIO PROCESSOR
NJM2153 NJRC-NJM2153 Datasheet
189Kb / 6P
   SOUND ENHANCEMENT AUDIO PROCESSOR?
NJM2150A NJRC-NJM2150A Datasheet
230Kb / 8P
   SOUND ENHANCEMENT AUDIO PROCESSOR?
NJM2152 NJRC-NJM2152 Datasheet
216Kb / 8P
   SOUND ENHANCEMENT AUDIO PROCESSOR
NJW1152 NJRC-NJW1152 Datasheet
285Kb / 15P
   SOUND PROCESSOR with SOUND ENHANCEMENT
NJW1132 NJRC-NJW1132 Datasheet
163Kb / 9P
   SOUND PROCESSOR with SOUND ENHANCEMENT
NJW1130A NJRC-NJW1130A Datasheet
100Kb / 10P
   SOUND PROCESSOR with SOUND ENHANCEMENT
NJM2708 NJRC-NJM2708 Datasheet
124Kb / 8P
   Sound Enhancement Audio Processor for Compression Audio
NJM2707 NJRC-NJM2707 Datasheet
122Kb / 6P
   Sound Enhancement Audio Processor for Compression Audio
NJW1148 NJRC-NJW1148 Datasheet
422Kb / 29P
   Audio Processor with Sound Enhancement and TruSurround Virtualizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com