Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJW1137L Datasheet(PDF) 1 Page - New Japan Radio

Part # NJW1137L
Description  AUDIO PROCESSOR with SOUND ENHANCEMENT
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJW1137L Datasheet(HTML) 1 Page - New Japan Radio

  NJW1137L Datasheet HTML 1Page - New Japan Radio NJW1137L Datasheet HTML 2Page - New Japan Radio NJW1137L Datasheet HTML 3Page - New Japan Radio NJW1137L Datasheet HTML 4Page - New Japan Radio NJW1137L Datasheet HTML 5Page - New Japan Radio NJW1137L Datasheet HTML 6Page - New Japan Radio NJW1137L Datasheet HTML 7Page - New Japan Radio NJW1137L Datasheet HTML 8Page - New Japan Radio NJW1137L Datasheet HTML 9Page - New Japan Radio Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
NJW1137
- 1 –F
PR ELIMIN AL Y
AUDIO PROCESSOR with SOUND ENHANCEMENT
s
s
s
s GENERAL DESCRIPTION
s
s
s
s PACKAGE OUTLINE
The
NJW1137
is
an
audio
processor
with
sound
enhancement (BBE). It includes all of functions processing
audio signal for TV, such as tone control, balance, volume,
mute, NJRC original surround, and AGC functions.
The NJRC original surround system reproduces natural
surround sound and clear vocal orientation.
The sound enhancement regenerates high definitive and
nearly real sound.
All of internal status and variables are controlled by I
2C
BUS interface.
s
s
s
s FEATURES
q
q
q
q Operating Voltage
8 to 13V
q
q
q
q I
2C BUS Interface
q
q
q
q BBE Sound Enhancement (Low Boost and High Boost: 15dB max.)
q
q
q
q AGC Circuit (It reduces volume difference among input sources.)
q
q
q
q eala(NJRC Original Surround)
q
q
q
q Simulated Surround
q
q
q
q Bi-CMOS Technology
q
q
q
q Package Outline
SDIP30, SDMP30
s
s
s
s BLOCK DIAGRAM
NJW1137M
NJW1137L
I2C Bus
Interface
VOL1
VOL1
VOL2
Bias
VOL2
eala
&
Sim ulated
Surround
TONE
TONE
BBE
BBE
AGC


Similar Part No. - NJW1137L

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW1130A NJRC-NJW1130A Datasheet
100Kb / 10P
   SOUND PROCESSOR with SOUND ENHANCEMENT
NJW1132 NJRC-NJW1132 Datasheet
163Kb / 9P
   SOUND PROCESSOR with SOUND ENHANCEMENT
NJW1132L NJRC-NJW1132L Datasheet
163Kb / 9P
   SOUND PROCESSOR with SOUND ENHANCEMENT
NJW1132M NJRC-NJW1132M Datasheet
163Kb / 9P
   SOUND PROCESSOR with SOUND ENHANCEMENT
NJW1133A NJRC-NJW1133A Datasheet
347Kb / 20P
   AUDIO PROCESSOR
More results

Similar Description - NJW1137L

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2150 NJRC-NJM2150 Datasheet
209Kb / 8P
   SOUND ENHANCEMENT AUDIO PROCESSOR
NJM2153 NJRC-NJM2153 Datasheet
189Kb / 6P
   SOUND ENHANCEMENT AUDIO PROCESSOR?
NJM2150A NJRC-NJM2150A Datasheet
230Kb / 8P
   SOUND ENHANCEMENT AUDIO PROCESSOR?
NJM2152 NJRC-NJM2152 Datasheet
216Kb / 8P
   SOUND ENHANCEMENT AUDIO PROCESSOR
NJW1152 NJRC-NJW1152 Datasheet
285Kb / 15P
   SOUND PROCESSOR with SOUND ENHANCEMENT
NJW1132 NJRC-NJW1132 Datasheet
163Kb / 9P
   SOUND PROCESSOR with SOUND ENHANCEMENT
NJW1130A NJRC-NJW1130A Datasheet
100Kb / 10P
   SOUND PROCESSOR with SOUND ENHANCEMENT
NJM2708 NJRC-NJM2708 Datasheet
124Kb / 8P
   Sound Enhancement Audio Processor for Compression Audio
NJM2707 NJRC-NJM2707 Datasheet
122Kb / 6P
   Sound Enhancement Audio Processor for Compression Audio
NJW1148 NJRC-NJW1148 Datasheet
422Kb / 29P
   Audio Processor with Sound Enhancement and TruSurround Virtualizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com