Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10EP445FA Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC10EP445FA
Description  3.3V/5V ECL 8-Bit Serial/Parallel Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP445FA Datasheet(HTML) 1 Page - ON Semiconductor

  MC10EP445FA Datasheet HTML 1Page - ON Semiconductor MC10EP445FA Datasheet HTML 2Page - ON Semiconductor MC10EP445FA Datasheet HTML 3Page - ON Semiconductor MC10EP445FA Datasheet HTML 4Page - ON Semiconductor MC10EP445FA Datasheet HTML 5Page - ON Semiconductor MC10EP445FA Datasheet HTML 6Page - ON Semiconductor MC10EP445FA Datasheet HTML 7Page - ON Semiconductor MC10EP445FA Datasheet HTML 8Page - ON Semiconductor MC10EP445FA Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
© Semiconductor Components Industries, LLC, 2002
November, 2002 - Rev. 7
1
Publication Order Number:
MC10EP445/D
MC10EP445, MC100EP445
3.3V/5VECL 8−Bit
Serial/Parallel Converter
The MC10/100EP445 is an integrated 8–bit differential serial to
parallel data converter with asynchronous data synchronization. The
device has two modes of operation. CKSEL HIGH mode is designed
to operate NRZ data rates of up to 3.3 Gb/s, while CKSEL LOW mode
is designed to operate at twice the internal clock data rate of up to
5.0 Gb/s. The conversion sequence was chosen to convert the first
serial bit to Q0, the second bit to Q1, etc. Two selectable differential
serial inputs, which are selected by SINSEL, provide this device with
loop-back testing capability. The MC10/100EP445 has a SYNC pin
which, when held high for at least two consecutive clock cycles, will
swallow one bit of data shifting the start of the conversion data from
Dn to Dn+1. Each additional shift requires an additional pulse to be
applied to the SYNC pin.
Control pins are provided to reset and disable internal clock
circuitry. Additionally, VBB pin is provided for single-ended input
condition.
The 100 Series contains temperature compensation.
300 ps Propagation Delay
5.0 Gb/s Typical Data Rate for CLKSEL LOW Mode
Differential Clock and Serial Inputs
V
BB Output for Single-Ended Input Applications
Asynchronous Data Synchronization (SYNC)
Asynchronous Master Reset (RESET)
PECL Mode Operating Range: V
CC = 3.0 V to 5.5 V
with VEE = 0 V
NECL Mode Operating Range: V
CC = 0 V
with VEE = -3.0 V to -5.5 V
Open Input Default State
CLK ENABLE Immune to Runt Pulse Generation
LQFP-32
FA SUFFIX
CASE 873A
MARKING
DIAGRAM*
MCXXX
AWLYYWW
XXX = 10 OR 100
A
= Assembly Location
WL = Wafer Lot
YY
= Year
WW = Work Week
EP445
*For additional information, see Application Note
AND8002/D
Device
Package
Shipping
ORDERING INFORMATION
MC10EP445FA
LQFP-32
250 Units/Tray
MC10EP445FAR2
LQFP-32
2000/Tape & Reel
MC100EP445FA
LQFP-32
250 Units/Tray
MC100EP445FAR2
LQFP-32
2000/Tape & Reel
32
1
http://onsemi.com


Similar Part No. - MC10EP445FA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP445FA ONSEMI-MC10EP445FA Datasheet
151Kb / 18P
   3.3V/5V ECL 8?묪it Serial/Parallel Converter
July, 2006 ??Rev. 11
MC10EP445FAG ONSEMI-MC10EP445FAG Datasheet
151Kb / 18P
   3.3V/5V ECL 8?묪it Serial/Parallel Converter
July, 2006 ??Rev. 11
MC10EP445FAG ONSEMI-MC10EP445FAG Datasheet
151Kb / 19P
   ECL 8-Bit Serial/Parallel Converter
June, 2014 ??Rev. 16
MC10EP445FAR2 ONSEMI-MC10EP445FAR2 Datasheet
151Kb / 18P
   3.3V/5V ECL 8?묪it Serial/Parallel Converter
July, 2006 ??Rev. 11
MC10EP445FAR2G ONSEMI-MC10EP445FAR2G Datasheet
151Kb / 18P
   3.3V/5V ECL 8?묪it Serial/Parallel Converter
July, 2006 ??Rev. 11
More results

Similar Description - MC10EP445FA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP445 ONSEMI-MC10EP445_06 Datasheet
151Kb / 18P
   3.3V/5V ECL 8?묪it Serial/Parallel Converter
July, 2006 ??Rev. 11
MC10E445 ONSEMI-MC10E445_06 Datasheet
156Kb / 13P
   5V ECL 4-Bit Serial/Parallel Converter
November, 2006 ??Rev. 12
MC10E446 ONSEMI-MC10E446_06 Datasheet
147Kb / 12P
   5V ECL 4-Bit Parallel/Serial Converter
November, 2006 ??Rev. 8
MC10EP445 ONSEMI-MC10EP445_14 Datasheet
151Kb / 19P
   ECL 8-Bit Serial/Parallel Converter
June, 2014 ??Rev. 16
MC10EP446 ONSEMI-MC10EP446 Datasheet
173Kb / 20P
   3.3V/5V 8짯Bit CMOS/ECL/TTL Data Input Parallel/Serial Converter
June, 2004 ??Rev. 5
MC10EP016 ONSEMI-MC10EP016 Datasheet
110Kb / 12P
   3.3V / 5VECL 8-Bit Synchronous Binary Up Counter
September, 2002 ??Rev. 10
logo
New Japan Radio
NJU3711 NJRC-NJU3711 Datasheet
307Kb / 6P
   8-BIT SERIAL TO PARALLEL CONVERTER
NJU3712 NJRC-NJU3712 Datasheet
214Kb / 7P
   8-BIT SERIAL TO PARALLEL CONVERTER?
logo
National Semiconductor ...
54165 NSC-54165 Datasheet
109Kb / 6P
   8-Bit Parallel-to-Serial Converter
August 1989
logo
ON Semiconductor
MC10EP446 ONSEMI-MC10EP446_14 Datasheet
191Kb / 20P
   8?륛it CMOS/ECL/TTL Data Input Parallel/Serial Converter
June, 2014 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com