Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6625 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX6625
Description  9-Bit/12-Bit Temperature Sensors with I2C-Compatible Serial Interface in a SOT23
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6625 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX6625 Datasheet HTML 1Page - Maxim Integrated Products MAX6625 Datasheet HTML 2Page - Maxim Integrated Products MAX6625 Datasheet HTML 3Page - Maxim Integrated Products MAX6625 Datasheet HTML 4Page - Maxim Integrated Products MAX6625 Datasheet HTML 5Page - Maxim Integrated Products MAX6625 Datasheet HTML 6Page - Maxim Integrated Products MAX6625 Datasheet HTML 7Page - Maxim Integrated Products MAX6625 Datasheet HTML 8Page - Maxim Integrated Products MAX6625 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
General Description
The MAX6625/MAX6626 combine a temperature sensor,
a programmable overtemperature alarm, and an I2C™-
compatible serial interface into single compact packages.
They convert their die temperatures into digital values
using internal analog-to-digital converters (ADCs). The
result of the conversion is held in a temperature register,
readable at any time through the serial interface. A dedi-
cated alarm output, OT, activates if the conversion result
exceeds the value programmed in the high-temperature
register. A programmable fault queue sets the number of
faults that must occur before the alarm activates, prevent-
ing spurious alarms in noisy environments. OT has pro-
grammable output polarity and operating modes.
The MAX6625/MAX6626 feature a shutdown mode that
saves power by turning off everything but the power-on
reset and the I2C-compatible interface. Four separate
addresses can be configured with the ADD pin, allowing
up to four MAX6625/MAX6626 devices to be placed on
the same bus. The MAX6625P/MAX6626P OT outputs are
open drain, and the MAX6625R/MAX6626R OT outputs
include internal pullup resistors.
The MAX6625 has a 9-bit internal ADC and can function
as a replacement for the LM75 in most applications. The
MAX6626 has a 12-bit internal ADC. Both devices come
in the space-saving 6-pin SOT23 package.
Applications
Fan Control
Temperature Alarms
System Temperature Control
Industrial Equipment
Features
o 9-Bit Temperature-to-Digital Converter (MAX6625)
o 12-Bit Temperature-to-Digital Converter (MAX6626)
o Accuracy
±1°C (TA = +25°C)
±1.5°C (0°C to +50°C)
±2°C (0°C to +70°C)
±3°C (-40°C to +85°C)
±4°C (-55°C to +125°C)
o 133ms Conversion Time
o I2C-Compatible Serial Interface
o Up to Four Devices on a Single Bus
o Versatile Alarm Output with Programmable Trip
Temperature and Hysteresis
o Low-Power Shutdown Mode
o Space-Saving 6-Pin SOT23 Package
9-Bit/12-Bit Temperature Sensors with
I2C-Compatible Serial Interface in a SOT23
________________________________________________________________ Maxim Integrated Products
1
GND
OT
SCL
16
VS
5
ADD
SDA
MAX6625
MAX6626
SOT23-6
TOP VIEW
2
34
Pin Configuration
4
6
VS
0.1
µF
1
MAX6625
MAX6626
3
SCL
TO I2C
MASTER
10k
(OMIT FOR MAX6625R
AND MAX6626R)
SDA
52
1k
1k
OT OUTPUT
Typical Operating Circuit
19-1841; Rev 2; 7/02
*For device options, see Selector Guide at end of data sheet.
Requires special solder temperature profile described in the
Absolute Maximum Ratings section.
Ordering Information
PART
TEMP. RANGE
PIN-PACKAGE
MAX6625PMUT-T*
-55
°C to +125°C
6 SOT23-6
MAX6625RMUT-T*
-55
°C to +125°C
6 SOT23-6
MAX6626PMUT-T*
-55
°C to +125°C
6 SOT23-6
MAX6626RMUT-T*
-55
°C to +125°C
6 SOT23-6
I2C is a trademark of Philips Corp.
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.


Similar Part No. - MAX6625

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6625 MAXIM-MAX6625 Datasheet
1Mb / 13P
   9-Bit/12-Bit Temperature Sensors with I2C-Compatible Serial Interface in a SOT23
Rev 2; 7/02
logo
Analog Devices
MAX66250 AD-MAX66250 Datasheet
220Kb / 8P
   ISO 15693, SHA3-256, 256-Bit User EEPROM Secure Authenticator
Rev 0; 7/22
MAX66250ESA++ AD-MAX66250ESA+ Datasheet
220Kb / 8P
   ISO 15693, SHA3-256, 256-Bit User EEPROM Secure Authenticator
Rev 0; 7/22
MAX66250ESA+T AD-MAX66250ESA+T Datasheet
220Kb / 8P
   ISO 15693, SHA3-256, 256-Bit User EEPROM Secure Authenticator
Rev 0; 7/22
logo
Maxim Integrated Produc...
MAX6625PMTT** MAXIM-MAX6625PMTT* Datasheet
1Mb / 14P
   9-Bit/12-Bit Temperature Sensors with I2C-Compatible Serial Interface in a SOT23
2019
More results

Similar Description - MAX6625

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6625 MAXIM-MAX6625 Datasheet
1Mb / 13P
   9-Bit/12-Bit Temperature Sensors with I2C-Compatible Serial Interface in a SOT23
Rev 2; 7/02
MAX6625 MAXIM-MAX6625_V01 Datasheet
1Mb / 14P
   9-Bit/12-Bit Temperature Sensors with I2C-Compatible Serial Interface in a SOT23
2019
MAX6633 MAXIM-MAX6633 Datasheet
210Kb / 16P
   12-Bit Plus Sign Temperature Sensors with SMBus/I2C-Compatible Serial Interface
Rev 0; 8/01
MAX6633 MAXIM-MAX6633_V01 Datasheet
1Mb / 16P
   12-Bit Plus Sign Temperature Sensors with SMBus/I2C-Compatible Serial Interface
2014
MAX6629 MAXIM-MAX6629_10 Datasheet
162Kb / 8P
   12-Bit Sign Digital Temperature Sensors with Serial Interface
Rev 4; 5/10
MAX6629 MAXIM-MAX6629_V01 Datasheet
859Kb / 8P
   12-Bit Sign Digital Temperature Sensors with Serial Interface
2016
MAX6629 MAXIM-MAX6629 Datasheet
152Kb / 8P
   12-Bit Sign Digital Temperature Sensors with Serial Interface
Rev 1; 7/01
MAX6662 MAXIM-MAX6662 Datasheet
133Kb / 9P
   12-Bit Sign Temperature Sensor with SPI-Compatible Serial Interface
Rev 0; 7/01
MAX6662 MAXIM-MAX6662_V01 Datasheet
765Kb / 9P
   12-Bit Sign Temperature Sensor with SPI-Compatible Serial Interface
2021
logo
Linear Technology
LTC2301 LINER-LTC2301_15 Datasheet
891Kb / 26P
   1-/2-Channel, 12-Bit ADCs with I2C Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com