Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q62703-Q6104 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # Q62703-Q6104
Description  Power TOPLED Hyper-Bright LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

Q62703-Q6104 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  Q62703-Q6104 Datasheet HTML 1Page - List of Unclassifed Manufacturers Q62703-Q6104 Datasheet HTML 2Page - List of Unclassifed Manufacturers Q62703-Q6104 Datasheet HTML 3Page - List of Unclassifed Manufacturers Q62703-Q6104 Datasheet HTML 4Page - List of Unclassifed Manufacturers Q62703-Q6104 Datasheet HTML 5Page - List of Unclassifed Manufacturers Q62703-Q6104 Datasheet HTML 6Page - List of Unclassifed Manufacturers Q62703-Q6104 Datasheet HTML 7Page - List of Unclassifed Manufacturers Q62703-Q6104 Datasheet HTML 8Page - List of Unclassifed Manufacturers Q62703-Q6104 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2001-01-25
2
LS E675
Helligkeitswerte werden mit einer Stromeinprägedauer von 25 ms und einer Genauigkeit von ±11 %
ermittelt.
Luminous intensity is tested at a current pulse duration of 25 ms and an accuracy of ±11 %.
-1 gesamter Farbbereich (siehe Seite 5)
-1 Total color tolerance range (see page 5)
Typ
Type
Emissions-
farbe
Color of
Emission
Farbe der
Lichtaustritts-
fläche
Color of the
Light Emitting
Area
Lichtstärke
Luminous
Intensity
I
F = 50 mA
I
V (mcd)
Lichtstrom
Luminous
Flux
I
F = 50 mA
Φ
V (mlm)
Bestellnummer
Ordering Code
LS E675-S1T1-1
LS E675-T1U2-1
amber
colorless clear
180 …355
280 …710
770 (typ.)
1400 (typ.)
Q62703-Q6103
Q62703-Q6104
Helligkeits-Gruppierungsschema
Luminous Intensity Groups
Lichtgruppe
Luminous Intensity Group
Lichtstärke
Luminous Intensity
I
V (mcd)
Lichtstrom
Luminous Flux
Φ
V (mlm)
S1
S2
T1
T2
U1
U2
180 … 224
224 … 280
280 … 355
355 … 450
450 … 560
560 … 710
600 (typ.)
760 (typ.)
950 (typ.)
1200 (typ.)
1500 (typ.)
1900 (typ.)


Similar Part No. - Q62703-Q6104

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q62703-Q6139 OSRAM-Q62703-Q6139 Datasheet
157Kb / 14P
   Micro SIDELED White Hyper-Bright LED
More results

Similar Description - Q62703-Q6104

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LWE67C OSRAM-LWE67C Datasheet
177Kb / 15P
   Power TOPLED Hyper-Bright LED
logo
Siemens Semiconductor G...
LST676 SIEMENS-LST676 Datasheet
350Kb / 7P
   Hyper TOPLED Hyper-Bright LED
LAE675 SIEMENS-LAE675 Datasheet
76Kb / 7P
   Power TOPLED Hyper-Bright LED
LYE676 SIEMENS-LYE676 Datasheet
77Kb / 7P
   Power TOPLED Hyper-Bright LED
logo
OSRAM GmbH
LAE67B OSRAM-LAE67B Datasheet
173Kb / 14P
   Power TOPLED Hyper-Bright LED
LBT673 OSRAM-LBT673 Datasheet
188Kb / 15P
   HYPER TOPLED, HYPER BRIGHT LED
logo
Siemens Semiconductor G...
LST776 SIEMENS-LST776 Datasheet
346Kb / 7P
   Hyper TOPLED RG Hyper-Bright LED
logo
OSRAM GmbH
LATBT686 OSRAM-LATBT686 Datasheet
239Kb / 17P
   Hyper Multi TOPLED Hyper-Bright LED
LWT673 OSRAM-LWT673 Datasheet
123Kb / 14P
   Hyper TOPLED White Hyper-Bright LED
logo
Siemens Semiconductor G...
LSM676 SIEMENS-LSM676 Datasheet
87Kb / 7P
   Hyper Mini TOPLED Hyper-Bright LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com