Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4M64163PH-RF90 Datasheet(PDF) 8 Page - Samsung semiconductor

Part # K4M64163PH-RF90
Description  1M x 16Bit x 4 Banks Mobile SDRAM in 54CSP
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4M64163PH-RF90 Datasheet(HTML) 8 Page - Samsung semiconductor

Back Button K4M64163PH-RF90 Datasheet HTML 4Page - Samsung semiconductor K4M64163PH-RF90 Datasheet HTML 5Page - Samsung semiconductor K4M64163PH-RF90 Datasheet HTML 6Page - Samsung semiconductor K4M64163PH-RF90 Datasheet HTML 7Page - Samsung semiconductor K4M64163PH-RF90 Datasheet HTML 8Page - Samsung semiconductor K4M64163PH-RF90 Datasheet HTML 9Page - Samsung semiconductor K4M64163PH-RF90 Datasheet HTML 10Page - Samsung semiconductor K4M64163PH-RF90 Datasheet HTML 11Page - Samsung semiconductor K4M64163PH-RF90 Datasheet HTML 12Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
K4M64163PH - R(B)G/F
December 2003
8
Mobile-SDRAM
AC CHARACTERISTICS(AC operating conditions unless otherwise noted)
NOTES :
1. Parameters depend on programmed CAS latency.
2. If clock rising time is longer than 1ns, (tr/2-0.5)ns should be added to the parameter.
3. Assumed input rise and fall time (tr & tf) = 1ns.
If tr & tf is longer than 1ns, transient time compensation should be considered,
i.e., [(tr + tf)/2-1]ns should be added to the parameter.
Parameter
Symbol
-75
-90
-1L
Unit
Note
Min
Max
Min
Max
Min
Max
CLK cycle time
CAS latency=3
tCC
7.5
1000
9
1000
9
1000
ns
1
CAS latency=2
tCC
12
12
15
CAS latency=1
tCC
-
-
25
CLK to valid output delay
CAS latency=3
tSAC
6
7
7
ns
1,2
CAS latency=2
tSAC
9
9
10
CAS latency=1
tSAC
-
-
20
Output data hold time
CAS latency=3
tOH
2.0
2.0
2.0
ns
2
CAS latency=2
tOH
2.0
2.0
2.0
CAS latency=1
tOH
-
-
2.0
CLK high pulse width
tCH
2.5
3.0
3.0
ns
3
CLK low pulse width
tCL
2.5
3.0
3.0
ns
3
Input setup time
tSS
2.0
2.0
2.0
ns
3
Input hold time
tSH
1
1
1.5
ns
3
CLK to output in Low-Z
tSLZ
1
1
1
ns
2
CLK to output in Hi-Z
CAS latency=3
tSHZ
6
7
7
ns
CAS latency=2
9
9
10
CAS latency=1
-
-
20


Similar Part No. - K4M64163PH-RF90

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4M64163PK SAMSUNG-K4M64163PK Datasheet
115Kb / 12P
   1M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M64163PK-BC1L SAMSUNG-K4M64163PK-BC1L Datasheet
115Kb / 12P
   1M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M64163PK-BC75 SAMSUNG-K4M64163PK-BC75 Datasheet
115Kb / 12P
   1M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M64163PK-BC90 SAMSUNG-K4M64163PK-BC90 Datasheet
115Kb / 12P
   1M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M64163PK-BE1L SAMSUNG-K4M64163PK-BE1L Datasheet
115Kb / 12P
   1M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
More results

Similar Description - K4M64163PH-RF90

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S641633H-RE SAMSUNG-K4S641633H-RE Datasheet
112Kb / 12P
   1M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4S64163LH SAMSUNG-K4S64163LH Datasheet
112Kb / 12P
   1M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M64163PK SAMSUNG-K4M64163PK Datasheet
115Kb / 12P
   1M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4S51153LF SAMSUNG-K4S51153LF Datasheet
108Kb / 12P
   8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M561633G SAMSUNG-K4M561633G Datasheet
114Kb / 12P
   4M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4S511633F SAMSUNG-K4S511633F Datasheet
114Kb / 12P
   8M x 16Bit x 4 Banks Mobile SDRAM
K4S51163PF-YF SAMSUNG-K4S51163PF-YF Datasheet
114Kb / 12P
   8M x 16Bit x 4 Banks Mobile-SDRAM
K4M51163LE SAMSUNG-K4M51163LE Datasheet
112Kb / 12P
   8M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M28163PF SAMSUNG-K4M28163PF Datasheet
113Kb / 12P
   2M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
K4M281633F SAMSUNG-K4M281633F Datasheet
114Kb / 12P
   2M x 16Bit x 4 Banks Mobile SDRAM in 54FBGA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com