Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JANS2N7236U Datasheet(PDF) 7 Page - International Rectifier

Part # JANS2N7236U
Description  POWER MOSFET SURFACE MOUNT (SMD-1)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

JANS2N7236U Datasheet(HTML) 7 Page - International Rectifier

  JANS2N7236U Datasheet HTML 1Page - International Rectifier JANS2N7236U Datasheet HTML 2Page - International Rectifier JANS2N7236U Datasheet HTML 3Page - International Rectifier JANS2N7236U Datasheet HTML 4Page - International Rectifier JANS2N7236U Datasheet HTML 5Page - International Rectifier JANS2N7236U Datasheet HTML 6Page - International Rectifier JANS2N7236U Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
www.irf.com
7
IRFN9140
Foot Notes:
ISD ≤ -18A, di/dt ≤ −100A/µs,
VDD≤ -100V, TJ ≤ 150°C
Repetitive Rating; Pulse width limited by
maximum junction temperature.
VDD =-25V, starting TJ = 25°C, L = 3.1mH
Peak IL = -18A, VGS = -10V
Pulse width
≤ 300 µs; Duty Cycle ≤ 2%
Case Outline and Dimensions — SMD-1
PAD ASSIGNMENTS
1- DRAIN
2- GATE
3- SOURCE
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
IR LEOMINSTER : 205 Crawford St., Leominster, Massachusetts 01453, USA Tel: (978) 534-5776
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.
Data and specifications subject to change without notice. 09/03


Similar Part No. - JANS2N7236U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
JANS2N7236 IRF-JANS2N7236 Datasheet
214Kb / 7P
   POWER MOSFET THRU-HOLE (TO-254AA)
More results

Similar Description - JANS2N7236U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
JANTX2N7228U IRF-JANTX2N7228U Datasheet
184Kb / 7P
   POWER MOSFET SURFACE MOUNT(SMD-1)
IRF5N3205 IRF-IRF5N3205_05 Datasheet
171Kb / 7P
   HEXFET POWER MOSFET SURFACE MOUNT (SMD-1)
IRF7N1405 IRF-IRF7N1405_07 Datasheet
196Kb / 7P
   HEXFET POWER MOSFET SURFACE MOUNT (SMD-1)
IRL7N1404 IRF-IRL7N1404 Datasheet
115Kb / 7P
   HEXFET POWER MOSFET SURFACE MOUNT (SMD-1)
IRF7N1405 IRF-IRF7N1405 Datasheet
141Kb / 7P
   HEXFET-R POWER MOSFET SURFACE MOUNT (SMD-1)
IRHN57250SE IRF-IRHN57250SE Datasheet
176Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-1)
IRHN7250SE IRF-IRHN7250SE Datasheet
127Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-1)
IRHN7150 IRF-IRHN7150 Datasheet
284Kb / 12P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-1)
IRHN9250 IRF-IRHN9250 Datasheet
138Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-1)
IRHN7054 IRF-IRHN7054 Datasheet
125Kb / 8P
   RADIATION HARDENED POWER MOSFET SURFACE MOUNT (SMD-1)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com