Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FEC15-48D12 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # FEC15-48D12
Description  15WATT DC-DC CONVERTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FEC15-48D12 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  FEC15-48D12 Datasheet HTML 1Page - List of Unclassifed Manufacturers FEC15-48D12 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GENERAL SPECIFICATIONS
Efficiency
See table
Isolation voltage
1600VDC, min
Isolation resistance
10
9
ohms, min
Isolation capacitance
300pF, max
Switching frequency
Single output
Dual output
500KHz, typ
300KHz, typ
Approvals and standard
IEC60950-1, UL60950-1, EN60950-1
Case material
Nickel-coated copper
Base material
Non-conductive black plastic
Potting material
Epoxy (UL94-V0)
Dimensions
2.00 X 1.00 X 0.40 Inch
(50.8 X 25.4 X 10.2 mm)
Weight
27g (0.95oz)
MTBF (Note 4)
2.041 x 10
6 hrs
ENVIRONMENTAL SPECIFICATIONS
Operating temperature range
-40ºC ~ +85ºC (with derating)
Maximum case temperature
100ºC
Storage temperature range
-55ºC ~ +105ºC
Thermal impedance (Note 5)
Nature convection
Nature convection with heat-sink
12ºC/Watt
10ºC/Watt
Thermal shock
MIL-STD-810D
Vibration
10~55Hz, 10G, 30minutes along X,Y and Z
Relative humidity
5% to 95% RH
EMC CHARACTERISTICS
Conducted emissions
EN55022
Class A
Radiated emissions
EN55022
Class A
ESD
EN61000-4-2
Perf. Criteria B
Radiated immunity
EN61000-4-3
Perf. Criteria A
Fast transient
EN61000-4-4
Perf. Criteria B
Surge
EN61000-4-5
Perf. Criteria B
Conducted immunity
EN61000-4-6
Perf. Criteria A
OUTPUT SPECIFICATIONS
Output power
15 Watts max
Voltage accuracy
Full load and nominal Vin
± 1%
Minimum load (Note 1)
10% of FL
Line regulation
LL to HL at Full Load
± 0.5%
Load regulation
10% to 100% FL
Single
Dual
± 0.5%
± 1%
Cross regulation (Dual) Asymmetrical load 25% / 100% FL
± 5%
Ripple and noise
20MHz bandwidth
Single
Dual
50mVp-p
75mVp-p
Temperature coefficient
±0.02% / ºC, max
Transient response recovery time 25% load step change
250uS
Over voltage protection
(Zener diode clamp)
3.3V output
5V output
12V output
15V output
3.9V
6.2V
15V
18V
Over load protection
% of FL at nominal input
150% max
Short circuit protection
Hiccup, automatics recovery
INPUT SPECIFICATIONS
Input voltage range
12V nominal input
24V nominal input
48V nominal input
9 – 18VDC
18 – 36VDC
36 – 75VDC
Input filter
Pi type
Input surge voltage
100mS max
12V input
24V input
48V input
36VDC
50VDC
100VDC
Input reflected ripple (Note 2)
Nominal Vin and full load
20mAp-p
Start up time
Nominal Vin and
constant resistive load
Power up
20mS typ
Remote ON/OFF (Note 3)
(Positive logic)
(Negative logic)
Remote off input current
DC-DC ON
DC-DC OFF
DC-DC ON
DC-DC OFF
Nominal input
Open or 3.5V < Vr < 12V
Short or 0V < Vr < 1.2V
Short or 0V < Vr < 1.2V
Open or 3.5V < Vr < 12V
20mA
The FEC15 series offer 15 watts of output power from a 2 x 1 x 0.4 inch package. The
FEC15 series with 2:1 wide input voltage of 9-18, 18-36 and 36-75VDC. The FEC15
features 1600VDC of isolation, short-circuit and over-voltage protection, as well as six
sided shielding. A safety approval to EN60950-1 and UL60950-1. All models are
particularly suited to telecommunications, industrial, mobile telecom and test equipment
applications.
TECH NICA L SPECIFICA T ION All specifications are typical at nominal input, full load and 25ºC otherwise noted
UL
E193009
TUV
CB
CE MARK
15 WATTS OUTPUT POWER
2:1 WIDE INPUT VOLTAGE RANGE
INTERNATIONAL SAFETY STANDARD APPROVAL
SIX-SIDED CONTINUOUS SHIELD
HIGH EFFICIENCY UP TO 88%
STANDARD 2” X 1” X 0.4” PACKAGE
FIXED SWITCHING FREQUENCY
VER:03
1
/
2


Similar Part No. - FEC15-48D12

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
FEC15-48D12 ASTRODYNE-FEC15-48D12 Datasheet
369Kb / 3P
   Isolated and Regulated 15 WATT Modular DC/DC Converters
logo
Power Mate Technology C...
FEC15-48D12 P-DUKE-FEC15-48D12 Datasheet
281Kb / 3P
   15 WATTS OUTPUT POWER
logo
Volgen Kaga Electronics...
FEC15-48D12 VOLGEN-FEC15-48D12 Datasheet
252Kb / 2P
   SIINGLE AND DUAL OUTPUT,, HIIGH DENSIITY 15 WATTS DC//DC CONVERTERS
logo
Power Mate Technology C...
FEC15-48D12 P-DUKE-FEC15-48D12 Datasheet
292Kb / 3P
   15 WATTS DC-DC CONVERTER
logo
Astrodyne Corporation
FEC15-48D12 ASTRODYNE-FEC15-48D12 Datasheet
207Kb / 3P
   Isolated and Regulated 15 WATT Modular DC/DC Converters
More results

Similar Description - FEC15-48D12

ManufacturerPart #DatasheetDescription
logo
AIMTEC
AM15CW-FZ AIMTEC-AM15CW-FZ Datasheet
159Kb / 3P
   15Watt | DC-DC Converter
AM15C-Z AIMTEC-AM15C-Z_12 Datasheet
142Kb / 4P
   15Watt | DC-DC Converter
AM15T-Z AIMTEC-AM15T-Z_13 Datasheet
318Kb / 3P
   15Watt | DC-DC Converter
AM15C-Z AIMTEC-AM15C-Z Datasheet
332Kb / 4P
   15Watt | DC-DC Converter
AM15CW-Z AIMTEC-AM15CW-Z_13 Datasheet
320Kb / 4P
   15Watt | DC-DC Converter
AM15CW-Z AIMTEC-AM15CW-Z_12 Datasheet
308Kb / 4P
   15Watt | DC-DC Converter
AM15T-Z AIMTEC-AM15T-Z Datasheet
385Kb / 3P
   15Watt | DC-DC Converter
AM15C-Z AIMTEC-AM15C-Z_13 Datasheet
715Kb / 4P
   15Watt | DC-DC Converter
AM15CW-Z AIMTEC-AM15CW-Z Datasheet
292Kb / 4P
   15Watt | DC-DC Converter
logo
GAPTEC Electronic GmbH ...
15ACEW GAPTEC-15ACEW Datasheet
580Kb / 5P
   15Watt - AC-DC converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com