Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRKD91-16A Datasheet(PDF) 6 Page - International Rectifier

Part # IRKD91-16A
Description  STANDARD DIODES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKD91-16A Datasheet(HTML) 6 Page - International Rectifier

  IRKD91-16A Datasheet HTML 1Page - International Rectifier IRKD91-16A Datasheet HTML 2Page - International Rectifier IRKD91-16A Datasheet HTML 3Page - International Rectifier IRKD91-16A Datasheet HTML 4Page - International Rectifier IRKD91-16A Datasheet HTML 5Page - International Rectifier IRKD91-16A Datasheet HTML 6Page - International Rectifier IRKD91-16A Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
IRK.91 Series
6
Bulletin I27141 rev. F 10/02
www.irf.com
Fig. 9 - Forward Power Loss Characteristics
Fig. 8 - Forward Power Loss Characteristics
Fig. 7 - Forward Power Loss Characteristics
0
20
40
60
80
100 120 140
Maximum Allowable Ambient Temperature (°C)
0.3
K/W
0.5
K/W
1 K/W
3 K/W
1.5 K/W
0.7
K/W
0
20
40
60
80
100
120
140
160
180
0
20
40
60
80 100 120 140 160
Total RMS Output Current (A)
180°
(Sine)
DC
IRK.91.. Series
Per Junction
T = 150°C
J
0
20
40
60
80
100 120 140
Maximum Allowable Ambient Temperature (°C)
3 K/W
1.5 K/W
1 K/W
0.7 K/
W
0.5 K
/W
0.3
K/W
R
= 0
.2
K/W
- D
elta
R
0.4
K/W
0
100
200
300
400
500
0
40
80
120
160
200
Total Output Current (A)
180°
(Sine)
180°
(Rect)
2 x IRK.91.. Series
Single Phase Bridge
Connected
T = 150°C
J
0
20
40
60
80
100 120 140
Maximum Allowable Ambient Temperature (°C)
0.5 K/W
0.7 K/W
1 K/W
3 K/W
0.3 K
/W
0.2
K/W
R
=
0.1
K/W
- D
elta
R
thS
A
0
100
200
300
400
500
600
700
800
0
50
100
150
200
250
300
Total Output Current (A)
120°
(Rect)
3 x IRK.91.. Series
Three Phase Bridge
Connected
T = 150°C
J


Similar Part No. - IRKD91-16A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKD91 IRF-IRKD91 Datasheet
109Kb / 7P
   ADD-A-pak GEN V Power Modules
IRKD91 IRF-IRKD91 Datasheet
109Kb / 7P
   ADD-A-pak GEN V Power Modules
IRKD91/04A IRF-IRKD91/04A Datasheet
109Kb / 7P
   ADD-A-pak GEN V Power Modules
IRKD91/06A IRF-IRKD91/06A Datasheet
109Kb / 7P
   ADD-A-pak GEN V Power Modules
IRKD91/08A IRF-IRKD91/08A Datasheet
109Kb / 7P
   ADD-A-pak GEN V Power Modules
More results

Similar Description - IRKD91-16A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
Nell Semiconductor Co.,...
NKD250 NELLSEMI-NKD250_18 Datasheet
663Kb / 4P
   Standard Diodes
logo
Vishay Siliconix
VSKD600-08 VISHAY-VSKD600-08_15 Datasheet
255Kb / 9P
   Standard Diodes
Revision: 29-Apr-15
logo
Nell Semiconductor Co.,...
NKD350 NELLSEMI-NKD350_17 Datasheet
649Kb / 4P
   Standard Diodes
NKD250 NELLSEMI-NKD250 Datasheet
487Kb / 4P
   Standard Diodes
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com