Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JANTX2N6788U Datasheet(PDF) 1 Page - International Rectifier

Part # JANTX2N6788U
Description  HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

JANTX2N6788U Datasheet(HTML) 1 Page - International Rectifier

  JANTX2N6788U Datasheet HTML 1Page - International Rectifier JANTX2N6788U Datasheet HTML 2Page - International Rectifier JANTX2N6788U Datasheet HTML 3Page - International Rectifier JANTX2N6788U Datasheet HTML 4Page - International Rectifier JANTX2N6788U Datasheet HTML 5Page - International Rectifier JANTX2N6788U Datasheet HTML 6Page - International Rectifier JANTX2N6788U Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Absolute Maximum Ratings
Parameter
Units
ID @ VGS = 10V, TC = 25°C
Continuous Drain Current
4.5
ID @ VGS = 10V, TC = 100°C
Continuous Drain Current
3.0
IDM
Pulsed Drain Current ➀
18
PD @ TC = 25°C
Max. Power Dissipation
1 4
W
Linear Derating Factor
0.11
W/°C
VGS
Gate-to-Source Voltage
±20
V
EAS
Single Pulse Avalanche Energy ➁
76
mJ
IAR
Avalanche Current ➀
-A
EAR
Repetitive Avalanche Energy ➀
-mJ
dv/dt
Peak Diode Recovery dv/dt ➂
5.5
V/ns
T J
Operating Junction
-55 to 150
TSTG
Storage Temperature Range
Pckg. Mounting Surface Temp.
300 (for 5 S)
Weight
0.42(typical)
g
PD - 93983
The leadless chip carrier (LCC) package represents the
logical next step in the continual evolution of surface
mount technology. Desinged to be a close replacement
for the TO-39 package, the LCC will give designers the
extra flexibility they need to increase circuit board den-
sity. International Rectifier has engineered the LCC pack-
age to meet the specific needs of the power market by
increasing the size of the bottom source pad, thereby
enhancing the thermal and electrical performance. The
lid of the package is grounded to the source to reduce
RF interference.
o C
A
1/16/01
www.irf.com
1
LCC-18
Product Summary
Part Number
BVDSS
RDS(on)
ID
IRFE120
100V
0.30
4.5A
Features:
!
Surface Mount
!
Small Footprint
!
Alternative to TO-39 Package
!
Hermetically Sealed
!
Dynamic dv/dt Rating
!
Avalanche Energy Rating
!
Simple Drive Requirements
!
Light Weight
For footnotes refer to the last page
REPETITIVEAVALANCHEANDdv/dtRATED
IRFE120
HEXFET
TRANSISTORS
JANTX2N6788U
SURFACE MOUNT (LCC-18)
[REF:MIL-PRF-19500/555]
100V, N-CHANNEL


Similar Part No. - JANTX2N6788U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
JANTX2N6788 IRF-JANTX2N6788 Datasheet
238Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.30ohm, Id=6.0A)
JANTX2N6788 IRF-JANTX2N6788 Datasheet
204Kb / 7P
   Repetitive Avalanche Ratings
JANTX2N6788 IRF-JANTX2N6788_15 Datasheet
204Kb / 7P
   Repetitive Avalanche Ratings
More results

Similar Description - JANTX2N6788U

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFE110 IRF-IRFE110 Datasheet
199Kb / 7P
   HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
IRFE9120 IRF-IRFE9120 Datasheet
138Kb / 7P
   HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
IRF7E3704 IRF-IRF7E3704 Datasheet
128Kb / 7P
   HEXFET POWER MOSFET SURFACE MOUNT (LCC-18)
IRFE220 IRF-IRFE220 Datasheet
228Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
IRFE320 IRF-IRFE320 Datasheet
236Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
IRFE220 IRF-IRFE220_07 Datasheet
197Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
IRFE120 IRF-IRFE120_07 Datasheet
295Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
IRFE9210 IRF-IRFE9210 Datasheet
134Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
IRFE230 IRF-IRFE230 Datasheet
201Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
IRFE9110 IRF-IRFE9110 Datasheet
124Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS SURFACE MOUNT (LCC-18)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com