Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDTQS32X2245 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDTQS32X2245
Description  QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTQS32X2245 Datasheet(HTML) 4 Page - Integrated Device Technology

  IDTQS32X2245 Datasheet HTML 1Page - Integrated Device Technology IDTQS32X2245 Datasheet HTML 2Page - Integrated Device Technology IDTQS32X2245 Datasheet HTML 3Page - Integrated Device Technology IDTQS32X2245 Datasheet HTML 4Page - Integrated Device Technology IDTQS32X2245 Datasheet HTML 5Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
INDUSTRIALTEMPERATURERANGE
IDTQS32X2245
HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
POWER SUPPLY CHARACTERISTICS
Symbol
Parameter
Test Conditions(1)
Max.
Unit
ICCQ
Quiescent Power Supply Current
VCC = Max., VIN = GND or Vcc, f = 0
6
µA
∆ICC
Power Supply Current per Control Input HIGH (2)
VCC = Max., VIN = 3.4V, f = 0
1.5
mA
ICCD
Dynamic Power Supply Current per MHz(3)
VCC = Max., A and B pins open
0.25
mA/MHz
Control Inputs Toggling at 50% Duty Cycle
NOTES:
1. For conditions shown as Min. or Max., use the appropriate values specified under DC Electrical Characteristics.
2. Per TLL driven input (VIN = 3.4V, control inputs only). A and B pins do not contribute to
∆Icc.
3. This current applies to the control inputs only and represents the current required to switch internal capacitance at the specified frequency. The A and B inputs generate no significant
AC or DC currents as they transition. This parameter is guaranteed but not production tested.
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
TA = -40°C to +85°C, VCC = 5.0V ± 5%;
CLOAD = 50pF, RLOAD = 500
Ω unless otherwise noted.
Symbol
Parameter
Min.(1)
Typ.
Max.
Unit
tPLH
DataPropagationDelay(2,3)
1.25
ns
tPHL
An to/from Bn
tPZL
Switch Turn-on Delay
0.5
6.6
ns
tPZH
OE to An/Bn
tPLZ
Switch Turn-off Delay (2)
0.5
4.5
ns
tPHZ
OE to An/Bn
NOTES:
1. Minimums are guaranteed but not production tested.
2. This parameter is guaranteed but not production tested.
3. The bus switch contributes no propagation delay other than the RC delay of the ON resistance of the switch and the load capacitance. The time constant for the switch alone
is of the order of 1.25ns for CL = 50pF.
Since this time constant is much smaller than the rise and fall times of typical driving signals, it adds very little propagation delay to
the system. Propagation delay of the bus switch, when used in a system, is determined by the driving circuit on the driving side of the switch and its interaction with the load
on the driven side.


Similar Part No. - IDTQS32X2245

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDTQS32X2245 RENESAS-IDTQS32X2245 Datasheet
389Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
FEBRUARY 2011
logo
Integrated Device Techn...
IDTQS32X2245 IDT-IDTQS32X2245_11 Datasheet
223Kb / 5P
   HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
More results

Similar Description - IDTQS32X2245

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTQS32X245 IDT-IDTQS32X245 Datasheet
44Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
IDTQS32X245 IDT-IDTQS32X245 Datasheet
44Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
logo
Renesas Technology Corp
IDTQS32X245 RENESAS-IDTQS32X245 Datasheet
377Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
FEBRUARY 2011
IDTQS32X2245 RENESAS-IDTQS32X2245 Datasheet
389Kb / 6P
   QUICKSWITCH® PRODUCTS HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
FEBRUARY 2011
logo
Integrated Device Techn...
IDTQS32X2245 IDT-IDTQS32X2245_11 Datasheet
223Kb / 5P
   HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
IDTQS32X245 IDT-IDTQS32X245_11 Datasheet
216Kb / 5P
   HIGH-SPEED CMOS QUICKSWITCH DOUBLE-WIDTH BUS SWITCH
IDTQS32245 IDT-IDTQS32245 Datasheet
40Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS3244 IDT-IDTQS3244 Datasheet
42Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
IDTQS3245 IDT-IDTQS3245 Datasheet
42Kb / 5P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
logo
Renesas Technology Corp
QS32245 RENESAS-QS32245 Datasheet
254Kb / 6P
   QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 8-BIT BUS SWITCH
JUNE 2019
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com