Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHB-04D Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CHB-04D
Description  Surface Mountable Sound Generators CHB Series
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CHB-04D Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CHB-04D Datasheet HTML 1Page - List of Unclassifed Manufacturers CHB-04D Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
111
■CHBシリーズセレクションガイド/CHB Series Selection Guide
製品コード
Product code
仕様
Specifications
定格電圧1
Rated
voltage1
V
最小音圧2
Minimum
sound pressure
level
dB(A)
平均音圧2
Average
sound
pressure level
dB(A)
平均消費電流(最大値)
Average
maximum
rated current
mA
駆動周波数
Driving
frequency
Hz
直流抵抗
Direct
current
resistance
Ω
外形寸法
Dimensions
mm
重量
Net
Weight
grs.
当カタログ
のページ
Page in
this
catalog
CHB-02A
3.6
80
83
88
2700
20
11×10×2
0.47
112
CHB-03A
1.5
60
87
91
2700
9.5
14×11×3
0.9
112
CHB-03A-03
1.5
60
87
91
2700
9.5
14×11×3
0.9
3
CHB-03A-04
1.5
60
87
91
2700
9.5
14×11×3
0.9
3
CHB-03A-05
1.5
60
87
91
2700
9.5
14×11×3
0.9
3
CHB-03B
3
70
87
93
2700
18
14×11×3
0.9
112
CHB-03B-04
3
70
90
93
3200
18
14×11×3
0.9
113
CHB-03B-05
3
70
87
93
2700
18
14×11×3
0.9
3
CHB-03C
5
80
87
94
2700
40
14×11×3
0.9
113
CHB-03C-04
5
80
(90)
94
2700
40
14×11×3
0.9
3
CHB-03D
5
80
87
95
2730
40
14×11×3.4
1.0
113
CHB-03E
1.5
70
85
89
2700
8.5
10×10×3
0.7
114
CHB-03F
3.6
80
85
91
2700
25
10×10×3
0.7
114
CHB-03F-02
3.6
80
85
91
2700
25
10×10×3
0.7
3
CHB-03G
5
80
85
91
2700
40
10×10×3
0.7
114
CHB-03H-03
2.3
80
85
88
2666
16
10×10×3
0.8
3
CHB-03J
3
80
85
91
2700
20
10×10×3
0.7
115
CHB-03L
1.5
70
85
89
2700
8.5
10×10×3
0.7
3
CHB-03M
3
80
85 *4
91 *4
2700
18
8.5×8.5×3.2
0.6
115
CHB-03N
3
80
85
89
3000
18
8.5×8.5×3.0
0.6
115
CHB-03R
3
80
85 *4
93 *4
2700
18
8.5×8.5×3.2
0.4
116
CHB-04C-05
3
80
85
89
3000
18
8.5×9.05×3.2
0.6
116
CHB-04C-08
2.5
80
87
89
3000
18
8.5×9.05×3.2
0.6
3
CHB-04D
3
80
85
91
3000
18
8.5×8.5×4
0.6
116
CHB-04D-03
3
80
87 *4
93 *4
2700
18
8.5×8.5×4
0.6
117
CHB-04D-04
4
100
87
92
3000
18
8.5×8.5×4
0.6
*3
CHB-04G
3.6
80
87
92
2700
25
10×10×4
0.8
117
CHB-04H-03
3
80
87
93
2700
18
8.5×8.5×4
0.6
*3
CHB-04H-05
1.5
80
85
91
2700
8.5
8.5×8.5×4
0.57
*3
CHB-04H-14
5
80
87 *4
93 *4
2500
32
8.5×8.5×4
0.6
117
1 DUTY50% 方形波/Duty 50% Square wave
2 無響室 マイク間距離10cm/Anechoic chamber (The distance between mike is 10cm with a
single unit.)
単体/Single unit
3 カタログ不掲載のため、詳細についてはお問い合わせください。/Parts marked 3 are not listed in
this catalog. Please consult with us for details.
4 携帯電話組込後を想定した筐体に 組込後の音圧測定です。/The sound pressure levels are
measured with the simulated housing of which is equivalent to the portable telephone
housing in actual mass-production.


Similar Part No. - CHB-04D

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CHB-04D-03 CITIZEN-CHB-04D-03 Datasheet
457Kb / 1P
   Small Buzzer
CHB-04D-03 CITIZEN-CHB-04D-03 Datasheet
453Kb / 1P
   Volatge 3(V), Direct current resistance 18(R)
More results

Similar Description - CHB-04D

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HSB16C JLWORLD-HSB16C Datasheet
74Kb / 1P
   SPEAKER SOUND GENERATORS
HSB29C JLWORLD-HSB29C Datasheet
120Kb / 1P
   SPEAKER SOUND GENERATORS
HSB1020A JLWORLD-HSB1020A Datasheet
68Kb / 1P
   SPEAKER SOUND GENERATORS
HSB1425A JLWORLD-HSB1425A Datasheet
331Kb / 1P
   SPEAKER SOUND GENERATORS
HSB3434B-8 JLWORLD-HSB3434B-8 Datasheet
113Kb / 1P
   SPEAKER SOUND GENERATORS
HPM14AX JLWORLD-HPM14AX Datasheet
70Kb / 1P
   PIEZO SOUND GENERATORS
HSR28D JLWORLD-HSR28D Datasheet
69Kb / 1P
   SPEAKER SOUND GENERATORS
HPS12C JLWORLD-HPS12C Datasheet
55Kb / 1P
   PIEZO SOUND GENERATORS
HPA17F JLWORLD-HPA17F Datasheet
64Kb / 1P
   PIEZO SOUND GENERATORS
HPA30D JLWORLD-HPA30D Datasheet
95Kb / 1P
   PIEZO SOUND GENERATORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com