Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2250CS-T7 Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL2250CS-T7
Description  125MHz Single Supply Dual/Quad Op Amps
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2250CS-T7 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL2250CS-T7 Datasheet HTML 5Page - Intersil Corporation EL2250CS-T7 Datasheet HTML 6Page - Intersil Corporation EL2250CS-T7 Datasheet HTML 7Page - Intersil Corporation EL2250CS-T7 Datasheet HTML 8Page - Intersil Corporation EL2250CS-T7 Datasheet HTML 9Page - Intersil Corporation EL2250CS-T7 Datasheet HTML 10Page - Intersil Corporation EL2250CS-T7 Datasheet HTML 11Page - Intersil Corporation EL2250CS-T7 Datasheet HTML 12Page - Intersil Corporation EL2250CS-T7 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9
FN7061.2
June 7, 2005
Typical Performance Curves (Continued)
Supply Current vs Supply Voltage
(per amplifier)
Supply Current vs Die
Temperature (per amplifier)
Input Resistance vs Die
Temperature
Offset Voltage vs Die Temperature
(4 Samples)
Input Bias Current vs Input
Voltage
Input Offset Current and Input Bias
Current vs Die Temperature
Positive Output Voltage Swing vs
Die Temperature, RL = 150Ω to
GND
Negative Output Voltage Swing vs
Die Temperature, RL = 150Ω to
GND
Channel to Channel Isolation vs
Frequency
Package Power Dissipation vs Ambient Temp.
SEMI G42-88 Single Layer Test Board
Ambient Temperature (°C)
1.8
1.6
1.4
1.2
1
0.8
0.6
0.4
0.2
0
025
50
75
100
125
150
85
1.54W
1.25W
PD
IP
14
θ
JA =
81
°C
/W
PD
IP8
θ
JA =
100
°C
/W
Package Power Dissipation vs Ambient Temp.
JEDEC JESD51-3 Low Effective Thermal Conductivity
Test Board
Ambient Temperature (°C)
1.2
1
0.8
0.6
0.4
0.2
0
0
25
50
75
100
125
150
85
1.042W
781W
SO
14 θ
JA =
12
0°C
/W
SO
8 θ
JA =1
60°
C/W
EL2250, EL2450


Similar Part No. - EL2250CS-T7

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL2250CS-T7 ELANTEC-EL2250CS-T7 Datasheet
595Kb / 17P
   125MHz Single Supply Dual/Quad Op Amps
logo
Intersil Corporation
EL2250CS-T7 INTERSIL-EL2250CS-T7 Datasheet
362Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
logo
Renesas Technology Corp
EL2250CS-T7 RENESAS-EL2250CS-T7 Datasheet
952Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
More results

Similar Description - EL2250CS-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2250 INTERSIL-EL2250_06 Datasheet
362Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
logo
Elantec Semiconductor
EL2250C ELANTEC-EL2250C Datasheet
595Kb / 17P
   125MHz Single Supply Dual/Quad Op Amps
logo
Renesas Technology Corp
EL2250 RENESAS-EL2250 Datasheet
952Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
logo
Intersil Corporation
EL2150 INTERSIL-EL2150 Datasheet
620Kb / 19P
   125MHz Single Supply, Clamping Op Amps
logo
Maxim Integrated Produc...
MAX406 MAXIM-MAX406_09 Datasheet
7Mb / 16P
   Single/Dual/Quad, Single-Supply Op Amps
Rev 4; 4/09
MAX473 MAXIM-MAX473 Datasheet
144Kb / 12P
   Single/Dual/Quad, 10MHz Single-Supply Op Amps
Rev 1; 3/95
MAX406 MAXIM-MAX406_08 Datasheet
6Mb / 17P
   1.2μA Max, Single/Dual/Quad, Single-Supply Op Amps
Rev 3; 10/08
MAX44241 MAXIM-MAX44241 Datasheet
961Kb / 13P
   Single/Quad/Dual Op Amps
Rev 5; 1/14
logo
Linear Technology
LT1078 LINER-LT1078 Datasheet
514Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
logo
Linear Dimensions Semic...
LT2079CS LINEAR_DIMENSIONS-LT2079CS Datasheet
345Kb / 16P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com