Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2450 Datasheet(PDF) 4 Page - Intersil Corporation

Part # EL2450
Description  125MHz Single Supply Dual/Quad Op Amps
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL2450 Datasheet(HTML) 4 Page - Intersil Corporation

  EL2450 Datasheet HTML 1Page - Intersil Corporation EL2450 Datasheet HTML 2Page - Intersil Corporation EL2450 Datasheet HTML 3Page - Intersil Corporation EL2450 Datasheet HTML 4Page - Intersil Corporation EL2450 Datasheet HTML 5Page - Intersil Corporation EL2450 Datasheet HTML 6Page - Intersil Corporation EL2450 Datasheet HTML 7Page - Intersil Corporation EL2450 Datasheet HTML 8Page - Intersil Corporation EL2450 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
FN7061.2
June 7, 2005
AC Electrical Specifications
VS = +5V, GND = 0V, TA = 25°C, VCM = +1.5V, VOUT = +1.5V, AV = +1, RF = 0Ω, RL = 150Ω to GND pin,
unless otherwise specified. (Note 1)
PARAMETER
DESCRIPTION
TEST CONDITIONS
MIN
TYP
MAX
UNIT
BW
-3dB Bandwidth
(VOUT=400mVP-P)
VS = +5V, AV = +1, RF = 0Ω
125
MHz
VS = +5V, AV = -1, RF = 500Ω
60
MHz
VS = +5V, AV = +2, RF = 500Ω
60
MHz
VS = +5V, AV = +10, RF = 500Ω
6MHz
VS = +12V, AV = +1, RF = 0Ω
150
MHz
VS = +3V, AV = +1, RF = 0Ω
100
MHz
BW
±0.1dB Bandwidth
(VOUT=400mVP-P)
VS = +12V, AV = +1, RF = 0Ω
25
MHz
VS = +5V, AV = +1, RF = 0Ω
30
MHz
VS = +3V, AV = +1, RF = 0Ω
20
MHz
GBWP
Gain Bandwidth Product
VS = +12V, @ AV = +10
60
MHz
PM
Phase Margin
RL = 1kΩ, CL = 6pF
55
°
SR
Slew Rate
VS = +10V, RL = 150Ω, VOUT = 0V to +6V
200
275
V/µs
VS = +5V, RL = 150Ω, VOUT = 0V to +3V
300
V/µs
tR, tF
Rise Time, Fall Time
±0.1V Step
2.8
ns
OS
Overshoot
±0.1V Step
10
%
tPD
Propagation Delay
±0.1V Step
3.2
ns
tS
0.1% Settling Time
VS = ±5V, RL = 500Ω, AV = +1, VOUT = ±3V
40
ns
0.01% Settling Time
VS = ±5V, RL = 500Ω, AV = +1, VOUT = ±3V
75
ns
dG
Differential Gain (Note 2)
AV = +2, RF = 1kΩ
0.05
%
dP
Differential Phase (Note 2)
AV = +2, RF = 1kΩ
0.05
°
eN
Input Noise Voltage
f = 10kHz
48
nV/
√Hz
iN
Input Noise Current
f = 10kHz
1.25
pA/
√Hz
NOTES:
1. All AC tests are performed on a “warmed up” part, except slew rate, which is pulse tested
2. Standard NTSC signal = 286mVP-P, f = 3.58MHz, as VIN is swept from 0.6V to 1.314V; RL is DC coupled
EL2250, EL2450


Similar Part No. - EL2450

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2450 INTERSIL-EL2450 Datasheet
362Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
logo
Renesas Technology Corp
EL2450 RENESAS-EL2450 Datasheet
952Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
logo
Elantec Semiconductor
EL2450CN ELANTEC-EL2450CN Datasheet
595Kb / 17P
   125MHz Single Supply Dual/Quad Op Amps
logo
Intersil Corporation
EL2450CN INTERSIL-EL2450CN Datasheet
362Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
logo
Renesas Technology Corp
EL2450CN RENESAS-EL2450CN Datasheet
952Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
More results

Similar Description - EL2450

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2250 INTERSIL-EL2250_06 Datasheet
362Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
logo
Elantec Semiconductor
EL2250C ELANTEC-EL2250C Datasheet
595Kb / 17P
   125MHz Single Supply Dual/Quad Op Amps
logo
Renesas Technology Corp
EL2250 RENESAS-EL2250 Datasheet
952Kb / 15P
   125MHz Single Supply Dual/Quad Op Amps
logo
Intersil Corporation
EL2150 INTERSIL-EL2150 Datasheet
620Kb / 19P
   125MHz Single Supply, Clamping Op Amps
logo
Maxim Integrated Produc...
MAX406 MAXIM-MAX406_09 Datasheet
7Mb / 16P
   Single/Dual/Quad, Single-Supply Op Amps
Rev 4; 4/09
MAX473 MAXIM-MAX473 Datasheet
144Kb / 12P
   Single/Dual/Quad, 10MHz Single-Supply Op Amps
Rev 1; 3/95
MAX406 MAXIM-MAX406_08 Datasheet
6Mb / 17P
   1.2μA Max, Single/Dual/Quad, Single-Supply Op Amps
Rev 3; 10/08
MAX44241 MAXIM-MAX44241 Datasheet
961Kb / 13P
   Single/Quad/Dual Op Amps
Rev 5; 1/14
logo
Linear Technology
LT1078 LINER-LT1078 Datasheet
514Kb / 20P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
logo
Linear Dimensions Semic...
LT2079CS LINEAR_DIMENSIONS-LT2079CS Datasheet
345Kb / 16P
   Micropower, Dual and Quad, Single Supply, Precision Op Amps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com