Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDZ4V3B Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DDZ4V3B
Description  SURFACE MOUNT PRECISION ZENER DIODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDZ4V3B Datasheet(HTML) 3 Page - Diodes Incorporated

  DDZ4V3B Datasheet HTML 1Page - Diodes Incorporated DDZ4V3B Datasheet HTML 2Page - Diodes Incorporated DDZ4V3B Datasheet HTML 3Page - Diodes Incorporated DDZ4V3B Datasheet HTML 4Page - Diodes Incorporated DDZ4V3B Datasheet HTML 5Page - Diodes Incorporated DDZ4V3B Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DS30407 Rev. 2 - 2
3 of 6
DDZ3V3A - DDZ43
www.diodes.com
0
0.2
0.4
0.6
0.8
1.2
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
Fig.2 Typical Forward Characteristics
100
10
1.0
0.1
0.01
1000
8.0
11.0
13.0
15.0
V , ZENER BREAKDOWN VOLTAGE (V)
Z
Fig.5 Typical Reverse Characteristics, DDZ10C - DDZ14
10.0
12.0
14.0
1m
100n
10m
100m
DDZ10C
DDZ13B
DDZ14
DDZ11C
DDZ12C
0
0.1
0.2
0.3
0.4
0.5
25
050
75
100
125
150
T , AMBIENT TEMPERATURE (
°C)
A
Fig. 1 Power Dissipation vs Ambient Temperature
0.6
1m
100n
10m
100m
4.0
6.0
8.0
10.0
V , ZENER BREAKDOWN VOLTAGE (V)
Z
Fig. 4 Typical Reverse Characteristics, DDZ5V6B - DDZ9V1C
5.0
7.0
9.0
DDZ5V6B
DDZ6V2B
DDZ6V8C
DDZ7V5C
DDZ8V2C
DDZ9V1C
10n
100n
1m
05
V , ZENER BREAKDOWN VOLTAGE (V)
Z
Fig. 3 Typical Reverse Characteristics
10m
100m
10
15
20
25
30
35
40
45


Similar Part No. - DDZ4V3B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZ4V3BSF DIODES-DDZ4V3BSF Datasheet
115Kb / 6P
   0.5W SURFACE MOUNT PRECISION ZENER DIODE
DDZ4V3BSF DIODES-DDZ4V3BSF Datasheet
115Kb / 6P
   0.5W SURFACE MOUNT PRECISION ZENER DIODE
DDZ4V3BSF DIODES-DDZ4V3BSF Datasheet
223Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
More results

Similar Description - DDZ4V3B

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZ9693 DIODES-DDZ9693 Datasheet
187Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 2 - 2
BZT585B2V4T DIODES-BZT585B2V4T Datasheet
195Kb / 4P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ9681 DIODES-DDZ9681_1 Datasheet
191Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 9 - 2
DDZ9689T DIODES-DDZ9689T Datasheet
719Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30553 Rev. 3 - 2
DDZ5V1BS DIODES-DDZ5V1BS Datasheet
176Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30414 Rev. 4 - 2
D3Z2V4BF DIODES-D3Z2V4BF_16 Datasheet
179Kb / 5P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ5V1B DIODES-DDZ5V1B_08 Datasheet
237Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30407 Rev. 11 - 2
DDZ9678 DIODES-DDZ9678 Datasheet
178Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 14 - 2
DDZX5V6AQ DIODES-DDZX5V6AQ Datasheet
567Kb / 5P
   SURFACE MOUNT PRECISION ZENER DIODE
May 2022 Rev. 3 - 2
DS30410 DIODES-DS30410 Datasheet
178Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ5V1B DIODES-DDZ5V1B_12 Datasheet
174Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com