Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

300U10A Datasheet(PDF) 1 Page - International Rectifier

Part # 300U10A
Description  STANDARD RECOVERY DIODES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

300U10A Datasheet(HTML) 1 Page - International Rectifier

  300U10A Datasheet HTML 1Page - International Rectifier 300U10A Datasheet HTML 2Page - International Rectifier 300U10A Datasheet HTML 3Page - International Rectifier 300U10A Datasheet HTML 4Page - International Rectifier 300U10A Datasheet HTML 5Page - International Rectifier 300U10A Datasheet HTML 6Page - International Rectifier 300U10A Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Features
Alloy diode
Popular series for rough service
Stud cathode and stud anode version
Typical Applications
Welders
Power supplies
Motor controls
Battery chargers
General industrial current rectification
I
F(AV)
300
A
@ T
C
150
°C
I
FSM
@ 50Hz
6550
A
@ 60Hz
6850
A
I2t@ 50Hz
214
KA2s
@ 60Hz
195
KA2s
V
RRM
range
100 to 600
V
T
J
-65 to 200
°C
Parameters
300U
Units
Major Ratings and Characteristics
case style
DO-205AB (DO-9)
1
STANDARD RECOVERY DIODES
Stud Version
300U(R) SERIES
300A
Bulletin I2039 rev.
C 03/03
www.irf.com


Similar Part No. - 300U10A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
300U10A IRF-300U10A Datasheet
188Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
300U10A VISHAY-300U10A Datasheet
107Kb / 6P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 24-Jun-08
300U10A VISHAY-300U10A Datasheet
127Kb / 7P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 24-Jun-08
logo
New Jersey Semi-Conduct...
300U10A NJSEMI-300U10A Datasheet
149Kb / 1P
   Standard Recovery
300U10A NJSEMI-300U10A Datasheet
149Kb / 1P
   Standard Recovery
More results

Similar Description - 300U10A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-302UR60A VISHAY-VS-302UR60A Datasheet
179Kb / 8P
   Standard Recovery Diodes
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com