Electronic Components Datasheet Search |
|
TGL41-110 Datasheet(PDF) 1 Page - Microsemi Corporation |
|
TGL41-110 Datasheet(HTML) 1 Page - Microsemi Corporation |
1 / 4 page 500 Watt Transient Voltage Suppressor Microsemi Scottsdale Division 8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503 Page 1 Copyright © 2003 01-29-2003 REV A SCOTTSDALE DIVISION TGL41-6.8 thru TGL41-200CA DESCRIPTION APPEARANCE This series of 500 W Transient Voltage Suppressors (TVSs) provides the highest level of Peak Pulse Power (PPP) in the industry for the DO-213AB size MELF package. These PPP levels offer protection from switching transients, induced RF, secondary lightning, as well as ESD or EFT where these devices are also compliant to IEC61000-4-2 and IEC61000-4-4. In addition to unidirectional TVS configurations, this series also offers bidirectional options with C or CA suffix. Its configuration in a MELF package prevents lead damage to terminals and also reduces inductive parasitics for minimal transient voltage overshoots. DO-213AB IMPORTANT: For the most current data, consult MICROSEMI’s website: http://www.microsemi.com FEATURES APPLICATIONS / BENEFITS • Economical series for 500 Watt Surface Mount transient voltage suppressor. • Available in Both Unidirectional and Bidirectional Construction. Bidirectional has a C or CA suffix. • 6.8 to 200 Volts Available. • 500 Watts Peak Power Dissipation. • Fast Response Time: Subnanosecond Response (Unipolar) or 5.0 ns (Bipolar). • Plastic package has flame retardant epoxy meeting UL94V-0 • For Surface Mount Applications • Protection from switching transients, induced RF, secondary lightning, as well as ESD, and EFT per IEC 61000-4-2 and IEC 6100-4-4 • Very low inductive parasitics with minimal Ldi/dt voltage overshoots for fast-rise-time transients • Robust package for pick-and-place handling MAXIMUM RATINGS @ 25oC* MECHANICAL AND PACKAGING • Peak Pulse Power Dissipation (PPP) - 500 W (Note 1 & 5). • Peak Forward Surge Current (IFSM) - 40 A (Note 3) • Peak Pulse Current (IPP) at 10/1000 µs waveform - see Table 1 (Note 1) • Steady-State Power Dissipation, P(AV) - 3.0W (Note 2, 4) • Operating and Storage temperatures, TOP, TSTG – (-55 oC to +150oC) • Thermal Resistance junction to end cap (R? JEC) – 15 oC/W • Molded epoxy package meets UL94V-0 • End-Cap terminals solderable per MIL-STD-750, Method 2026 (max 260 oC for 10 seconds. • Polarity is indicated by cathode band. Bidirectional devices have no polarity band. • Body marked with P/N without TGL41 prefix. • Weight: 0.06 grams (approximate) • Tape and Reel packaging per EIA-481-2 with 12 mm tape with 5000 per 13 inch reel. * Unless otherwise specified. NOTES: 1. Non-repetitive current pulse, per Figure 3 and derated above TA = 25 oC per Figure 2. 2. Mounted on 4.0 mm 2 copper pads to each terminal. (See Figure 3) 3. 8.3 ms single half-sine wave duty cycle = 4 pulses per minute max. Peak forward voltage at 40 A is 3.5 volts (unipolar only) 4. Derate linearly above 100 oC to zero at 150oC for dc steady-state power. Also see Figure 2 for transient derating. 5. Peak pulse current waveform is 10/1000 µs, with maximum duty cycle of 0.01%. (See Figure 4) |
Similar Part No. - TGL41-110 |
|
Similar Description - TGL41-110 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |