Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30KP64 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 30KP64
Description  30kW Transient Voltage Suppressor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

30KP64 Datasheet(HTML) 2 Page - Microsemi Corporation

  30KP64 Datasheet HTML 1Page - Microsemi Corporation 30KP64 Datasheet HTML 2Page - Microsemi Corporation 30KP64 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
30kW Transient Voltage Suppressor
SCOTTSD A L E DIVISION
30KP33 thru 30KP400A
ELECTRICAL CHARACTERISTICS
Rated
Stand-off
Voltage
VWM
Breakdown Voltage
V(BR) Volts
@ I(BR)
V(BR)
I(BR)
Maximum
Clamping
@ IPP
10/1000
µs
VC
Maximum
Reverse
Leakage
@ VWM
ID
Maximum
Peak Pulse
Current
IPP
Maximum
V(BR)
temperature
Coefficient
αVZ
Part
Number
VOLTS
VOLTS
mA
VOLTS
µAmps
Amps
mV/
oC
30KP33
30KP33A
30KP36
30KP36A
33
33
36
36
36.7-44.9
36.7-40.6
40.0-48.9
40.0-44.2
50
50
50
50
64.6
58.6
68.2
61.8
5000
5000
5000
5000
496
548
454
502
42
38
46
41
30KP40
30KP40A
30KP43
30KP43A
40
40
43
43
44.4-54.3
44.4-49.1
47.8-58.4
47.8-52.8
20
20
10
10
75.8
68.6
79.0
71.0
1500
1500
500
500
412
456
380
430
51
46
55
50
30KP45
30KP45A
30KP48
30KP48A
45
45
48
48
50.0-61.1
50.0-55.3
53.3-65.1
53.3-58.9
5
5
5
5
80.7
73.0
85.9
77.7
150
150
150
150
372
410
350
386
57
52
62
56
30KP51
30KP51A
30KP54
30KP54A
51
51
54
54
56.7-69.3
56.7-62.7
60.0-73.3
60.0-66.3
5
5
5
5
91.5
82.8
96.8
87.5
50
50
25
25
328
362
310
342
66
60
70
63
30KP58
30KP58A
30KP60
30KP60A
58
58
60
60
64.4-78.7
64.4-71.2
66.7-81.5
66.7-73.7
5
5
5
5
104
94.0
107
97.3
15
15
15
15
288
320
280
304
76
68
78
71
30KP64
30KP64A
30KP70
30KP70A
64
64
70
70
71.1-86.9
71.1-78.6
77.8-95.1
77.8-86.0
5
5
5
5
115
104
126
114
10
10
10
10
260
288
238
264
84
76
92
83
30KP75
30KP75A
30KP78
30KP78A
75
75
78
78
83.3-102.0
83.3-92.1
86.7-106.0
86.7-95.8
5
5
5
5
135
122
140
126
10
10
10
10
222
246
214
238
100
89
104
93
30KP85
30KP85A
30KP90
30KP90A
85
85
90
90
94.4-115
94.4-104
100-122
100-111
5
5
5
5
152
137
160
146
10
10
10
10
198
218
188
206
113
102
120
109
30KP100
30KP100A
30KP110
30KP110A
100
100
110
110
111-136
111-123
122-149
122-135
5
5
5
5
179
162
196
178
10
10
10
10
168
186
154
168
134
121
147
133
30KP120
30KP120A
30KP130
30KP130A
120
120
130
130
133-163
133-147
144-176
144-159
5
5
5
5
214
193
231
209
10
10
10
10
140
156
130
142
161
145
174
157
30KP150
30KP150A
30KP160
30KP160A
150
150
160
160
167-204
167-185
178-218
178-197
5
5
5
5
268
243
287
259
10
10
10
10
112
124
104
116
202
183
216
195
30KP170
30KP170A
30KP180
30KP180A
170
170
180
180
189-231
189-209
200-244
200-221
5
5
5
5
304
275
321
291
10
10
10
10
98
110
94
104
229
207
242
219
30KP200
30KP200A
30KP220
30KP220A
200
200
220
220
222-271
222-245
245-299
245-271
5
5
5
5
356
322
393
356
10
10
10
10
84
94
76
84
269
243
297
269
30KP250A
30KP260A
30KP280A
30KP300A
250
260
280
300
278-308
289-320
311-345
333-369
5
5
5
5
403
419
451
483
10
10
10
10
74
71
66
62
306
318
344
368
30KP350A
30KP400A
350
400
389-431
444-492
5
5
564
644
10
10
53
46
430
490
NOTE: For bidirectional construction, indicate a C or CA suffix after the part number.
Microsemi
Scottsdale Division
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503
Page 2
Copyright
 2003
06-24-2003 REV F


Similar Part No. - 30KP64

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
30KP64 EIC-30KP64 Datasheet
125Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
30KP64 NJSEMI-30KP64 Datasheet
395Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Digitron Semiconductors
30KP64 DIGITRON-30KP64 Datasheet
152Kb / 4P
   30kW TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
30KP64 ETC2-30KP64 Datasheet
322Kb / 3P
   Transient Voltage Suppressor
logo
Digitron Semiconductors
30KP64 DIGITRON-30KP64 Datasheet
210Kb / 5P
   30kW TRANSIENT VOLTAGE SUPPRESSOR
More results

Similar Description - 30KP64

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
30KP22 DIGITRON-30KP22 Datasheet
152Kb / 4P
   30kW TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
30KPA28A TAITRON-30KPA28A Datasheet
212Kb / 6P
   30KW Transient Voltage Suppressor
logo
Digitron Semiconductors
30KP22 DIGITRON-30KP22_16 Datasheet
210Kb / 5P
   30kW TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Leiditech Elec...
30KP LEIDITECH-30KP Datasheet
790Kb / 5P
   30KW Transient Voltage Suppressor
logo
Microsemi Corporation
PLAD30KP10 MICROSEMI-PLAD30KP10 Datasheet
275Kb / 5P
   30kW Surface Mount Transient Voltage Suppressor
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
   Transient Voltage Suppressor / Data Line Transient Suppressor
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com