Electronic Components Datasheet Search |
|
BLU60 Datasheet(PDF) 5 Page - NXP Semiconductors |
|
BLU60 Datasheet(HTML) 5 Page - NXP Semiconductors |
5 / 10 page March 1986 5 Philips Semiconductors Product specification UHF power transistor BLU60/12 APPLICATION INFORMATION R.F. performance at Th =25 °C in a common-emitter class-B circuit List of components: Notes 1. American Technical Ceramics capacitor type B or capacitor of the same quality. 2. Idem type A. MODE OF OPERATION VCE V f MHz PL W Gp dB ηC % narrow band; c.w. 12,5 470 60 > 4,4 typ. 5,5 > 55 typ. 62 C1 = C13 = 1,8 to 10 pF film dielectric trimmer (cat. no. 2222 809 05002) C2 = C11 = 1,4 to 5,5 pF film dielectric trimmer (cat. no. 2222 809 09001) C3 = 12 pF multilayer ceramic chip capacitor(1) C4 = C5 = 8, 2 pF multilayer ceramic chip capacitor(2) C6 = C7 = 15 pF multilayer ceramic chip capacitor(1) C8 = 110 pF multilayer ceramic chip capacitor(1) C9 = 3 × 100 nF multilayer ceramic chip capacitor in parallel C10 = 2,2 µF (35 V) electrolytic capacitor C12 = 5,6 pF multilayer ceramic chip capacitor(1) L1 = 34,6 Ω stripline (17 mm × 4 mm) L2 = L5 = 25,3 stripline (6 mm × 6 mm) L3 = 45 nH; 4 turns, closely wound enamelled Cu-wire (0,5 mm); int. dia. 2,5 mm; leads 2 × 5 mm L4 = L8 = Ferroxcube wideband h.f. choke, grade 3B (cat. no. 4312 020 36642) L6 = 29,2 Ω stripline (25,5 mm × 5 mm) L7 = 10 nH; 1 turn Cu-wire (1,0 mm); int. dia. 5 mm; leads 2 × 5 mm R1 = 1 Ω± 5% (0,4 W) metal film resistor R2 = 10 Ω± 5% (1,0 W) metal film resistor handbook, full pagewidth MDA338 D.U.T. C6 C5 C1 C3 C4 C2 L5 L7 L8 L1 L2 R1 L4 L3 L6 C7 C8 50 Ω 50 Ω C12 C13 C11 C10 +VCC R2 C9 ,, ,, ,, ,, ,,,,, Fig.5 Class-B test circuit at f = 470 MHz. |
Similar Part No. - BLU60 |
|
Similar Description - BLU60 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |