Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

300U030A Datasheet(PDF) 2 Page - International Rectifier

Part # 300U030A
Description  STANDARD RECOVERY DIODES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

300U030A Datasheet(HTML) 2 Page - International Rectifier

  300U030A Datasheet HTML 1Page - International Rectifier 300U030A Datasheet HTML 2Page - International Rectifier 300U030A Datasheet HTML 3Page - International Rectifier 300U030A Datasheet HTML 4Page - International Rectifier 300U030A Datasheet HTML 5Page - International Rectifier 300U030A Datasheet HTML 6Page - International Rectifier 300U030A Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
300U(R) Series
2
www.irf.com
Bulletin I2039 rev.
C 03/03
Voltage
V
RRM
, maximum repetitive
V
RSM
, maximum non-
I
RRM
max.
Type number
Code
peak reverse voltage
repetitive peak rev. voltage
TJ = 175°C
VV
mA
10
100
200
20
200
300
300U
30
300
400
40
40
400
500
60
600
700
T
J
Max.junctionoperatingtemperaturerange
-65 to 200
T
stg
Max. storage temperature range
-65 to 200
R
thJC
Max.thermalresistance,junctiontocase
0.18
DC operation
R
thCS
Max.thermalresistance,casetoheatsink
0.08
Mounting surface, smooth, flat and greased
T
Max. allowed mounting torque +0 -20%
37
Not lubricated threads
28
Lubricated threads
wt
Approximate weight
250
g
Case style
DO-205AB (DO-9)**
JEDEC (See Outline Table)
Parameter
300U(R)
Units
Conditions
Thermal and Mechanical Specifications
°C
K/W
Nm
** 302U-A uses IR case style B-26
ELECTRICAL SPECIFICATIONS
Voltage Ratings
I
F(AV)
Max. average forward current
300
A
180° conduction, half sine wave
@ Case temperature
130
°C
I
FSM
Max. peak, one-cycle forward,
6550
t = 10ms
No voltage
non-repetitive surge current
6850
t = 8.3ms
reapplied
5500
t = 10ms
100% V
RRM
5750
t = 8.3ms
reapplied
Sinusoidal half wave,
I2t
Maximum I2t for fusing
214
t = 10ms
No voltage
Initial T
J
= T
J
max.
195
t = 8.3ms
reapplied
151
t = 10ms
100% V
RRM
138
t = 8.3ms
reapplied
I2
√t
Maximum I2
√t for fusing
2140
KA2
√s
t = 0.1 to 10ms, no voltage reapplied
V
F(TO)
Max. value of threshold
voltage
r
f
Max. value of forward slope
resistance
V
FM
Max. peak forward voltage
1.40
V
I
peak
= 942A, T
J
= 25°C
Parameter
300U
Units
Conditions
Forward Conduction
KA2s
A
0.610
V
0.751
m
T
J = 200°C


Similar Part No. - 300U030A

ManufacturerPart #DatasheetDescription
logo
International Rectifier
300U IRF-300U Datasheet
188Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
300U VISHAY-300U Datasheet
107Kb / 6P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 24-Jun-08
300U VISHAY-300U Datasheet
127Kb / 7P
   Standard Recovery Diodes (Stud Version), 300 A
Revision: 24-Jun-08
logo
International Rectifier
300U10 IRF-300U10 Datasheet
188Kb / 7P
   STANDARD RECOVERY DIODES
logo
Naina Semiconductor ltd...
300U10 NAINA-300U10 Datasheet
108Kb / 2P
   Standard Recovery Diodes (Stud and Flat Base Type)
More results

Similar Description - 300U030A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-302UR60A VISHAY-VS-302UR60A Datasheet
179Kb / 8P
   Standard Recovery Diodes
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com