Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1182ELH Datasheet(PDF) 9 Page - Allegro MicroSystems

Part # A1182ELH
Description  Two-Wire, Programmable, Chopper-Stabilized, Unipolar Hall-Effect Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1182ELH Datasheet(HTML) 9 Page - Allegro MicroSystems

Back Button A1182ELH Datasheet HTML 5Page - Allegro MicroSystems A1182ELH Datasheet HTML 6Page - Allegro MicroSystems A1182ELH Datasheet HTML 7Page - Allegro MicroSystems A1182ELH Datasheet HTML 8Page - Allegro MicroSystems A1182ELH Datasheet HTML 9Page - Allegro MicroSystems A1182ELH Datasheet HTML 10Page - Allegro MicroSystems A1182ELH Datasheet HTML 11Page - Allegro MicroSystems A1182ELH Datasheet HTML 12Page - Allegro MicroSystems A1182ELH Datasheet HTML 13Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
TWO-WIRE, PROGRAMMABLE, UNIPOLAR HALL-EFFECT SWITCH FAMILY
(PRELIMINARY INFORMATION – SUBJECT TO CHANGE)
Rev. 1.8 25 April 2003
Page 9
115 Northeast Cutoff, Box 15036
Worcester, Massachus etts 01615-0036 (508) 853-5000
Copyright © 1993, 1995 Allegro MicroSystems, Inc.
DEVICE QUALIFICATION PROGRAM
Test Name
Test Conditions
Test
Length
# of
Lots
Sample /
lot
Comments
Pre/Post Test
Ta = room, hot, cold
High Temperature
Operating Life (HTOL)
Ta = 150°C, Tj ? 170°C
408 hrs
1
77
JESD22-A108
High Temperature Bake
(HTB)
Ta = 170°C
1000 hrs
1
77
JESD22-A103
Pre Conditioning (PC)
85°C/85%RH
168 hrs
1
231
JESD22-A112 & A113
Temperature Humidity
Bias (THB) or HAST
85°C/85%RH
130°C/85%RH
1000 hrs
50 hrs
1
77
JESD22-A101
JESD22-A110
Autoclave (AC)
121°C/15 psig
96 hrs
1
77
JESD22-A102
Temperature Cycle (TC)
-65°C to +150°C
or
-50°C to +150°C
500 cycles
1000 cycles
1
77
JESD22-A104
External Visual (EV)
Physical Dimensions (PD)
1
30
Lead Integrity
1
45
Bond Pull Strength
1
30
ESD
HBM & MM
1
3 per model
per V step
JESD22-A114 & A115,CDF-
AEC-Q100-002, 003 & 011
Solderability (SD)
1
15
JESD22-B102
Early Life Failure Rate
(ELFR)
125°C
or
150°C
48 hrs
24 hrs
1
800
JESD22-A108
Gate Leakage (GL)
1
6
CDF- AEC-Q100-006
Electrical Distributions
(ED)
Ta = room, hot, cold
3
30
EMC Requirements (Electromagnetic Compatibility)
Please contact your local representative for EMC results
Test Name
Reference Specification
ESD – Human Body Model
AEC-Q100-002
ESD – Machine Model
AEC-Q100-003
Conducted Transients
ISO 7637-1
Direct RF Injection
ISO 11452-7
Bulk Current Injection
ISO 11452-4
TEM Cell
ISO 11452-3


Similar Part No. - A1182ELH

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1182ELHLT-T ALLEGRO-A1182ELHLT-T Datasheet
356Kb / 16P
   Sensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1182ELHLT-T ALLEGRO-A1182ELHLT-T Datasheet
407Kb / 15P
   Sensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
More results

Similar Description - A1182ELH

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1185 ALLEGRO-A1185_06 Datasheet
370Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1185 ALLEGRO-A1185 Datasheet
318Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1184 ALLEGRO-A1184_06 Datasheet
377Kb / 14P
   Standard Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1180 ALLEGRO-A1180_06 Datasheet
407Kb / 15P
   Sensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1183LUA-T ALLEGRO-A1183LUA-T Datasheet
356Kb / 16P
   Sensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1184LLHLT-T ALLEGRO-A1184LLHLT-T Datasheet
317Kb / 14P
   Standard Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1140 ALLEGRO-A1140_06 Datasheet
344Kb / 13P
   Sensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1145 ALLEGRO-A1145_06 Datasheet
328Kb / 12P
   Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1145 ALLEGRO-A1145 Datasheet
319Kb / 13P
   Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1140 ALLEGRO-A1140 Datasheet
393Kb / 11P
   Sensitive Two-Wire Chopper-Stabilized Unipolar Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com