Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A1182 Datasheet(PDF) 6 Page - Allegro MicroSystems

Part # A1182
Description  Two-Wire, Programmable, Chopper-Stabilized, Unipolar Hall-Effect Switch
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1182 Datasheet(HTML) 6 Page - Allegro MicroSystems

Back Button A1182 Datasheet HTML 2Page - Allegro MicroSystems A1182 Datasheet HTML 3Page - Allegro MicroSystems A1182 Datasheet HTML 4Page - Allegro MicroSystems A1182 Datasheet HTML 5Page - Allegro MicroSystems A1182 Datasheet HTML 6Page - Allegro MicroSystems A1182 Datasheet HTML 7Page - Allegro MicroSystems A1182 Datasheet HTML 8Page - Allegro MicroSystems A1182 Datasheet HTML 9Page - Allegro MicroSystems A1182 Datasheet HTML 10Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
TWO-WIRE, PROGRAMMABLE, UNIPOLAR HALL-EFFECT SWITCH FAMILY
(PRELIMINARY INFORMATION – SUBJECT TO CHANGE)
Rev. 1.8 25 April 2003
Page 6
115 Northeast Cutoff, Box 15036
Worcester, Massachus etts 01615-0036 (508) 853-5000
Copyright © 1993, 1995 Allegro MicroSystems, Inc.
PROGRAMMING PROTOCOL
The operate points are programmed by serially addressing the devices through the supply terminal VCC (pin 1). After the
correct operate point is determined, the device programming bits are permanently blown, and a locking bit is blown to
prevent any further programming.
Switch Point Program Enable. To program the device, a keying sequence is used to activate / enable the addressing
mode as shown in Figure 1. This sequence consisting of a VPP pulse, one VPH pulse, and a VPP pulse with no supply
interruptions, is designed to prevent the device from being programmed accidentally (e.g., as a result of noise on the
supply line).
Figure 1. Program Enable Pulse Sequence.
Valid over operating temperature range unless otherwise noted.
Limits
Part Number
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Units
PROGRAMMING PROTOCOL (TA = +25 °C)
VPL
Minimum voltage range
during programming
4.5
5
5.5
V
VPH
11.5
12.5
13.5
V
Programming Voltage
6
VPP
25
26
27
V
Programming Current
IPP
tr = 11us, 5V→26V,
Cbypass = 0.1uF
-
190
-
mA
td(0)
OFF time between bits
20
-
-
µs
td(1)
Pulse duration for enable
and addressing
sequences
20
-
-
µs
Pulse width
tdP
Pulse duration for fuse
blowing
100
300
-
µs
Pulse Rise Time
tr
VPL to VPH or VPP
5
-
100
µs
A118X Family
Pulse Fall Time
tf
VPH or VPP to VPL
5
-
100
µs
6
Programming Voltages are measured at Pin #1 (Vcc) of SIP. A minimum capacitance of 0.1uF must be connected from Vcc to GND of the SIP to
provide the current necessary to blow the fuse.


Similar Part No. - A1182

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1182 ALLEGRO-A1182 Datasheet
407Kb / 15P
   Sensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1182ELHLT-T ALLEGRO-A1182ELHLT-T Datasheet
356Kb / 16P
   Sensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1182ELHLT-T ALLEGRO-A1182ELHLT-T Datasheet
407Kb / 15P
   Sensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1182EUA ALLEGRO-A1182EUA Datasheet
356Kb / 16P
   Sensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1182EUA-T ALLEGRO-A1182EUA-T Datasheet
356Kb / 16P
   Sensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
More results

Similar Description - A1182

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1185 ALLEGRO-A1185_06 Datasheet
370Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1185 ALLEGRO-A1185 Datasheet
318Kb / 14P
   Ultrasensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1184 ALLEGRO-A1184_06 Datasheet
377Kb / 14P
   Standard Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1180 ALLEGRO-A1180_06 Datasheet
407Kb / 15P
   Sensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1183LUA-T ALLEGRO-A1183LUA-T Datasheet
356Kb / 16P
   Sensitive Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1184LLHLT-T ALLEGRO-A1184LLHLT-T Datasheet
317Kb / 14P
   Standard Two-Wire Field-Programmable Chopper-Stabilized Unipolar Hall-Effect Switches
A1140 ALLEGRO-A1140_06 Datasheet
344Kb / 13P
   Sensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1145 ALLEGRO-A1145_06 Datasheet
328Kb / 12P
   Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1145 ALLEGRO-A1145 Datasheet
319Kb / 13P
   Ultrasensitive Two-Wire Chopper-Stabilized Unipolar Hall Effect Switches
A1140 ALLEGRO-A1140 Datasheet
393Kb / 11P
   Sensitive Two-Wire Chopper-Stabilized Unipolar Hall-Effect Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com