Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

302U010A Datasheet(PDF) 5 Page - International Rectifier

Part # 302U010A
Description  STANDARD RECOVERY DIODES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

302U010A Datasheet(HTML) 5 Page - International Rectifier

  302U010A Datasheet HTML 1Page - International Rectifier 302U010A Datasheet HTML 2Page - International Rectifier 302U010A Datasheet HTML 3Page - International Rectifier 302U010A Datasheet HTML 4Page - International Rectifier 302U010A Datasheet HTML 5Page - International Rectifier 302U010A Datasheet HTML 6Page - International Rectifier 302U010A Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
300U(R) Series
5
www.irf.com
Bulletin I2039 rev.
C 03/03
Fig. 2 - Current Ratings Characteristics
Fig. 1 - Current Ratings Characteristics
110
120
130
140
150
160
170
180
190
200
0
100
200
300
400
500
DC
30°
60°
90°
120°
180°
Cond uc tion Period
Average Forward Current (A)
300U(R) Series
R
(DC) = 0.18 K/ W
thJC
120
140
160
180
200
0
50
100
150
200
250
300
350
30°
60° 90°
120°
180°
Cond uction Angle
Average Forward Current (A)
300U(R) Series
R
(DC) = 0.18 K/ W
thJC
Fig. 3 - Forward Power Loss Characteristics
Fig. 4 - Forward Power Loss Characteristics
25
50
75
100
125
150
175
200
Maximum Allowable Ambient Temperature (°C)
3 K/ W
1.5 K/ W
1 K/ W
0.7
K/ W
0.5
K/W
0.4
K/ W
0.3
K/
W
0.2
K/
W
350
0
50
100
150
200
250
300
350
400
0
50
100
150
200
250
300
RMSLimit
180°
120°
90°
60°
30°
Conduc tion Angle
Average Forward Current (A)
300U(R) Series
T = 200°C
J
25
50
75
100
125
150
175
200
Maximum Allowable Ambient Temperature (°C)
3 K/W
1.5 K/W
1 K/ W
0.7
K/ W
0.3
K/W
0.2
K/
W
0.5
K/ W
500
0
50
100
150
200
250
300
350
400
450
500
0
100
200
300
400
DC
180°
120°
90°
60°
30°
RMSLimit
Conduction Period
Average Forward Current (A)
300U(R) Series
T = 200°C
J


Similar Part No. - 302U010A

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
302U SCHURTER-302U Datasheet
397Kb / 3P
   Power Cord with IEC Connector C13, Straight
logo
International Rectifier
302U10 IRF-302U10 Datasheet
188Kb / 7P
   STANDARD RECOVERY DIODES
302U100 IRF-302U100 Datasheet
188Kb / 7P
   STANDARD RECOVERY DIODES
302U100A IRF-302U100A Datasheet
188Kb / 7P
   STANDARD RECOVERY DIODES
302U10A IRF-302U10A Datasheet
188Kb / 7P
   STANDARD RECOVERY DIODES
More results

Similar Description - 302U010A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-25FR VISHAY-VS-25FR_V01 Datasheet
162Kb / 6P
   Standard Recovery Diodes, Standard Recovery Diodes,
01-Jan-2022
VS-50PFR40 VISHAY-VS-50PFR40 Datasheet
186Kb / 8P
   Standard Recovery Diodes, Standard Recovery Diodes,
Revision: 07-Apr-14
logo
International Rectifier
IRK166 IRF-IRK166 Datasheet
328Kb / 12P
   STANDARD RECOVERY DIODES
SD500N30P IRF-SD500N30P Datasheet
58Kb / 6P
   STANDARD RECOVERY DIODES
16F IRF-16F Datasheet
71Kb / 6P
   STANDARD RECOVERY DIODES
SD150N12PV IRF-SD150N12PV Datasheet
196Kb / 8P
   STANDARD RECOVERY DIODES
SD600N16PC IRF-SD600N16PC Datasheet
126Kb / 8P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
SD600R20PC VISHAY-SD600R20PC Datasheet
187Kb / 9P
   Standard Recovery Diodes
Revision: 17-Apr-08
logo
Nell Semiconductor Co.,...
D1070C NELLSEMI-D1070C Datasheet
305Kb / 7P
   Standard Recovery Diodes
logo
International Rectifier
VS-70HF140 IRF-VS-70HF140 Datasheet
106Kb / 7P
   STANDARD RECOVERY DIODES
logo
Vishay Siliconix
VS-302UR60A VISHAY-VS-302UR60A Datasheet
179Kb / 8P
   Standard Recovery Diodes
Revision: 25-Nov-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com