Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N2070A Datasheet(PDF) 3 Page - International Rectifier

Part # 1N2070A
Description  750MA SILICON RECTIFIER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

1N2070A Datasheet(HTML) 3 Page - International Rectifier

  1N2070A Datasheet HTML 1Page - International Rectifier 1N2070A Datasheet HTML 2Page - International Rectifier 1N2070A Datasheet HTML 3Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


Similar Part No. - 1N2070A

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N2070A NJSEMI-1N2070A Datasheet
129Kb / 1P
   DIFFUSED-JUNCTION SILICON RECTIFIERS
More results

Similar Description - 1N2070A

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
HVP-16 GETEDZ-HVP-16 Datasheet
127Kb / 1P
   16kV 750mA HIGH VOLTAGE DIODES
HVP20 GETEDZ-HVP20 Datasheet
159Kb / 1P
   20kV 750mA HIGH VOLTAGE DIODES
HVP12 GETEDZ-HVP12 Datasheet
159Kb / 1P
   12kV 750mA HIGH VOLTAGE DIODES
HVP-10 GETEDZ-HVP-10 Datasheet
127Kb / 1P
   10kV 750mA HIGH VOLTAGE DIODES
HVP-14 GETEDZ-HVP-14 Datasheet
127Kb / 1P
   14kV 750mA HIGH VOLTAGE DIODES
HVP-15 GETEDZ-HVP-15 Datasheet
127Kb / 1P
   15kV 750mA HIGH VOLTAGE DIODES
HVP-20 GETEDZ-HVP-20 Datasheet
127Kb / 1P
   20kV 750mA HIGH VOLTAGE DIODES
HVP8 GETEDZ-HVP8 Datasheet
159Kb / 1P
   8.0kV 750mA HIGH VOLTAGE DIODES
HVP-5 GETEDZ-HVP-5 Datasheet
127Kb / 1P
   5kV 750mA HIGH VOLTAGE DIODES
HVP-8 GETEDZ-HVP-8 Datasheet
127Kb / 1P
   8kV 750mA HIGH VOLTAGE DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com