Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZL50116GAG Datasheet(PDF) 4 Page - Zarlink Semiconductor Inc

Part # ZL50116GAG
Description  32, 64 and 128 Channel CESoP Processors
Download  95 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

ZL50116GAG Datasheet(HTML) 4 Page - Zarlink Semiconductor Inc

  ZL50116GAG Datasheet HTML 1Page - Zarlink Semiconductor Inc ZL50116GAG Datasheet HTML 2Page - Zarlink Semiconductor Inc ZL50116GAG Datasheet HTML 3Page - Zarlink Semiconductor Inc ZL50116GAG Datasheet HTML 4Page - Zarlink Semiconductor Inc ZL50116GAG Datasheet HTML 5Page - Zarlink Semiconductor Inc ZL50116GAG Datasheet HTML 6Page - Zarlink Semiconductor Inc ZL50116GAG Datasheet HTML 7Page - Zarlink Semiconductor Inc ZL50116GAG Datasheet HTML 8Page - Zarlink Semiconductor Inc ZL50116GAG Datasheet HTML 9Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 95 page
background image
ZL50115/16/17/18/19/20
Data Sheet
4
Zarlink Semiconductor Inc.
2.0
Device Line Up
There are three products within the ZL5011x family, with capacities as shown in Table 1.
Product
Number
TDM Interface
Provider Side
Packet Interface
Customer Side
Packet Interface
ZL50115
1 T1 or 1 E1 stream or
1 MVIP/ST-BUS stream at 2.048 Mbps or
1 H.110/H-MVIP/ST-BUS streams at 8.192 Mbps
(Maximum of 32 DS0 or Nx64 kbps channels)
100 Mbps MII or
1000 Mbps GMII/TBI
None
ZL50116
2 T1 or 2 E1 streams or
2 MVIP/ST-BUS streams at 2.048 Mbps or
1 H.110/H-MVIP/ST-BUS streams at 8.192 Mbps
(Maximum of 64 DS0 or Nx64 kbps channels)
100 Mbps MII or
1000 Mbps GMII/TBI
None
ZL50117
4 T1 or 4 E1 streams or
1 J2, 1 T3, 1 E3 or 1 STS-1 stream or
4 MVIP/ST-BUS streams at 2.048 Mbps or
1 H.110/H-MVIP/ST-BUS streams at 8.192 Mbps
100 Mbps MII or
1000 Mbps GMII/TBI
None
ZL50118
1 T1 or 1 E1 stream or
1 MVIP/ST-BUS stream at 2.048 Mbps or
1 H.110/H-MVIP/ST-BUS streams at 8.192 Mbps
(Maximum of 32 DS0 or Nx64 kbps channels)
100 Mbps MII or
1000 Mbps GMII/TBI
100 Mbps MII
ZL50119
2 T1 or 2 E1 streams or
2 MVIP/ST-BUS streams at 2.048 Mbps or
1 H.110/H-MVIP/ST-BUS streams at 8.192 Mbps
(Maximum of 64 DS0 or Nx64 kbps channels)
100 Mbps MII or
1000 Mbps GMII/TBI
100 Mbps MII
ZL50120
4 T1 or 4 E1 streams or
1 J2, 1 T3, 1 E3 or 1 STS-1 stream or
4 MVIP/ST-BUS streams at 2.048 Mbps or
1 H.110/H-MVIP/ST-BUS streams at 8.192 Mbps
100 Mbps MII or
1000 Mbps GMII/TBI
100 Mbps MII
Table 1 - Capacity of Devices in the ZL50115/16/17/18/19/20 Family


Similar Part No. - ZL50116GAG

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50116GAG ZARLINK-ZL50116GAG Datasheet
1Mb / 95P
   32, 64 and 128 Channel CESoP Processors
ZL50116GAG2 ZARLINK-ZL50116GAG2 Datasheet
1Mb / 95P
   32, 64 and 128 Channel CESoP Processors
More results

Similar Description - ZL50116GAG

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL50117 ZARLINK-ZL50117_06 Datasheet
1Mb / 95P
   32, 64 and 128 Channel CESoP Processors
ZL50110 ZARLINK-ZL50110_06 Datasheet
1Mb / 103P
   128, 256 and 1024 Channel CESoP Processors
ZL50110 ZARLINK-ZL50110 Datasheet
1Mb / 103P
   128, 256 and 1024 Channel CESoP Processors
ZL50110 ZARLINK-ZL50110_08 Datasheet
1Mb / 112P
   128, 256, 512 and 1024 Channel CESoP Processors
logo
ATMEL Corporation
AT52SC1283J ATMEL-AT52SC1283J Datasheet
702Kb / 52P
   128-Mbit Flash 32-Mbit/64-Mbit
logo
Analog Devices
AD7766 AD-AD7766_17 Datasheet
1Mb / 25P
   128 kSPS/64 kSPS/32 kSPS ADCs
AD7767 AD-AD7767_17 Datasheet
1Mb / 25P
   128 kSPS/64 kSPS/32 kSPS ADCs
logo
STMicroelectronics
M24128 STMICROELECTRONICS-M24128 Datasheet
289Kb / 34P
   128 Kbit, 64 Kbit and 32 Kbit serial I2C bus EEPROM
M24128 STMICROELECTRONICS-M24128_08 Datasheet
350Kb / 39P
   128 Kbit, 64 Kbit and 32 Kbit serial I짼C bus EEPROM
M24128 STMICROELECTRONICS-M24128_07 Datasheet
347Kb / 38P
   128 Kbit, 64 Kbit and 32 Kbit serial I짼C bus EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com