Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VRE204C Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # VRE204C
Description  Precision Surface Mount Reference Supply
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VRE204C Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  VRE204C Datasheet HTML 1Page - List of Unclassifed Manufacturers VRE204C Datasheet HTML 2Page - List of Unclassifed Manufacturers VRE204C Datasheet HTML 3Page - List of Unclassifed Manufacturers VRE204C Datasheet HTML 4Page - List of Unclassifed Manufacturers VRE204C Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
EXTERNAL CONNECTIONS
FIGURE 2
MECHANICAL
PIN CONFIGURATION
REF
GND
TOP VIEW
VRE204
11
12 13
9
10
18
17
16
15
14
4
5
6
7
8
1
20 19
3
2
NC
NC
NC
NC
V
IN
NC
NC
TRIM
GND
NC
NC
V
OUT
NC
NC
NC
NC NC NC NC
11
12
13
9
10
18
17
16
15
14
4
5
6
7
8
1
20
19
3
2
+15V
V
OUT = +4.5V
10k
Ref. Gnd.
VRE204DS REV. C JUNE 1995
A
0.090
0.110
2.29
2.79
B
0.022
0.028
0.56
0.71
D
0.342
0.358
8.68
9.09
D1
0.048
0.052
1.22
1.32
E
0.342
0.358
8.68
9.09
E1
0.045
0.055
1.114
1.40
j
0.010 REF
.254 REF
h
0.040 REF
1.02 REF
L
0.045
0.055
1.14
1.40
DIM
INCHES
MIN
MAX
MAX
MILLIMETER
MIN


Similar Part No. - VRE204C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE204C ETC2-VRE204C Datasheet
540Kb / 20P
   Precision Surface Mount Reference Supplies
VRE204CA ETC2-VRE204CA Datasheet
540Kb / 20P
   Precision Surface Mount Reference Supplies
More results

Similar Description - VRE204C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VRE205 ETC1-VRE205 Datasheet
197Kb / 5P
   Precision Surface Mount Reference Supply
VRE202 ETC-VRE202 Datasheet
169Kb / 5P
   Precision Surface Mount Reference Supplies
VRE202 ETC2-VRE202_07 Datasheet
540Kb / 20P
   Precision Surface Mount Reference Supplies
logo
Analog Devices
LT6654BX AD-LT6654BX Datasheet
1Mb / 14P
   Wide Supply 2.5V Precision Voltage Reference
logo
Maxim Integrated Produc...
MAX6035 MAXIM-MAX6035 Datasheet
717Kb / 14P
   High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 1; 5/03
MAX9040 MAXIM-MAX9040 Datasheet
162Kb / 12P
   Micropower, Single-Supply, SOT23 Comparator Precision Reference ICs
Rev 1; 1/00
MAX6035 MAXIM-MAX6035_06 Datasheet
781Kb / 15P
   High-Supply-Voltage, Precision Voltage Reference in SOT23
Rev 3; 11/06
logo
Linear Technology
LT1021DCS8 LINER-LT1021DCS8 Datasheet
218Kb / 3P
   Precision Reference?
LT1236 LINER-LT1236_15 Datasheet
230Kb / 12P
   Precision Reference
LM399 LINER-LM399_15 Datasheet
171Kb / 8P
   Precision Reference
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com