Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U3900BM-AFNG3 Datasheet(PDF) 10 Page - TEMIC Semiconductors

Part # U3900BM-AFNG3
Description  Programmable Telephone Audio Processor
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEMIC [TEMIC Semiconductors]
Direct Link  http://www.temic.de
Logo TEMIC - TEMIC Semiconductors

U3900BM-AFNG3 Datasheet(HTML) 10 Page - TEMIC Semiconductors

Back Button U3900BM-AFNG3 Datasheet HTML 6Page - TEMIC Semiconductors U3900BM-AFNG3 Datasheet HTML 7Page - TEMIC Semiconductors U3900BM-AFNG3 Datasheet HTML 8Page - TEMIC Semiconductors U3900BM-AFNG3 Datasheet HTML 9Page - TEMIC Semiconductors U3900BM-AFNG3 Datasheet HTML 10Page - TEMIC Semiconductors U3900BM-AFNG3 Datasheet HTML 11Page - TEMIC Semiconductors U3900BM-AFNG3 Datasheet HTML 12Page - TEMIC Semiconductors U3900BM-AFNG3 Datasheet HTML 13Page - TEMIC Semiconductors U3900BM-AFNG3 Datasheet HTML 14Page - TEMIC Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
U3900BM
Rev. A2, 25-Aug-98
Target Specification
10 (34)
2.2.8
SCWID: Overview
14608
EGT
Alert signal
high-frequency
logic part
Alert signal
low-frequency
logic part
Analog
filter
Analog
filter
2130 Hz
2750 Hz
UGT
DGT
FC
Time guard
Command bits CDE < 0...8 >
from serial bus
Wetting
pulse
W pulse
Alert
To interrupt
system
CLASS
signal
To CLID FSK filter
Figure 8. Alert detection
General information:
All the control bits provided for the SCWID function can be modified at any time with the microprocessor.
2.2.9
CAS Detect Process
Typical application:
The incoming signal from the CO is not polluted with speech or music. (The feature early guard time is not used)
Choice of 4
DGT values
Down guard
time
Interrupt
to the
µP
CAS signal duration: 80
± 5 ms
frequencies: 2130 Hz + 2750 Hz
Interrupt
to the
µP
Up guard
time
Choice of 4
UGT values
IN SCWID
detector
OUT SCWID
detector
14609
Figure 9. Timing diagram of standard alert detection
If any drop in the CAS signal occurs before the end of the
UGT specified value, then the time counter restarts and
the OUT SCWID detector remains low.
If any spike in the blank signal occurs before the end of
the DGT specified value, then the time counter restarts
and the OUT SCWID detector remains high.


Similar Part No. - U3900BM-AFNG3

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
U3910 KERSEMI-U3910 Datasheet
3Mb / 10P
   Ultra Low On-Resistance
More results

Similar Description - U3900BM-AFNG3

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
U4091BM-R ATMEL-U4091BM-R Datasheet
789Kb / 38P
   Programmable Telephone Audio Processor
logo
TEMIC Semiconductors
U4091BM TEMIC-U4091BM Datasheet
722Kb / 29P
   Programmable Telephone Audio Processor
U4091B TEMIC-U4091B Datasheet
107Kb / 11P
   Programmable Telephone Audio Processor
logo
ATMEL Corporation
U4091BM-N ATMEL-U4091BM-N Datasheet
510Kb / 38P
   PROGRAMMABLE TELEPHONE AUDIO PROCESSOR
logo
Texas Instruments
TCM8000 TI-TCM8000 Datasheet
230Kb / 19P
[Old version datasheet]   CELLULAR TELEPHONE AUDIO PROCESSOR
logo
List of Unclassifed Man...
ZR38650 ETC1-ZR38650 Datasheet
441Kb / 66P
   PROGRAMMABLE DIGITAL AUDIO PROCESSOR
logo
Zoran Corporation
ZR38601 ZORAN-ZR38601 Datasheet
77Kb / 2P
   PROGRAMMABLE DIGITAL AUDIO PROCESSOR
logo
TEMIC Semiconductors
U3500BM TEMIC-U3500BM Datasheet
226Kb / 17P
   Cordless Telephone Signal Processor
U3501BM TEMIC-U3501BM Datasheet
317Kb / 20P
   Cordless Telephone Signal Processor
logo
Sanyo Semicon Device
LA8606M SANYO-LA8606M Datasheet
483Kb / 20P
   Cordless Telephone Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com