Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE3032 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE3032
Description  Phototransistor Detector NPN-Si, Visible & IR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE3032 Datasheet(HTML) 1 Page - NTE Electronics

  NTE3032 Datasheet HTML 1Page - NTE Electronics NTE3032 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE3032
Phototransistor Detector
NPN–Si, Visible & IR
Description:
The NTE3032 is a silicon NPN phototransistor detector in a TO18 type package designed for use in
industrial inspection, processing and control, counter, sorter, switching, and logic circuit applications
or any design requiring radiation sensitivity and stable characteristics.
Features:
D Sensitive Throughout Visible and Near Infrared Spectral Range for Wider Application
D Minimum Light Current: 8mH @ H = 5mW/cm2
D External Base for Added Control
D Annular Passivated Structure for Stability and Reliability
D Popular TO18 Type Package for Easy Handling and Mounting
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Collector–Emitter Voltage, VCEO
30V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Collector–Base Voltage, VCBO
80V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Emitter–Collector Voltage, VECO
5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Total Device Dissipation, PD
150mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derate Above 25
°C
1.43mW/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Junction Temperature Range, TJ
–65
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–65
° to +150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Electrical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Static Characteristics
Collector Dark Current
ICEO
VCC = 10V, H ∼ 0
100
nA
Collector–Base Breakdown Voltage
V(BR)CBO IC = 100µA
80
V
Emitter–Collector Breakdown Voltage
V(BR)ECO IE = 100µA
5
V
Optical Characteristics
Light Current
IL
VCC = 5V, RL = 100Ω, Note 1
8
mA
Photo Current Rise Time
tr
RL = 100Ω, IL = 1mA (Peak),
15
µs
Photo Current Fall Time
tf
Note 2
15
µs
Note 1. Radiation flux density (H) equal to 5mW/cm2 emitted from a tungsten source at a color
temperature of 2870 K.
Note 2. For unsaturated response time measurement, radiation is provided by pulsed GaAs (gallium
arsenide) light–emitting diode (
λ ∼ µm) with a pulse width equal to or greater than 10µs,
IL = 1mA Peak.


Similar Part No. - NTE3032

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE303 NTE-NTE303 Datasheet
93Kb / 3P
   Thermal Grease
logo
List of Unclassifed Man...
NTE303 ETC2-NTE303 Datasheet
190Kb / 9P
   HARDWARE ACCESSORIES
logo
NTE Electronics
NTE3030 NTE-NTE3030 Datasheet
73Kb / 2P
   Light Emitting Diode (LED) Diffused Red, Blinking
NTE3031 NTE-NTE3031 Datasheet
18Kb / 2P
   Phototransistor Detector NPN-Si, Visible & IR
NTE3033 NTE-NTE3033 Datasheet
18Kb / 2P
   Infrared Photodiode
More results

Similar Description - NTE3032

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3031 NTE-NTE3031 Datasheet
18Kb / 2P
   Phototransistor Detector NPN-Si, Visible & IR
NTE3038 NTE-NTE3038 Datasheet
80Kb / 2P
   Phototransistor Silicon, NPN, Visible
NTE3037 NTE-NTE3037 Datasheet
18Kb / 2P
   Silicon NPN Phototransistor Detector
NTE3120 NTE-NTE3120 Datasheet
19Kb / 2P
   Silicon NPN Phototransistor Detector
logo
Hamamatsu Corporation
S1223 HAMAMATSU-S1223_06 Datasheet
77Kb / 2P
   Si PIN photodiode For visible to IR, precision photometry
S2386 HAMAMATSU-S2386 Datasheet
118Kb / 4P
   Si photodiode For visible to IR, general-purpose photometry
S2387 HAMAMATSU-S2387 Datasheet
119Kb / 4P
   Si photodiode For visible to IR, general-purpose photometry
logo
Siemens Semiconductor G...
SFH350 SIEMENS-SFH350 Datasheet
74Kb / 2P
   WITH IR FILTER PLASTIC FIBER OPTIC PHOTOTRANSISTOR DETECTOR
logo
Seme LAB
412101 SEME-LAB-412101 Datasheet
1Mb / 11P
   Visible Light Detector
logo
Hamamatsu Corporation
S1227 HAMAMATSU-S1227 Datasheet
147Kb / 4P
   Si photodiode For UV to visible, precision photometry; suppressed IR sensitivity
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com