Part Name
         Description
PJ7800

 3-Terminal Fixed Voltage Positive Regulators ( 9 Page)


ETC
100% 
Zoom Out Zoom In
   
 3 page
background image
PJ7800 Series
3-Terminal Fixed Voltage Positive Regulators
3-9
2002/10.rev. A
(Vin=11V, Iout=500mA, 0℃
≤Tj≤125℃, Cin=0.33μF, Cout=0.1μF; unless otherwise specified.)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Tj=25℃
5.75
6
6.25
Output Voltage
Vout
8V
≤Vin≤21V, 5mA≤Iout≤1.5A, PD≤15W
6.3
6
6.3
V
8V
≤Vin≤25V
--
5
120
mV
Line Regulation
REGline
Tj=25℃
9V
≤Vin≤13V
--
1.5
60
mV
5mA
≤Iout≤1.5A
--
14
120
mV
Load Regulation
REGload
Tj=25℃
250mA
≤Iout≤750mA
--
4
60
mV
Quiescent Current
Iq
Iout=0, Tj=25℃
--
4.3
8
mA
8V
≤Vin≤25V
--
--
1.3
mA
Quiescent Current Change
Δ
lq
5mA
≤Iout≤1.5A
--
--
0.5
mA
Output Noise Voltage
Vn
10Hz
≤f≤100KHz, Tj=25℃
--
45
--
μ
V
Ripple Rejection Ratio
RR
f=120Hz, 9V
≤Vin≤19V
59
75
--
dB
Voltage Drop
Vdrop
Iout=1.0A, Tj=25℃
--
2
--
V
Output Resistance
Rout
f=1KHz
--
19
--
m
Output Short Circuit Current
Ios
Tj=25℃
--
550
--
mA
Peak Output Current
Io peak
Tj=25℃
--
2.2
--
A
Temperature Coefficient of
Output Voltage
Δ
Vout/ΔTj
Iout=5mA, 0℃
≤Tj≤125℃
--
-0.7
--
mV/℃
(Vin=14V, Iout=500mA, 0℃
≤Tj≤125℃, Cin=0.33μF, Cout=0.1μF; unless otherwise specified.)
CHARACTERISTICS
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Tj=25℃
7.69
8
8.32
Output Voltage
Vout
10.5V
≤Vin≤23V, 5mA≤Iout≤1.5A, PD ≤15W
7.61
8
8.40
V
10.5V
≤Vin≤25V
--
6
160
mV
Line Regulation
REGline
Tj=25℃
11V
≤Vin≤17V
--
2
80
mV
10mA
≤Iout≤1.5A
--
12
160
mV
Load Regulation
REGload
Tj=25℃
250mA
≤Iout≤750mA
--
4
80
mV
Quiescent Current
Iq
Iout=0, Tj=25℃
--
4.3
8
mA
10.5V
≤Vin≤25V
--
--
1
mA
Quiescent Current Change
Δ
lq
5mA
≤Iout≤1.5A
--
--
0.5
mA
Output Noise Voltage
Vn
10Hz
≤f≤100KHz, Tj=25℃
--
52
--
μ
V
Ripple Rejection Ratio
RR
f=120Hz, 11V
≤Vin≤21V
56
72
--
dB
Voltage Drop
Vdrop
Iout=1.0A, Tj=25℃
--
2
--
V
Output Resistance
Rout
f=1KHz
--
16
--
m
Output Short Circuit Current
Ios
Tj=25℃
--
450
--
mA
Peak Output Current
Io peak
Tj=25℃
--
2.2
--
A
Temperature Coefficient of
Output Voltage
Δ
Vout/ΔTj
Iout=5mA, 0℃
≤Tj≤125℃
--
-0.8
--
mV/℃
* Pulse testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible, and
thermal effects must be taken into account separately.
** This specification applies only for DC power dissipation permitted by absolute maximum ratings.
PJ7806 ELECTRICAL CHARACTERISTICS
PJ7808 ELECTRICAL CHARACTERISTICS



Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
UTC78LXX3-TERMINAL 0.1A POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
M5278LXX 5V 5.6V 8V 9V 10V 12V 15V 3-TERMINAL FIXED POSITIVE OUTPUT VOLTAGE REGULATOR WITH FOLD-BACK PROTECTION CIRCUIT 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
LD10853A LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreSTMicroelectronics
OM185-5ST7.5A 5A 3A 1.5A LOW DROPOUT FIXED VOLTAGE POSITIVE REGULATORS 1 2 3 4 List of Unclassifed Manufacturers
LM78L00LM78L00 Series 3-Terminal Positive Voltage Regulators 1 2 3 4 5 MoreNational Semiconductor
TS78003-Terminal Fixed Positive Voltage Regulator 1 2 3 4 5 MoreList of Unclassifed Manufacturers
LM340THREE TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 1 2 3 4 5 MoreMotorola, Inc
LD10861.5A LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS 1 2 3 4 5 MoreSTMicroelectronics
5000DUAL POSITIVE/NEGATIVE 3 AMP LOW DROPOUT FIXED VOLTAGE REGULATORS 1 2 3 4 5 M.S. Kennedy Corporation
IL33269LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS 1 2 Integral Corp.

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl