Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI74FCT861T Datasheet(PDF) 6 Page - Pericom Semiconductor Corporation

Part # PI74FCT861T
Description  Fast CMOS Bus Transceivers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI74FCT861T Datasheet(HTML) 6 Page - Pericom Semiconductor Corporation

  PI74FCT861T Datasheet HTML 1Page - Pericom Semiconductor Corporation PI74FCT861T Datasheet HTML 2Page - Pericom Semiconductor Corporation PI74FCT861T Datasheet HTML 3Page - Pericom Semiconductor Corporation PI74FCT861T Datasheet HTML 4Page - Pericom Semiconductor Corporation PI74FCT861T Datasheet HTML 5Page - Pericom Semiconductor Corporation PI74FCT861T Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
PI74FCT861T/863T/864T
BUS TRANSCEIVERS
6
PS2026A 03/11/96
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Notes:
1. See test circuit and wave forms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. This parameter is guaranteed but not production tested.
PI74FCT864T (inverting) Switching Characteristics over Operating Range
864AT
864BT
864CT
Com.
Com.
Com.
Parameters
Description
Conditions(1)
Min
Max
Min
Max
Min
Max
Unit
tPLH
Propagation Delay
CL = 50 pF
1.5
8.0
1.5
6.0
1.5
5.5
ns
tPHL
RN to TN or
RL = 500
TN to RN
CL = 300 pF(3)
1.5
15.0
1.5
13.0
1.5
11.5
ns
RL = 500
tPZH
Output Enable Time
CL = 50 pF
1.5
12.0
1.5
8.0
1.5
6.8
ns
tPZL
OET to TN or
RL = 500
OER to RN
CL = 300 pF(3)
1.5
20.0
1.5
15.0
1.5
13.0
ns
RL = 500
tPHZ
Output Disable Time(3)
CL = 50 pF
1.5
9.0
1.5
6.0
1.5
5.0
ns
tPLZ
OET to TN or
RL = 500
OER to RN
CL = 5 pF(3)
1.5
10.0
1.5
7.0
1.5
6.0
ns
RL = 500
Pericom Semiconductor Corporation
2380 Bering Drive • San Jose, CA 95131 • 1-800-435-2336 • Fax (408) 435-1100 • http://www.pericom.com


Similar Part No. - PI74FCT861T

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT821T PERICOM-PI74FCT821T Datasheet
85Kb / 7P
   Fast CMOS Bus Interface Registers
PI74FCT823T PERICOM-PI74FCT823T Datasheet
85Kb / 7P
   Fast CMOS Bus Interface Registers
PI74FCT825T PERICOM-PI74FCT825T Datasheet
85Kb / 7P
   Fast CMOS Bus Interface Registers
PI74FCT827T PERICOM-PI74FCT827T Datasheet
105Kb / 5P
   Fast CMOS 10-Bit Buffers
PI74FCT828T PERICOM-PI74FCT828T Datasheet
105Kb / 5P
   Fast CMOS 10-Bit Buffers
More results

Similar Description - PI74FCT861T

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT623T IDT-IDT74FCT623T Datasheet
102Kb / 6P
   FAST CMOS OCTAL BUS TRANSCEIVERS (3-STATE)
IDT74FCT861A IDT-IDT74FCT861A Datasheet
90Kb / 8P
   HIGH-PERFORMANCE CMOS BUS TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT543T PERICOM-PI74FCT543T Datasheet
88Kb / 5P
   Fast CMOS Latched Transceivers
logo
Integrated Device Techn...
IDT29FCT52AT IDT-IDT29FCT52AT Datasheet
125Kb / 8P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
IDT74FCT245 IDT-IDT74FCT245 Datasheet
70Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT245T PERICOM-PI74FCT245T Datasheet
248Kb / 4P
   Fast CMOS Octal Bidirectional Transceivers
logo
Integrated Device Techn...
IDT54FCT245 IDT-IDT54FCT245_02 Datasheet
85Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
logo
Pericom Semiconductor C...
PI74FCT646T PERICOM-PI74FCT646T Datasheet
84Kb / 7P
   Fast CMOS Octal Registered Transceivers
logo
Integrated Device Techn...
IDT29FCT52A IDT-IDT29FCT52A Datasheet
62Kb / 7P
   FAST CMOS OCTAL REGISTERED TRANSCEIVERS
IDT74FCT245T IDT-IDT74FCT245T Datasheet
160Kb / 8P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com