Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ON2179 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ON2179
Description  Reflective Photosensor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ON2179 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ON2179 Datasheet HTML 1Page - Panasonic Semiconductor ON2179 Datasheet HTML 2Page - Panasonic Semiconductor ON2179 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
CNZ2179
Reflective Photosensors (Photo Reflectors)
IF , IC — Ta
60
50
40
30
20
10
Ambient temperature
Ta (˚C )
0
20406080
100
0
– 25
IF — VF
60
30
20
10
50
40
Forward voltage
V
F (V)
0.4
0.8
1.2
1.6
2.4
2.0
0
0
Ta = 25˚C
VF — Ta
1.6
1.2
0.8
0.4
Ambient temperature
Ta (˚C )
0
20406080
100
0
– 40 – 20
0
20406080
100
– 40 – 20
0
20406080
100
– 40 – 20
IC — IF
10 2
10
1
10 –1
Forward current
I
F (mA)
110
10 2
10 –2
10 –1
VCE = 5V
Ta = 25˚C
IC — VCE
10 2
10
1
10 –1
Collector to emitter voltage
V
CE (V)
110
10 2
10 –2
10 –1
Ta = 25˚C
IC — Ta
160
120
80
40
Ambient temperature
Ta (˚C )
0
VCC = 5V
IF = 20mA
RL = 100Ω
ICEO — Ta
10
10 –1
10 –2
1
Ambient temperature
Ta (˚C )
VCE = 10V
10 –3
110
10 –1
tr — IC
10
1
Collector current
I
C (mA)
10 –1
10 –2
10 3
10 2
VCC = 10V
Ta = 25˚C
Distance d (mm)
IC — d
100
60
40
20
80
16
12
8
4
0
0
VCC = 5V
Ta = 25˚C
RL = 100Ω
IF = 20mA
IF
IC
10mA
1mA
IF = 50mA
IF = 30mA
20mA
10mA
100
RL = 1kΩ
500


Similar Part No. - ON2179

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ON2170 PANASONIC-ON2170 Datasheet
49Kb / 2P
   Reflective Photosensor
ON2171 PANASONIC-ON2171 Datasheet
90Kb / 3P
   Reflective Photosensor
ON2173 PANASONIC-ON2173 Datasheet
68Kb / 3P
   Reflective Photosensors (Photo Reflectors)
ON2175 PANASONIC-ON2175 Datasheet
28Kb / 1P
   Reflective Photosensor
ON2175 PANASONIC-ON2175 Datasheet
75Kb / 2P
   Reflective photosensor Tape end sensor for DAT
More results

Similar Description - ON2179

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ON2175 PANASONIC-ON2175 Datasheet
28Kb / 1P
   Reflective Photosensor
CNB2001 PANASONIC-CNB2001 Datasheet
53Kb / 2P
   Reflective Photosensor
CNB2003 PANASONIC-CNB2003 Datasheet
97Kb / 3P
   Reflective photosensor
CNB1303 PANASONIC-CNB1303 Datasheet
48Kb / 2P
   Reflective Photosensor
CNZ2153 PANASONIC-CNZ2153 Datasheet
91Kb / 3P
   Reflective Photosensor
ON2253 PANASONIC-ON2253 Datasheet
324Kb / 3P
   Reflective Photosensor
CNZ2179 PANASONIC-CNZ2179 Datasheet
45Kb / 2P
   Reflective Photosensor
CNB1301 PANASONIC-CNB1301 Datasheet
90Kb / 3P
   Reflective Photosensor
logo
Panasonic Battery Group
CNB1011 PANASONICBATTERY-CNB1011_06 Datasheet
58Kb / 3P
   Reflective photosensor
logo
Panasonic Semiconductor
CNZ2253 PANASONIC-CNZ2253 Datasheet
52Kb / 2P
   Reflective Photosensor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com