Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ON1215 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ON1215
Description  CNZ1215 (ON1215)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ON1215 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ON1215 Datasheet HTML 1Page - Panasonic Semiconductor ON1215 Datasheet HTML 2Page - Panasonic Semiconductor ON1215 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Transmissive Photosensors (Photo Interrupters)
*10.0
+0.1
–0.4
2-0.45
±0.2
14.3
±0.3
19.0
±0.2
2-ø3.2
±0.2
25.0
±0.35
3.0
±0.2
Mark for indicating
LED side
2
3
14
Pin connection
Unit : mm
Unit : mm
23
1
4
(Note) * is dimension at the root of leads
(Input pulse)
(Output pulse)
td : Delay time
tr : Rise time (Time required for the collector current to increase
from 10% to 90% of its final value)
tf : Fall time (Time required for the collector current to decrease
from 90% to 10% of its initial value)
Sig.OUT
10%
90%
td
tr
tf
50
RL
VCC
Sig.IN
CNZ1215 (ON1215)
Photo Interrupter
For contactless SW, object detection
Features
Highly precise position detection : 0.3 mm
Large output current : IC = 2 mA (min.)
High resolution
Absolute Maximum Ratings (Ta = 25˚C)
Parameter
Symbol Ratings
Unit
Input (Light
Reverse voltage (DC)
VR
3V
emitting diode)
Forward current (DC)
IF
25
mA
Power dissipation
PD*1
70
mW
Collector current
IC
30
mA
Output (Photo Collector to emitter voltage
VCEO
20
V
transistor)
Emitter to collector voltage
VECO
5V
Collector power dissipation
PC*2
100
mW
Temperature
Operating ambient temperature
Topr –25 to +80
˚C
Storage temperature
Tstg –30 to +100
˚C
Electrical Characteristics (Ta = 25˚C)
Parameter
Symbol
Conditions
min
typ
max
Unit
Input
Forward voltage (DC)
VF
IF = 20mA
2.1
2.8
V
characteristics Reverse current (DC)
IR
VR = 3V
5
µA
Output
Collector cutoff current
ICEO VCE = 10V
100
600
nA
characteristics Collector to emitter capacitance
CC
VCE = 10V, f = 1MHz
5
pF
Transfer
Collector current
IC
VCE = 10V, IF = 5mA, RL = 300Ω
2mA
characteristics
Response time
tr , tf* VCC = 10V, IC = 5mA, RL = 100Ω
100
µs
Collector to emitter saturation voltage VCE(sat) IF = 10mA, IC = 1mA
0.7
1.5
V
* Switching time measurement circuit
Overview
CNZ1215 is a photocoupler in which a visible light emitting diode
is used as the light emitting element, and a high sensitivity Darlington
phototransistor is used as the light detecting element. The two
elements are arranged so as to face each other, and objects passing
between them are detected.
*1 Input power derating ratio is
0.93 mW/˚C at Ta
≥ 25˚C.
*2 Output power derating ratio is
1.33 mW/˚C at Ta
≥ 25˚C.
Note) The part number in the parenthesis shows conventional part number.


Similar Part No. - ON1215

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ON1003 PANASONIC-ON1003 Datasheet
56Kb / 3P
   Photo Interrupter
ON1004 PANASONIC-ON1004 Datasheet
97Kb / 4P
   Transmissive Photosensors (Photo lnterrupters) For contactless SW, object detection
ON1021 PANASONIC-ON1021 Datasheet
106Kb / 4P
   Photo lnterrupter
ON1023 PANASONIC-ON1023 Datasheet
106Kb / 4P
   Photo lnterrupter
ON1024 PANASONIC-ON1024 Datasheet
106Kb / 4P
   Photo lnterrupter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com