Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJG1512V Datasheet(PDF) 7 Page - New Japan Radio

Part # NJG1512V
Description  SPDT SWITCH GaAs MMIC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1512V Datasheet(HTML) 7 Page - New Japan Radio

Back Button NJG1512V Datasheet HTML 2Page - New Japan Radio NJG1512V Datasheet HTML 3Page - New Japan Radio NJG1512V Datasheet HTML 4Page - New Japan Radio NJG1512V Datasheet HTML 5Page - New Japan Radio NJG1512V Datasheet HTML 6Page - New Japan Radio NJG1512V Datasheet HTML 7Page - New Japan Radio NJG1512V Datasheet HTML 8Page - New Japan Radio NJG1512V Datasheet HTML 9Page - New Japan Radio NJG1512V Datasheet HTML 10Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
NJG1512V
- 7 -
nAPPLICATION CIRCUIT: Single control signal operation by using C-MOS inverter
(frequency range: 0.1~2.0GHz)
nRECOMMENDED PCB DESIGN
C5
C2
C1
C3
C4
VCTR2
VCTR1
PRECAUTIONS
[1] The external capacitors should be connected to the input and output RF terminals
(P1, P2, PC) to block DC current. Please use a 0.01uF capacitor at 50 to 100MHz, a
0.1uF capacitor at 100 to 500MHz, and 56pF at 500MHz to 2.0GHz.
[2] To avoid coupling between terminals, the capacitors have to be placed at the control
terminals (VCTR1, VCTR2) as close as possible. The capacitor values of 0.01uF at 50 to
100MHz, 100pF at 100 to 500MHz, and 10pF at 500MHz to 2GHz are desired. In
general, the switching time is depend on the capacitor values, so please be careful
choosing capacitor values.
[3] For good isolation characteristics, the ground terminals (2, 3, 5, 6, 9~13 pin) should
be directly connected to the ground patterns and through-holes as close as possible
using relatively wide patterns.
Test circuit 1
0.5~2GHz
Test circuit 2
1~500MHz
C1~C3
56pF
0.1uF
C4, C5
10pF
1000pF
(TOP VIEW)
PCB SIZE=30.0x22.5mm
PCB: FR-4, t=0.5mm
STRIPLINE WIDTH =1mm
CAPACITOR: size 1005
11
13
14
4
2
1
P2
VCTR2 (2.7V/0V)
Zo=50
C1
C4
NJG1512V
8
7
C5
VCTR1 (0V/2.7V)
P1
Zo=50
C2
C3
Zo=50
10
6
12
3
5
9
PC


Similar Part No. - NJG1512V

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1515AVB2 NJRC-NJG1515AVB2 Datasheet
549Kb / 18P
   TDMA ANTENNA SWITCH GaAs MMIC
NJG1515AVB2-C1 NJRC-NJG1515AVB2-C1 Datasheet
549Kb / 18P
   TDMA ANTENNA SWITCH GaAs MMIC
NJG1515AVB2-C10 NJRC-NJG1515AVB2-C10 Datasheet
549Kb / 18P
   TDMA ANTENNA SWITCH GaAs MMIC
NJG1515AVB2-C2 NJRC-NJG1515AVB2-C2 Datasheet
549Kb / 18P
   TDMA ANTENNA SWITCH GaAs MMIC
NJG1515AVB2-C3 NJRC-NJG1515AVB2-C3 Datasheet
549Kb / 18P
   TDMA ANTENNA SWITCH GaAs MMIC
More results

Similar Description - NJG1512V

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1516KC1 NJRC-NJG1516KC1 Datasheet
256Kb / 14P
   SPDT SWITCH GaAs MMIC
NJG1660HA8 NJRC-NJG1660HA8 Datasheet
363Kb / 7P
   SPDT SWITCH GaAs MMIC
NJG1517KB2 NJRC-NJG1517KB2 Datasheet
184Kb / 12P
   SPDT SWITCH GaAs MMIC
NJG1518KB2 NJRC-NJG1518KB2 Datasheet
177Kb / 12P
   SPDT SWITCH GaAs MMIC
NJG1535HD3 NJRC-NJG1535HD3 Datasheet
207Kb / 12P
   SPDT SWITCH GaAs MMIC
NJG1505R NJRC-NJG1505R Datasheet
183Kb / 9P
   SPDT SWITCH GaAs MMIC
NJG1506R NJRC-NJG1506R Datasheet
398Kb / 12P
   SPDT SWITCH GaAs MMIC
NJG1509F NJRC-NJG1509F Datasheet
431Kb / 13P
   SPDT SWITCH GaAs MMIC
NJG1522KB2 NJRC-NJG1522KB2 Datasheet
182Kb / 11P
   SPDT SWITCH GaAs MMIC
NJG1516R NJRC-NJG1516R Datasheet
294Kb / 14P
   SPDT SWITCH GaAs MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com