Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4792ETT Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX4792ETT
Description  200mA/250mA/300mA Current-Limit Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4792ETT Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX4792ETT Datasheet HTML 1Page - Maxim Integrated Products MAX4792ETT Datasheet HTML 2Page - Maxim Integrated Products MAX4792ETT Datasheet HTML 3Page - Maxim Integrated Products MAX4792ETT Datasheet HTML 4Page - Maxim Integrated Products MAX4792ETT Datasheet HTML 5Page - Maxim Integrated Products MAX4792ETT Datasheet HTML 6Page - Maxim Integrated Products MAX4792ETT Datasheet HTML 7Page - Maxim Integrated Products MAX4792ETT Datasheet HTML 8Page - Maxim Integrated Products MAX4792ETT Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
200mA/250mA/300mA Current-Limit Switches
_______________________________________________________________________________________
5
Pin Description
SWITCH TURN-ON TIME RESPONSE
MAX4789 toc14
100
µs/div
VON
1V/div
IOUT
10mA/div
CURRENT-LIMIT RESPONSE
(OUT SHORTED TO GND)
MAX4789 toc13
40
µs/div
VIN
2V/div
VOUT
2V/div
IOUT
5A/div
CIN = 1
µF
COUT = 1
µF
Typical Operating Characteristics (continued)
(VIN = 3.3V, TA = +25°C, unless otherwise noted.)
PIN
TDFN
MAX4789
MAX4791
MAX4793
TDFN
MAX4790
MAX4792
MAX4794
5-SOT23
MAX4789
MAX4791
MAX4793
4-SOT143
MAX4789–
MAX4794
NAME
FUNCTION
1—
4
FLAG
Fault Output. This open-drain output goes low when the device stays in
forward or reverse current limit for more than the blanking time period.
FLAG is high impedance when a fault is not present or when ON is low.
2
2
2
2
GND
Ground
3
3
3
3
ON
Active-High Switch On Input. A logic high turns the switch on.
4
1, 4
N.C.
No Connection. Not internally connected.
5
5
1
4
IN
Input. Bypass with a 0.1µF ceramic capacitor to ground.
6
6
5
1
OUT
Switch Output. Bypass with a 0.1µF ceramic capacitor to ground.
FLAG-BLANKING RESPONSE
MAX4789 toc16
4ms/div
FLAG
2V/div
IOUT
100mA/div
VIN
2V/div
VON
2V/div
SWITCH TURN-OFF TIME RESPONSE
MAX4789 toc15
200ns/div
VON
2V/div
IOUT
10mA/div


Similar Part No. - MAX4792ETT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4792ETT++ MAXIM-MAX4792ETT+ Datasheet
168Kb / 11P
   200mA/250mA/300mA Current-Limit Switches
Rev 3; 10/08
MAX4792ETT++ MAXIM-MAX4792ETT+ Datasheet
1Mb / 12P
   200mA/250mA/300mA Current-Limit Switches
2019
More results

Similar Description - MAX4792ETT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4789 MAXIM-MAX4789_08 Datasheet
168Kb / 11P
   200mA/250mA/300mA Current-Limit Switches
Rev 3; 10/08
MAX4789 MAXIM-MAX4789_V01 Datasheet
1Mb / 12P
   200mA/250mA/300mA Current-Limit Switches
2019
logo
Fitipower Integrated Te...
FP6866 FITIPOWER-FP6866 Datasheet
376Kb / 9P
   200mA Current-Limit Switches
logo
Maxim Integrated Produc...
MAX4914B MAXIM-MAX4914B Datasheet
187Kb / 11P
   100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
Rev 2; 6/08
MAX4914B MAXIM-MAX4914B_V01 Datasheet
1Mb / 12P
   100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
2016
MAX4772 MAXIM-MAX4772 Datasheet
302Kb / 10P
   200mA/500mA Selectable Current-Limit Switches
19-2926; Rev 0; 7/03
MAX14575A MAXIM-MAX14575A Datasheet
1Mb / 11P
   250mA to 2.5A Adjustable Current-Limit Switches
Rev 0; 9/12
MAX14575A MAXIM-MAX14575A_V01 Datasheet
610Kb / 11P
   250mA to 2.5A Adjustable Current-Limit Switches
2015
MAX14523A MAXIM-MAX14523A Datasheet
275Kb / 10P
   250mA to 1.5A, Adjustable Current-Limit Switches
Rev 0; 7/09
MAX14523A MAXIM-MAX14523A_11 Datasheet
349Kb / 11P
   250mA to 1.5A, Adjustable Current-Limit Switches
Rev 1; 1/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com