Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4792EUS-T Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX4792EUS-T
Description  200mA/250mA/300mA Current-Limit Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4792EUS-T Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX4792EUS-T Datasheet HTML 4Page - Maxim Integrated Products MAX4792EUS-T Datasheet HTML 5Page - Maxim Integrated Products MAX4792EUS-T Datasheet HTML 6Page - Maxim Integrated Products MAX4792EUS-T Datasheet HTML 7Page - Maxim Integrated Products MAX4792EUS-T Datasheet HTML 8Page - Maxim Integrated Products MAX4792EUS-T Datasheet HTML 9Page - Maxim Integrated Products MAX4792EUS-T Datasheet HTML 10Page - Maxim Integrated Products MAX4792EUS-T Datasheet HTML 11Page - Maxim Integrated Products MAX4792EUS-T Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Applications Information
Input Capacitor
To limit the input voltage drop during momentary output
short-circuit conditions, connect a capacitor from IN to
GND. A 0.1µF ceramic capacitor is adequate for most
applications; however, higher capacitor values further
reduce the voltage drop at the input and are recom-
mended for lower voltage applications.
Output Capacitance
Connect a 0.1µF capacitor from OUT to GND. This
capacitor helps prevent inductive parasitics from
pulling OUT negative during turn-off, thus preventing
the MAX4789–MAX4794 from tripping erroneously. If
the load capacitance is too large, then current may not
have enough time to charge the capacitance and the
device assumes that there is a faulty load condition.
The maximum capacitive load value that can be driven
from OUT is obtained by the following formula:
Layout and Thermal Dissipation
To optimize the switch response time to output short-
circuit conditions, it is very important to keep all traces
as short as possible to reduce the effect of undesirable
parasitic inductance. Place input and output capacitors
as close as possible to the device (no more than 5mm).
IN and OUT pins must be connected with short traces
to the power bus.
During normal operation, the power dissipation is small
and the package temperature change is minimal. If the
output is continuously shorted to ground at the maxi-
mum supply voltage, the operation of the switches with
the autoretry option does not cause problems because
the total power dissipated during the short is scaled by
the duty cycle:
where VIN = 5.5V, IOUT = 450mA, tBLANK = 14ms, and
tRETRY = 98ms.
Attention must be given to the MAX4789, MAX4791,
and MAX4793 where the latch-off condition must be
manually reset by toggling ON from high to low. If the
latch-off time duration is not sufficiently high, it is possi-
ble for the device to reach the thermal-shutdown
threshold and never be able to turn the device on until
it cools down.
Chip Information
TRANSISTOR COUNT: 1408
PROCESS: BiCMOS
P
VI
t
tt
mW
MAX
IN MAX
OUT MAX
BLANK
RETRY
BLANK
=
××
+
=
__
302
C
It
V
MAX
FWD MIN
BLANK MIN
IN
<
×
__
200mA/250mA/300mA Current-Limit Switches
8
_______________________________________________________________________________________
LOAD
CURRENT
SWITCH
STATUS
ON PIN
VOLTAGE
tBLANK
tBLANK
OFF
ON
(a)
(b)
UVLO
LOAD
CURRENT
SWITCH
STATUS
IN PIN
VOLTAGE
OFF
ON
tBLANK
tBLANK
FLAG PIN
STATUS
FLAG PIN
STATUS
Figure 3. MAX4789/MAX4791/MAX4793 Latch-Off Fault
Blanking


Similar Part No. - MAX4792EUS-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4792EUS+T MAXIM-MAX4792EUS+T Datasheet
168Kb / 11P
   200mA/250mA/300mA Current-Limit Switches
Rev 3; 10/08
MAX4792EUS+T MAXIM-MAX4792EUS+T Datasheet
1Mb / 12P
   200mA/250mA/300mA Current-Limit Switches
2019
More results

Similar Description - MAX4792EUS-T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4789 MAXIM-MAX4789_08 Datasheet
168Kb / 11P
   200mA/250mA/300mA Current-Limit Switches
Rev 3; 10/08
MAX4789 MAXIM-MAX4789_V01 Datasheet
1Mb / 12P
   200mA/250mA/300mA Current-Limit Switches
2019
logo
Fitipower Integrated Te...
FP6866 FITIPOWER-FP6866 Datasheet
376Kb / 9P
   200mA Current-Limit Switches
logo
Maxim Integrated Produc...
MAX4914B MAXIM-MAX4914B Datasheet
187Kb / 11P
   100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
Rev 2; 6/08
MAX4914B MAXIM-MAX4914B_V01 Datasheet
1Mb / 12P
   100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
2016
MAX4772 MAXIM-MAX4772 Datasheet
302Kb / 10P
   200mA/500mA Selectable Current-Limit Switches
19-2926; Rev 0; 7/03
MAX14575A MAXIM-MAX14575A Datasheet
1Mb / 11P
   250mA to 2.5A Adjustable Current-Limit Switches
Rev 0; 9/12
MAX14575A MAXIM-MAX14575A_V01 Datasheet
610Kb / 11P
   250mA to 2.5A Adjustable Current-Limit Switches
2015
MAX14523A MAXIM-MAX14523A Datasheet
275Kb / 10P
   250mA to 1.5A, Adjustable Current-Limit Switches
Rev 0; 7/09
MAX14523A MAXIM-MAX14523A_11 Datasheet
349Kb / 11P
   250mA to 1.5A, Adjustable Current-Limit Switches
Rev 1; 1/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com