Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4790ETT Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX4790ETT
Description  200mA/250mA/300mA Current-Limit Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4790ETT Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX4790ETT Datasheet HTML 4Page - Maxim Integrated Products MAX4790ETT Datasheet HTML 5Page - Maxim Integrated Products MAX4790ETT Datasheet HTML 6Page - Maxim Integrated Products MAX4790ETT Datasheet HTML 7Page - Maxim Integrated Products MAX4790ETT Datasheet HTML 8Page - Maxim Integrated Products MAX4790ETT Datasheet HTML 9Page - Maxim Integrated Products MAX4790ETT Datasheet HTML 10Page - Maxim Integrated Products MAX4790ETT Datasheet HTML 11Page - Maxim Integrated Products MAX4790ETT Datasheet HTML 12Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
200mA/250mA/300mA Current-Limit Switches
_______________________________________________________________________________________
9
Selector Guide
PART
PIN-
PACKAGE
CURRENT
LIMIT (mA)
FLAG
FUNCTION
AUTO-
RETRY
MAX4789EUS
4 SOT143
200
No
No
MAX4789EUK 5 SOT23
200
Yes
No
MAX4789ETT
6 TDFN
200
Yes
No
MAX4790EUS
4 SOT143
200
No
Yes
MAX4790ETT
6 TDFN
200
No
Yes
MAX4791EUS
4 SOT143
250
No
No
MAX4791EUK 5 SOT23
250
Yes
No
MAX4791ETT
6 TDFN
250
Yes
No
MAX4792EUS
4 SOT143
250
No
Yes
MAX4792ETT
6 TDFN
250
No
Yes
MAX4793EUS
4 SOT143
300
No
No
MAX4793EUK 5 SOT23
300
Yes
No
MAX4793ETT
6 TDFN
300
Yes
No
MAX4794EUS
4 SOT143
300
No
Yes
MAX4794ETT
6 TDFN
300
No
Yes
GND
N.C.
1
OUT
*( ) FOR THE MAX4790, MAX4792, AND MAX4794.
IN
FLAG (N.C.)
MAX4789–
MAX4794
3mm x 3mm TDFN
TOP VIEW
2
3
6
5
4
ON
Pin Configurations (continued)
Ordering Information (continued)
PART
TEMP RANGE
PIN-PACKAGE
TOP
MARK
MAX4791EUS-T
-40°C to +85°C
4 SOT143-4
KAFG
MAX4791EUK-T
-40°C to +85°C
5 SOT23-5
AEAE
MAX4791ETT
-40°C to +85°C
6 TDFN-EP*
ABQ
MAX4792EUS-T
-40°C to +85°C
4 SOT143-4
KAFH
MAX4792ETT
-40°C to +85°C
6 TDFN-EP*
ABR
MAX4793EUS-T
-40°C to +85°C
4 SOT143-4
KAFI
MAX4793EUK-T
-40°C to +85°C
5 SOT23-5
AEAG
MAX4793ETT
-40°C to +85°C
6 TDFN-EP*
ABS
MAX4794EUS-T
-40°C to +85°C
4 SOT143-4
KAFJ
MAX4794ETT
-40°C to +85°C
6 TDFN-EP*
ABT
*EP = Exposed pad.


Similar Part No. - MAX4790ETT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4790ETT++ MAXIM-MAX4790ETT+ Datasheet
168Kb / 11P
   200mA/250mA/300mA Current-Limit Switches
Rev 3; 10/08
MAX4790ETT++ MAXIM-MAX4790ETT+ Datasheet
1Mb / 12P
   200mA/250mA/300mA Current-Limit Switches
2019
More results

Similar Description - MAX4790ETT

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4789 MAXIM-MAX4789_08 Datasheet
168Kb / 11P
   200mA/250mA/300mA Current-Limit Switches
Rev 3; 10/08
MAX4789 MAXIM-MAX4789_V01 Datasheet
1Mb / 12P
   200mA/250mA/300mA Current-Limit Switches
2019
logo
Fitipower Integrated Te...
FP6866 FITIPOWER-FP6866 Datasheet
376Kb / 9P
   200mA Current-Limit Switches
logo
Maxim Integrated Produc...
MAX4914B MAXIM-MAX4914B Datasheet
187Kb / 11P
   100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
Rev 2; 6/08
MAX4914B MAXIM-MAX4914B_V01 Datasheet
1Mb / 12P
   100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
2016
MAX4772 MAXIM-MAX4772 Datasheet
302Kb / 10P
   200mA/500mA Selectable Current-Limit Switches
19-2926; Rev 0; 7/03
MAX14575A MAXIM-MAX14575A Datasheet
1Mb / 11P
   250mA to 2.5A Adjustable Current-Limit Switches
Rev 0; 9/12
MAX14575A MAXIM-MAX14575A_V01 Datasheet
610Kb / 11P
   250mA to 2.5A Adjustable Current-Limit Switches
2015
MAX14523A MAXIM-MAX14523A Datasheet
275Kb / 10P
   250mA to 1.5A, Adjustable Current-Limit Switches
Rev 0; 7/09
MAX14523A MAXIM-MAX14523A_11 Datasheet
349Kb / 11P
   250mA to 1.5A, Adjustable Current-Limit Switches
Rev 1; 1/11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com