Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4303RGTT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # THS4303RGTT
Description  WIDEBAND FIXED-GAIN AMPLIFIER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4303RGTT Datasheet(HTML) 2 Page - Texas Instruments

  THS4303RGTT Datasheet HTML 1Page - Texas Instruments THS4303RGTT Datasheet HTML 2Page - Texas Instruments THS4303RGTT Datasheet HTML 3Page - Texas Instruments THS4303RGTT Datasheet HTML 4Page - Texas Instruments THS4303RGTT Datasheet HTML 5Page - Texas Instruments THS4303RGTT Datasheet HTML 6Page - Texas Instruments THS4303RGTT Datasheet HTML 7Page - Texas Instruments THS4303RGTT Datasheet HTML 8Page - Texas Instruments THS4303RGTT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(TOP VIEW)
RGT PACKAGE
1
2
3
4
5
6
7
8
12
11
10
9
16 15 14 13
NC = No connect
VS−
VS+
VOUT
THS4303
SLOS421B – NOVEMBER 2003 – REVISED JANUARY 2005
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated
circuits be handled with appropriate precautions. Failure to observe proper handling and installation
procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision
integrated circuits may be more susceptible to damage because very small parametric changes could
cause the device not to meet its published specifications.
over operating free-air temperature range unless otherwise noted(1)
UNIT
VS
Supply voltage
6 V
VI
Input voltage
±V
S
IO
Output current
200 mA
Continuous power dissipation See Dissipation Rating Table
TJ((2))
Maximum junction temperature
150
°C
TJ((3))
Maximum junction temperature, continuous operation, longterm reliability
125
°C
TA
Operating free-air temperature range
–40
°C to 85°C
Tstg
Storage temperature range
–65
°C to 150°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
300
°C
ESD ratings:
HBM
3000
CDM
1500
MM
200
(1)
Stresses above these ratings may cause permanent damage. Exposure to absolute maximum conditions for extended periods may
degrade device reliability. These are stress ratings only, and functional operation of the device at these or any other conditions beyond
those specified is not implied.
(2)
The THS4303 device may incorporate a PowerPAD™ on the underside of the chip. This acts as a heatsink and must be connected to a
thermally dissipative plane for proper power dissipation. Failure to do so may result in exceeding the maximum junction temperature
which can permanently damage the device. See TI technical brief SLMA002 and SLMA004 for more information about utilizing the
PowerPAD thermally enhanced package.
(3)
The absolute maximum temperature under any condition is limited by the constraints of the silicon process.
2


Similar Part No. - THS4303RGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4303RGTT TI1-THS4303RGTT Datasheet
1Mb / 30P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
THS4303RGTTG4 TI1-THS4303RGTTG4 Datasheet
1Mb / 30P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
More results

Similar Description - THS4303RGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4303 TI1-THS4303_14 Datasheet
1Mb / 30P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
THS4302 TI-THS4302 Datasheet
602Kb / 23P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
THS4302 TI1-THS4302_14 Datasheet
1Mb / 28P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
OPA682 TI1-OPA682 Datasheet
226Kb / 21P
[Old version datasheet]   Wideband, Fixed Gain BUFFER AMPLIFIER
OPA692 TI1-OPA692 Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER
OPA653 TI-OPA653 Datasheet
697Kb / 19P
[Old version datasheet]   Wideband, Fixed Gain, JFET-Input AMPLIFIER
OPA653 TI-OPA653_15 Datasheet
1Mb / 26P
[Old version datasheet]   Wideband, Fixed Gain, JFET-Input AMPLIFIER
OPA3682 TI1-OPA3682 Datasheet
218Kb / 20P
[Old version datasheet]   Triple, Wideband, Fixed Gain BUFFER AMPLIFIER
logo
Burr-Brown (TI)
OPA682 BURR-BROWN-OPA682 Datasheet
213Kb / 20P
   Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA693 TI1-OPA693 Datasheet
981Kb / 32P
[Old version datasheet]   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com