Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4303RGTT Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # THS4303RGTT
Description  WIDEBAND FIXED-GAIN AMPLIFIER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4303RGTT Datasheet(HTML) 9 Page - Texas Instruments

Back Button THS4303RGTT Datasheet HTML 5Page - Texas Instruments THS4303RGTT Datasheet HTML 6Page - Texas Instruments THS4303RGTT Datasheet HTML 7Page - Texas Instruments THS4303RGTT Datasheet HTML 8Page - Texas Instruments THS4303RGTT Datasheet HTML 9Page - Texas Instruments THS4303RGTT Datasheet HTML 10Page - Texas Instruments THS4303RGTT Datasheet HTML 11Page - Texas Instruments THS4303RGTT Datasheet HTML 12Page - Texas Instruments THS4303RGTT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
www.ti.com
1
100
100
1 k
10 k
100 k
1 M
10 M
10
Vn
In
f − Frequency − Hz
25
27
29
31
33
35
37
39
41
43
0
50
100
150
200
250
300
f − Frequency − MHz
49.9
49.9
+2.5V
−2.5V
49.9
50 Test
Equipment
THS4303
50 Source
Test data
measurement
point
Note: Add 3 dB to Reference Data to
The Output of the Amplifier.
VO = 1 VPP Envelope
RL = 100 Ω
VS = 5 V
200 kHz Tone Spacing
40
45
50
55
60
65
70
75
80
0
50
100
150
200
250
300
49.9
49.9
+2.5V
−2.5V
49.9
50 Test
Equipment
THS4303
50 Source
Test data
measurement
point
f − Frequency − MHz
VO = 1 VPP Envelope
RL = 100 Ω
VS = 5 V
200 kHz Tone Spacing
Note: Add 3 dB to Reference Data to
The Output of the Amplifier.
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
0
1
2
3
4
5
6
7
8
9
t − Time − ns
RL = 100 Ω
VS = 5 V
Output
Input Pulse x 10
−1
−0.8
−0.6
−0.4
−0.2
0
0.2
0.4
0.6
0.8
1
0
1
2
3
4
5
6
7
8
9
t − Time − ns
RL = 100 Ω
VS = 5 V
Input Pulse x 10
Output
0
5
10
15
20
25
30
35
40
45
50
2.5 2.75 3
3.25 3.5 3.75 4 4.25 4.5 4.75 5
TA = −40°C
VS − Supply Voltage − V
TA = 85°C
TA = 25°C
19.9
19.92
19.94
19.96
19.98
20
20.02
20.04
20.06
20.08
20.1
−40−30−20−100 10 20 30 40 50 60 70 80 90
TC − Case Temperature − °C
VS = 5 V
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
1
10
100
1000
RL − Load Resistance − Ω
VS = 5 V
TA = −40 to 85°C
10
12
14
16
18
20
22
1 M
10 M
100 M
1 G
f − Frequency − Hz
RL = 100 Ω
VS = 5 V
RISO = 25 Ω, CL = 10 pF
RISO = 15 Ω, CL = 47 pF
RISO= 10 Ω, CL = 100 pF
+
RISO
CL
THS4303
SLOS421B – NOVEMBER 2003 – REVISED JANUARY 2005
TYPICAL THS4303 CHARACTERISTICS (5 V) (continued)
SECOND-ORDER
OUTPUT INTERCEPT
THIRD-ORDER OUTPUT INTERCEPT
VOLTAGE AND CURRENT NOISE
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 10.
Figure 11.
Figure 12.
QUIESCENT CURRENT
vs
SETTLING TIME
SETTLING TIME
SUPPLY VOLTAGE
Figure 13.
Figure 14.
Figure 15.
OUTPUT VOLTAGE
GAIN
vs
CAPACITIVE LOAD FREQUENCY
vs
LOAD RESISTANCE
RESPONSE
CASE TEMPERATURE
Figure 16.
Figure 17.
Figure 18.
9


Similar Part No. - THS4303RGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4303RGTT TI1-THS4303RGTT Datasheet
1Mb / 30P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
THS4303RGTTG4 TI1-THS4303RGTTG4 Datasheet
1Mb / 30P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
More results

Similar Description - THS4303RGTT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4303 TI1-THS4303_14 Datasheet
1Mb / 30P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
THS4302 TI-THS4302 Datasheet
602Kb / 23P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
THS4302 TI1-THS4302_14 Datasheet
1Mb / 28P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
OPA682 TI1-OPA682 Datasheet
226Kb / 21P
[Old version datasheet]   Wideband, Fixed Gain BUFFER AMPLIFIER
OPA692 TI1-OPA692 Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER
OPA653 TI-OPA653 Datasheet
697Kb / 19P
[Old version datasheet]   Wideband, Fixed Gain, JFET-Input AMPLIFIER
OPA653 TI-OPA653_15 Datasheet
1Mb / 26P
[Old version datasheet]   Wideband, Fixed Gain, JFET-Input AMPLIFIER
OPA3682 TI1-OPA3682 Datasheet
218Kb / 20P
[Old version datasheet]   Triple, Wideband, Fixed Gain BUFFER AMPLIFIER
logo
Burr-Brown (TI)
OPA682 BURR-BROWN-OPA682 Datasheet
213Kb / 20P
   Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA693 TI1-OPA693 Datasheet
981Kb / 32P
[Old version datasheet]   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com