Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4303RGTR Datasheet(PDF) 8 Page - Texas Instruments

Part # THS4303RGTR
Description  WIDEBAND FIXED-GAIN AMPLIFIER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4303RGTR Datasheet(HTML) 8 Page - Texas Instruments

Back Button THS4303RGTR Datasheet HTML 4Page - Texas Instruments THS4303RGTR Datasheet HTML 5Page - Texas Instruments THS4303RGTR Datasheet HTML 6Page - Texas Instruments THS4303RGTR Datasheet HTML 7Page - Texas Instruments THS4303RGTR Datasheet HTML 8Page - Texas Instruments THS4303RGTR Datasheet HTML 9Page - Texas Instruments THS4303RGTR Datasheet HTML 10Page - Texas Instruments THS4303RGTR Datasheet HTML 11Page - Texas Instruments THS4303RGTR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
www.ti.com
TYPICAL THS4303 CHARACTERISTICS (5 V)
10
12
14
16
18
20
22
100 k
1 M
10 M
100 M
1 G
10 G
f − Frequency − Hz
RL = 100 Ω
VO = 100 mVPP
VS = 5 V
0
2
4
6
8
10
12
14
16
18
20
22
100 k
1 M
10 M
100 M
1 G
10 G
RL = 100 Ω
VO = 2 VPP
VS = 5 V
f − Frequency − Hz
100 k
1 M
10 M
100 M
1 G
10 G
−100
−80
−60
−40
−20
0
20
40
f − Frequency − Hz
VS = 5 V
S11
S12
S22
S21
−100
−80
−75
1
10
100
f − Frequency − MHz
−95
−90
−85
−70
−65
−60
HD3, VO = 2 VPP
HD2, VO = 2 VPP
HD2,
VO = 1 VPP
HD3,
VO = 1 VPP
RL = 100 Ω
VS = 5 V
−55
−100
−95
−90
−85
−80
−75
−70
−65
1
10
100
f − Frequency − MHz
RL = 1 kΩ
VS = 5 V
HD3, VO = 2 VPP
HD2, VO = 2 VPP
HD3, VO = 1 VPP
HD2, VO = 1 VPP
−60
−55
0
1000
2000
3000
4000
5000
6000
7000
0
0.5
1
1.5
2
2.5
VO − Output Voltage − VPP
RL = 100 Ω
VS = 5 V
Fall
Rise
−100
−90
−80
−70
−60
−50
−40
0
0.5
1
1.5
2
2.5
VO − Output Voltage Swing − VPP
RL = 100 Ω
VS = 5 V
HD3, f = 64 MHz
HD2, f = 64 MHz
HD2, f = 8 MHz
HD3, f = 8 MHz
−100
−95
−90
−85
−80
−75
−70
−65
−60
−55
−50
10 M
100 M
1 G
f − Frequency − Hz
VO = 2 VPP
Envelope
VO = 1 VPP
Envelpoe
RL = 100 Ω
VS = 5 V
200 kHz Tone Spacing
−90
−85
−80
−75
−70
−65
−60
−55
−50
10 M
100 M
1 G
f − Frequency − Hz
RL = 100 Ω
VS = 5 V
200 kHz Tone Spacing
VO = 2 VPP
Envelope
VO = 1 VPP
Envelope
THS4303
SLOS421B – NOVEMBER 2003 – REVISED JANUARY 2005
S-PARAMETER
vs
SMALL SIGNAL
LARGE SIGNAL
FREQUENCY
FREQUENCY RESPONSE
FREQUENCY RESPONSE
Figure 1.
Figure 2.
Figure 3.
SLEW RATE
HARMONIC DISTORTION
HARMONIC DISTORTION
vs
vs
vs
OUTPUT VOLTAGE
FREQUENCY
FREQUENCY
Figure 4.
Figure 5.
Figure 6.
SECOND-ORDER
THIRD-ORDER
HARMONIC DISTORTION
INTERMODULATION DISTORTION
INTERMODULATION DISTORTION
vs
vs
vs
OUTPUT VOLTAGE SWING
FREQUENCY
FREQUENCY
Figure 7.
Figure 8.
Figure 9.
8


Similar Part No. - THS4303RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4303RGTT TI1-THS4303RGTT Datasheet
1Mb / 30P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
THS4303RGTTG4 TI1-THS4303RGTTG4 Datasheet
1Mb / 30P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
More results

Similar Description - THS4303RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
THS4303 TI1-THS4303_14 Datasheet
1Mb / 30P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
THS4302 TI-THS4302 Datasheet
602Kb / 23P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
THS4302 TI1-THS4302_14 Datasheet
1Mb / 28P
[Old version datasheet]   WIDEBAND FIXED-GAIN AMPLIFIER
OPA682 TI1-OPA682 Datasheet
226Kb / 21P
[Old version datasheet]   Wideband, Fixed Gain BUFFER AMPLIFIER
OPA692 TI1-OPA692 Datasheet
1Mb / 30P
[Old version datasheet]   Wideband, Fixed Gain Video BUFFER AMPLIFIER
OPA653 TI-OPA653 Datasheet
697Kb / 19P
[Old version datasheet]   Wideband, Fixed Gain, JFET-Input AMPLIFIER
OPA653 TI-OPA653_15 Datasheet
1Mb / 26P
[Old version datasheet]   Wideband, Fixed Gain, JFET-Input AMPLIFIER
OPA3682 TI1-OPA3682 Datasheet
218Kb / 20P
[Old version datasheet]   Triple, Wideband, Fixed Gain BUFFER AMPLIFIER
logo
Burr-Brown (TI)
OPA682 BURR-BROWN-OPA682 Datasheet
213Kb / 20P
   Wideband, Fixed Gain BUFFER AMPLIFIER With Disable
logo
Texas Instruments
OPA693 TI1-OPA693 Datasheet
981Kb / 32P
[Old version datasheet]   Ultra-Wideband, Fixed Gain Video BUFFER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com