Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NESG2030M04 Datasheet(PDF) 1 Page - NEC

Part # NESG2030M04
Description  NONLINEAR MODEL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NESG2030M04 Datasheet(HTML) 1 Page - NEC

  NESG2030M04 Datasheet HTML 1Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
NESG2030M04
NPN SiGe HIGH FREQUENCY TRANSISTOR
M04
DESCRIPTION
The NESG2030M04 is fabricated using NEC's state-of-the-art
SiGe, wafer process. With a typical transition frequency of
60 GHz the NESG2030M04 is usable in applications from 100
MHz to over 10 GHz. Maximum DC current input of 35 mA
provides a device with a usable current range of 250 µA to 25
mA. The NESG2030M04 provides excellent low voltage/low
current performance.
NEC's new low profile/flat lead style "M04" package is ideal for
today's portable wireless applications. The NESG2030M04 is
an ideal choice for LNA and oscillator requirements in all
mobile communication systems.
California Eastern Laboratories
PART NUMBER
NESG2030M04
EIAJ1 REGISTERED NUMBER
2SC5761
PACKAGE OUTLINE
M04
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
ICBO
Collector Cutoff Current at VCB = 5V, IE = 0
nA
200
IEBO
Emitter Cutoff Current at VEB = 0.5 V, IC = 0
nA
200
hFE
DC Current Gain2 at VCE = 2 V, IC = 5 mA
200
400
Cre
Reverse Transfer Capacitance3 at VCB = 2 V, IE = 0 mA, f = 1 GHz
pF
0.17
0.22
NF
Noise Figure at VCE = 2 V, IC = 5 mA, f = 2 GHz, ZIN = ZOPT
dB
0.9
1.1
Ga
Associated Gain at VCE = 2 V, IC = 5 mA, f = 2 GHz, ZS = ZOPT
GHz
16
MSG
Maximum Stable Gain4 at VCE = 2 V, IC = 20 mA, f = 2 GHz
dB
18
20
|S21E|2
Insertion Power Gain at VCE = 2 V, IC = 20 mA, f = 2 GHz
dB
16
18
P1dB
Output Power at 1 dB compression point
dBm
12
VCE = 2 V, IC = 20 mA, f = 2 GHz
OIP3
Third Order Intercept Point, VCE = 2 V, IC = 20 mA, f = 2 GHz
dBm
22
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Notes:
1. Electronic Industrial Association of Japan.
2. Pulsed measurement, pulse width ≤ 350 µs, duty cycle ≤ 2 %.
3. Collector to base capacitance is measured by capacitance meter (automatic balance bridge method) when emitter pin is connected to
the guard pin.
4. MSG = S21
S12
SiGe TECHNOLOGY:
fT = 60 GHz Process
LOW NOISE FIGURE:
NF = 0.9 dBm at 2 GHz
HIGH MAXIMUM STABLE GAIN:
MSG = 20 dB at 2 GHz
NEW LOW PROFILE M04 PACKAGE:
SOT-343 footprint, with a height of only 0.59 mm
Flat lead style for better RF performance
FEATURES
PART NUMBER
QUANTITY
NESG2030M04
50 pcs(non reel)
NESG2030M04-T2
3 kpcs/reel
ORDERING INFORMATION


Similar Part No. - NESG2030M04

ManufacturerPart #DatasheetDescription
logo
NEC
NESG2030M04 NEC-NESG2030M04 Datasheet
151Kb / 9P
   NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NESG2030M04 CEL-NESG2030M04 Datasheet
466Kb / 10P
   NPN SiGe HIGH FREQUENCY TRANSISTOR
NESG2030M04-A CEL-NESG2030M04-A Datasheet
466Kb / 10P
   NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
NEC
NESG2030M04-T2 NEC-NESG2030M04-T2 Datasheet
151Kb / 9P
   NPN SiGe HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NESG2030M04-T2 CEL-NESG2030M04-T2 Datasheet
466Kb / 10P
   NPN SiGe HIGH FREQUENCY TRANSISTOR
More results

Similar Description - NESG2030M04

ManufacturerPart #DatasheetDescription
logo
NEC
NE68135 NEC-NE68135 Datasheet
26Kb / 1P
   NONLINEAR MODEL
logo
California Eastern Labs
NE85619 CEL-NE85619 Datasheet
30Kb / 1P
   NONLINEAR MODEL
NE68119 CEL-NE68119 Datasheet
46Kb / 1P
   NONLINEAR MODEL
NE68130 CEL-NE68130 Datasheet
30Kb / 1P
   NONLINEAR MODEL
NE68030 CEL-NE68030 Datasheet
30Kb / 1P
   NONLINEAR MODEL
NE85633 CEL-NE85633 Datasheet
30Kb / 1P
   NONLINEAR MODEL
NE68019 CEL-NE68019 Datasheet
70Kb / 1P
   NONLINEAR MODEL
UPA801T_V1 CEL-UPA801T_V1 Datasheet
19Kb / 2P
   NONLINEAR MODEL
logo
NEC
NE68035 NEC-NE68035 Datasheet
26Kb / 1P
   NONLINEAR MODEL
logo
California Eastern Labs
NE85639 CEL-NE85639 Datasheet
37Kb / 1P
   NONLINEAR MODEL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com