Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE3025 Datasheet(PDF) 1 Page - NTE Electronics

Part # NTE3025
Description  Light Emitting Diode (LED)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE3025 Datasheet(HTML) 1 Page - NTE Electronics

  NTE3025 Datasheet HTML 1Page - NTE Electronics NTE3025 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NTE3025
Light Emitting Diode (LED)
Description:
The NTE3025 is a red Light emitting Gallium Arsenide Phosphide diode in a T–1 3/4 (5mm) type pack-
age designed for use in applications such as instruments, printed circuit board indicators, and board
mounted panel displays.
Features:
D Low Power Consumption
D High Intensity
D IC Compatible/Low Current Requirements
D Versatile mounting on P.C. board or panel
D Reliable and Rugged
Absolute Maximum Ratings: (TA = +25°C unless otherwise specified)
Power Dissipation, PD
110mW
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width), IF(Peak)
200mA
. . . . . . . . . . . . . . . . . .
Continuos Forward Current, IF
40mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Derate Linearly Above 25
°C
0.5mA/
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reverse Voltage, VR
5V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating Temperature Range, TA
–55
° to +100°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage Temperature Range, Tstg
–55
° to +100°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead Temperature (During Soldering, .063 in. (1.6mm) from Body for 5sec), TL
+260
°C
. . . . . . . . . .
Electrical/Optical Characteristics: (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Luminous Intensity
IV
IF = 10mA, Note 1
0.3
1.1
mcd
Viewing Angle
2
Θ1/2
Note 2
36
deg.
Peak Emission Wavelength
λP
655
nm
Spectral Line Half Width
∆λ
40
nm
Forward Voltage
VF
IF = 20mA
1.7
2.0
V
Reverse Current
IR
VR = 5V
100
µA
Capacitance
C
VF = 0, f = 1MHz
30
pF
Note 1. Luminous intensity is measured with a light sensor and filter combination that approximates
the CIE (Commission Internationale De L
′Eclairage) eye–response curve.
Note 2.
Θ1/2 is the off–axis angle at which the liminous intensity is half the axial luminous intensity.


Similar Part No. - NTE3025

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3020 NTE-NTE3020 Datasheet
20Kb / 3P
   Light Emitting Diode (LED)
NTE3024 NTE-NTE3024 Datasheet
20Kb / 3P
   Light Emitting Diode (LED)
NTE3026 NTE-NTE3026 Datasheet
19Kb / 2P
   Light Emitting Diode (LED)
NTE3027 NTE-NTE3027 Datasheet
20Kb / 2P
   Infrared Emitting Diode High Speed for Remote Control
NTE3028 NTE-NTE3028 Datasheet
19Kb / 2P
   Infrared Emitting Diode PN Gallium Arsenide
More results

Similar Description - NTE3025

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3020 NTE-NTE3020 Datasheet
20Kb / 3P
   Light Emitting Diode (LED)
NTE3004 NTE-NTE3004 Datasheet
59Kb / 2P
   Light Emitting Diode (LED)
NTE30014 NTE-NTE30014 Datasheet
26Kb / 2P
   Light Emitting Diode (LED)
NTE3026 NTE-NTE3026 Datasheet
19Kb / 2P
   Light Emitting Diode (LED)
NTE30008 NTE-NTE30008 Datasheet
27Kb / 2P
   Light Emitting Diode (LED) Subminiature
logo
SHENZHEN YONGERJIA INDU...
WEJS51BC-EJ6 WINNERJOIN-WEJS51BC-EJ6 Datasheet
222Kb / 4P
   Light Emitting Diode
WEJS31GC-CJ3 WINNERJOIN-WEJS31GC-CJ3 Datasheet
223Kb / 4P
   Light Emitting Diode
WEJS31GC-DL4 WINNERJOIN-WEJS31GC-DL4 Datasheet
223Kb / 4P
   Light Emitting Diode
WEJS31WC-C83 WINNERJOIN-WEJS31WC-C83 Datasheet
223Kb / 4P
   Light Emitting Diode
WEJS31BC-C66 WINNERJOIN-WEJS31BC-C66 Datasheet
223Kb / 4P
   Light Emitting Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com